Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

S9706 Datasheet(PDF) 1 Page - Hamamatsu Corporation

Part # S9706
Description  Digital color sensor
Download  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  HAMAMATSU [Hamamatsu Corporation]
Direct Link  http://www.hamamatsu.com
Logo HAMAMATSU - Hamamatsu Corporation

S9706 Datasheet(HTML) 1 Page - Hamamatsu Corporation

  S9706 Datasheet HTML 1Page - Hamamatsu Corporation S9706 Datasheet HTML 2Page - Hamamatsu Corporation S9706 Datasheet HTML 3Page - Hamamatsu Corporation S9706 Datasheet HTML 4Page - Hamamatsu Corporation S9706 Datasheet HTML 5Page - Hamamatsu Corporation S9706 Datasheet HTML 6Page - Hamamatsu Corporation S9706 Datasheet HTML 7Page - Hamamatsu Corporation S9706 Datasheet HTML 8Page - Hamamatsu Corporation S9706 Datasheet HTML 9Page - Hamamatsu Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 11 page
background image
Digital color sensor
S11059-02DT/-03DS
I2C interface-compatible color sensor
www.hamamatsu.com
1
The S11059-02DT/-03DS is a digital color sensor that supports the I2C (inter-integrated circuit) interface. It is sensitive to
red (λ=615 nm), green (λ=530 nm), blue (λ=460 nm), and infrared (λ=855 nm) light, and outputs detected results as 16-
bit digital data for each color. The photodiode for each color is automatically switched sequentially to perform measurements.
The sensitivity and integration time can be adjusted so that light measurements can be performed over a wide range.
I2C interface compatible
Sequential measurements of red, green, blue, and infrared light
2-step sensitivity switching (sensitivity ratio 1 : 10)
Sensitivity adjustment by setting the integration time
Low voltage (2.5 V or 3.3 V) operation
Low current consumption: 75 μA typ.
With internal infrared-cut filter
LCD backlight adjustment for cell phones, notebook PC, etc.
Energy-saving sensor for large-size TV, etc.
Various types of light detection or color adjustment
Absolute maximum ratings
Recommended operating conditions
Parameter
Symbol
Condition
Value
Unit
Supply voltage
Vdd
Ta=25 °C
-0.3 to +6
V
Output current
Io
Ta=25 °C
±10
mA
Power dissipation
P
Ta=25 °C
300
mW
Operating temperature
Topr
No condensation
-25 to +80
°C
Storage temperature
Tstg
No condensation
-40 to +85
°C
Reflow soldering conditions*1
Tsol
Peak temperature 240 °C max., 1 time (see page 10)
-
*1: Moisture absorption and reflow conditions: JEDEC J-STD-020D LEVEL5a
Note: Exceeding the absolute maximum ratings even momentarily may cause a drop in product quality. Always be sure to use the
product within the absolute maximum ratings.
Parameter
Symbol
Condition
Min.
Typ.
Max.
Unit
Supply voltage
Vdd
2.25
-
3.63
V
I2C bus pull-up voltage*2
Vbus
Rp=2.2 kΩ
2.25
-
3.63
V
Bus capacitance (SDA, SCL)
Cbus
-
-
400
pF
*2: Pull-up resistor value is determined by Cbus and Vbus.
Note: Always use this product with Vdd=Vbus. Normal operation is not guaranteed unless Vdd is equal to Vbus.
Wide dynamic range (Low gain: 1 to 10 klx)
Features
Applications


Similar Part No. - S9706

ManufacturerPart #DatasheetDescription
logo
Hamamatsu Corporation
S9706 HAMAMATSU-S9706 Datasheet
76Kb / 3P
   Digital color sensor 12-bit digital output
S9706 HAMAMATSU-S9706_15 Datasheet
311Kb / 6P
   Digital color sensor
More results

Similar Description - S9706

ManufacturerPart #DatasheetDescription
logo
Hamamatsu Corporation
S11059-02DT HAMAMATSU-S11059-02DT_15 Datasheet
899Kb / 11P
   Digital color sensor
S9706 HAMAMATSU-S9706_15 Datasheet
311Kb / 6P
   Digital color sensor
S9706 HAMAMATSU-S9706 Datasheet
76Kb / 3P
   Digital color sensor 12-bit digital output
logo
AVAGO TECHNOLOGIES LIMI...
ADJD-S311-CR999 AVAGO-ADJD-S311-CR999 Datasheet
445Kb / 20P
   Miniature Surface Mount RGB Digital Color Sensor
ADJD-S313-QR999 AVAGO-ADJD-S313-QR999 Datasheet
195Kb / 16P
   Miniature Surface-Mount RGB Digital Color Sensor
ADJD-S312-CR999 AVAGO-ADJD-S312-CR999 Datasheet
267Kb / 18P
   Miniature Surface-Mount RGB Digital Color Sensor
logo
Pixart Imaging Inc.
PAS005B PIXART-PAS005B Datasheet
1Mb / 41P
   SXGA Color/Mono Digital CMOS Image Sensor
logo
List of Unclassifed Man...
ICM200E ETC1-ICM200E Datasheet
679Kb / 32P
   Megapixel (UXGA) Digital Color CMOS Image Sensor
logo
Motorola, Inc
MCM20014 MOTOROLA-MCM20014 Datasheet
799Kb / 54P
   1/3??Color VGA Digital Image Sensor
logo
List of Unclassifed Man...
C3038 ETC2-C3038 Datasheet
54Kb / 1P
   1/4??Color Sensor Module With Digital Output
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com