Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

DNRMV1924BK1 Datasheet(PDF) 1 Page - Hammond Manufacturing Ltd.

Part # DNRMV1924BK1
Description  PAINTED BLACK TEXTURED
Download  1 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  HAMMOND [Hammond Manufacturing Ltd.]
Direct Link  http://www.hammondmfg.com
Logo HAMMOND - Hammond Manufacturing Ltd.

DNRMV1924BK1 Datasheet(HTML) 1 Page - Hammond Manufacturing Ltd.

  DNRMV1924BK1 Datasheet HTML 1Page - Hammond Manufacturing Ltd.  
Zoom Inzoom in Zoom Outzoom out
 1 / 1 page
background image
Data subject to change without notice. Isometric drawing not to scale.
www.hammondmfg.com
PART NO.
DNRMV1924
PART NUMBERS
DNRMV1924BK1
PAINTED BLACK TEXTURED
FRONT VIEW
TOP VIEW
SIDE VIEW
Item Number
Title
Quantity
1
DNRM - VENTED SHELF
1
2
DNRM - MTG BRACKET
4
3
SCREW 10-32 X 3/8
8
4
10-32 KEP NUT
8
NOTES
Maximum Weight 275 lb
Mounting Hardware Included for 10-32 & 12-24 Tapped Rails
Some Assembly Required
17.51 in
445 mm
I/S
19.00 in
483 mm
18.35 in
466 mm
1.31 in
33 mm
17.62 in
448 mm
5.22 in
133 mm
24.00 in
610 mm
8.75 in
222 mm
8.75 in
222 mm
DETAIL A
8X
O0.25 X 0.38
MTG SLOT
8.06 in
205 mm
1.75 in
44 mm
16X
O0.21 X 0.75
MTG BRACKET SLOT
1
2
4X
15.00 in
381 mm
2.00 in
51 mm
20.00 in
508 mm
O0.19 X 1.00
VENTING SLOT
.50 in
13 mm
TYP
1.50 in
38 mm
TYP
DETAIL A
38X
48X


Similar Part No. - DNRMV1924BK1

ManufacturerPart #DatasheetDescription
logo
Hammond Manufacturing L...
DNRMV1924BK1 HAMMOND-DNRMV1924BK1 Datasheet
58Kb / 2P
   TABLETTE POUR BATTERIE A PROFILES PROFONDS, POUR MONAGE SUR DEUX MONTANTS
More results

Similar Description - DNRMV1924BK1

ManufacturerPart #DatasheetDescription
logo
Hammond Manufacturing L...
DNRMU1924 HAMMOND-DNRMU1924 Datasheet
195Kb / 1P
   PAINTED BLACK TEXTURED
DNRMV23 HAMMOND-DNRMV23 Datasheet
314Kb / 1P
   PAINTED BLACK TEXTURED
HPLD18 HAMMOND-HPLD18 Datasheet
139Kb / 1P
   PAINTED TEXTURED BLACK
HPLW14 HAMMOND-HPLW14 Datasheet
145Kb / 1P
   PAINTED TEXTURED BLACK
HPLW110 HAMMOND-HPLW110 Datasheet
147Kb / 1P
   PAINTED TEXTURED BLACK
DNRMA2320 HAMMOND-DNRMA2320 Datasheet
190Kb / 1P
   PAINTED BLACK TEXTURED
DNRMU2324 HAMMOND-DNRMU2324 Datasheet
197Kb / 1P
   PAINTED BLACK TEXTURED
HPB185 HAMMOND-HPB185 Datasheet
67Kb / 1P
   PAINTED TEXTURED BLACK
HPLD24 HAMMOND-HPLD24 Datasheet
139Kb / 1P
   PAINTED TEXTURED BLACK
HPLW24 HAMMOND-HPLW24 Datasheet
146Kb / 1P
   PAINTED TEXTURED BLACK
HPLW118 HAMMOND-HPLW118 Datasheet
146Kb / 1P
   PAINTED TEXTURED BLACK
More results


Html Pages

1


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com