Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

S10625-01CT Datasheet(PDF) 5 Page - Hamamatsu Corporation

Part # S10625-01CT
Description  Si photodiode
Download  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  HAMAMATSU [Hamamatsu Corporation]
Direct Link  http://www.hamamatsu.com
Logo HAMAMATSU - Hamamatsu Corporation

S10625-01CT Datasheet(HTML) 5 Page - Hamamatsu Corporation

  S10625-01CT Datasheet HTML 1Page - Hamamatsu Corporation S10625-01CT Datasheet HTML 2Page - Hamamatsu Corporation S10625-01CT Datasheet HTML 3Page - Hamamatsu Corporation S10625-01CT Datasheet HTML 4Page - Hamamatsu Corporation S10625-01CT Datasheet HTML 5Page - Hamamatsu Corporation  
Zoom Inzoom in Zoom Outzoom out
 5 / 5 page
background image
Cat. No. KSPD1081E01 Nov. 2013 DN
www.hamamatsu.com
HAMAMATSU PHOTONICS K.K., Solid State Division
1126-1 Ichino-cho, Higashi-ku, Hamamatsu City, 435-8558 Japan, Telephone: (81) 53-434-3311, Fax: (81) 53-434-5184
U.S.A.: Hamamatsu Corporation: 360 Foothill Road, P.O.Box 6910, Bridgewater, N.J. 08807-0910, U.S.A., Telephone: (1) 908-231-0960, Fax: (1) 908-231-1218
Germany: Hamamatsu Photonics Deutschland GmbH: Arzbergerstr. 10, D-82211 Herrsching am Ammersee, Germany, Telephone: (49) 8152-375-0, Fax: (49) 8152-265-8
France: Hamamatsu Photonics France S.A.R.L.: 19, Rue du Saule Trapu, Parc du Moulin de Massy, 91882 Massy Cedex, France, Telephone: 33-(1) 69 53 71 00, Fax: 33-(1) 69 53 71 10
United Kingdom: Hamamatsu Photonics UK Limited: 2 Howard Court, 10 Tewin Road, Welwyn Garden City, Hertfordshire AL7 1BW, United Kingdom, Telephone: (44) 1707-294888, Fax: (44) 1707-325777
North Europe: Hamamatsu Photonics Norden AB: Thorshamnsgatan 35 16440 Kista, Sweden, Telephone: (46) 8-509-031-00, Fax: (46) 8-509-031-01
Italy: Hamamatsu Photonics Italia S.R.L.: Strada della Moia, 1 int. 6, 20020 Arese, (Milano), Italy, Telephone: (39) 02-935-81-733, Fax: (39) 02-935-81-741
China: Hamamatsu Photonics (China) Co., Ltd.: 1201 Tower B, Jiaming Center, No.27 Dongsanhuan Beilu, Chaoyang District, Beijing 100020, China, Telephone: (86) 10-6586-6006, Fax: (86) 10-6586-2866
Product specifications are subject to change without prior notice due to improvements or other reasons. This document has been carefully prepared and the
information contained is believed to be accurate. In rare cases, however, there may be inaccuracies such as text errors. Before using these products, always
contact us for the delivery specification sheet to check the latest specifications.
Type numbers of products listed in the delivery specification sheets or supplied as samples may have a suffix "(X)" which means preliminary specifications or
a suffix "(Z)" which means developmental specifications.
The product warranty is valid for one year after delivery and is limited to product repair or replacement for defects discovered and reported to us within that
one year period. However, even if within the warranty period we accept absolutely no liability for any loss caused by natural disasters or improper product
use.
Copying or reprinting the contents described in this material in whole or in part is prohibited without our prior permission.
Information described in this material is current as of November, 2013.
S10625-01CT
Si photodiode
5
KSPDB0313EB
Measured example of temperature profile with our hot-air reflow oven for product testing
∙ This product supports lead-free soldering. After unpacking, store it in an environment at a temperature of 30 °C or less and a
humidity of 60% or less, and perform soldering within 72 hours.
∙ The effect that the product receives during reflow soldering varies depending on the circuit board and reflow oven that are used.
Before actual reflow soldering, check for any problems by tesitng out the reflow soldering methods in advance.
300 °C
220 °C
190 °C
170 °C
Preheat
70
90 s
240 °C max.
Time
Soldering
40 s max.
Related information
∙ Notice
∙ Surface mount type products / Precautions
Technical information
∙ Si photodiode / Application circuit examples
Precautions
www.hamamatsu.com/sp/ssd/doc_en.html


Similar Part No. - S10625-01CT

ManufacturerPart #DatasheetDescription
logo
Hamamatsu Corporation
S10625-01CT HAMAMATSU-S10625-01CT_15 Datasheet
518Kb / 5P
   Si photodiode
More results

Similar Description - S10625-01CT

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
KPD701H ETC-KPD701H Datasheet
139Kb / 2P
   Si Photodiode
logo
Hamamatsu Corporation
S9032-02 HAMAMATSU-S9032-02_15 Datasheet
474Kb / 4P
   Si photodiode
S8265 HAMAMATSU-S8265_15 Datasheet
91Kb / 3P
   Si photodiode
logo
Roithner LaserTechnik G...
IQ80XL ROITHNER-IQ80XL Datasheet
177Kb / 2P
   Si Photodiode
logo
Hamamatsu Corporation
S9674 HAMAMATSU-S9674_15 Datasheet
227Kb / 5P
   Si photodiode
S10043 HAMAMATSU-S10043_15 Datasheet
175Kb / 3P
   Si photodiode
S1087 HAMAMATSU-S1087 Datasheet
152Kb / 4P
   Si photodiode
S7686 HAMAMATSU-S7686_15 Datasheet
191Kb / 4P
   Si photodiode
S4349 HAMAMATSU-S4349_15 Datasheet
200Kb / 4P
   Si photodiode
S2551 HAMAMATSU-S2551_15 Datasheet
423Kb / 4P
   Si photodiode
More results


Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com