Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

A11134-04 Datasheet(PDF) 6 Page - Hamamatsu Corporation

Part # A11134-04
Description  Quantum Cascade Laser
Download  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  HAMAMATSU [Hamamatsu Corporation]
Direct Link  http://www.hamamatsu.com
Logo HAMAMATSU - Hamamatsu Corporation

A11134-04 Datasheet(HTML) 6 Page - Hamamatsu Corporation

  A11134-04 Datasheet HTML 1Page - Hamamatsu Corporation A11134-04 Datasheet HTML 2Page - Hamamatsu Corporation A11134-04 Datasheet HTML 3Page - Hamamatsu Corporation A11134-04 Datasheet HTML 4Page - Hamamatsu Corporation A11134-04 Datasheet HTML 5Page - Hamamatsu Corporation A11134-04 Datasheet HTML 6Page - Hamamatsu Corporation A11134-04 Datasheet HTML 7Page - Hamamatsu Corporation A11134-04 Datasheet HTML 8Page - Hamamatsu Corporation  
Zoom Inzoom in Zoom Outzoom out
 6 / 8 page
background image
PERIPHERAL INSTRUMENTS AND ACCESSORIES
54321
9876
5
4
3
2
1
10
9
8
7
6
15
14 13 12 11
Inch screw #4-40
Milli screw M2.6
Wire for interlock circuit
2 m
D-Sub 9 pin Female
High density D-Sub 15 pin Male
PC Side
C11330 Side
D-Sub 9 pin layout
High density D-Sub 15 pin layout
Interlock
Frame Ground
Pin No.
Signal
1
2
3
4
5
6
7
8
INTERLOCK
ALARM
RS-422 Rx+
RS-422 Tx+
RS-232C Rx
GND
GND
GND
Pin No.
Signal
9
10
11
12
13
14
15
GND
Frame Ground
START
STABLE
RS-422 Rx-
RS-422 Tx-
RS-232C Tx
Pin No.
Signal
1
2
3
4
5
6
7
8
9
DCD
RxD
TxD
DTR
GND
DSR
RTS
CTS
RI
Thermal Viewing Card
Alignment Target
No.
A
B
Name
Terminal
HHL
connector
9 pin
socket
TEC drive
cable
Cut-off
4PS
(8 wires)
C
QCL drive
cable
Cut-off
2PS
(4 wires)
Terminals B and C are to be modified in ac-
cordance with the type of TEC and power
supply.
A
B
C
White
Black
SP1
Braided outer shield
Braided outer shield
!0
q
Red
Black
SP2
!0
q
Green
Black
SP3
t
y
Yellow
Black
SP4
i
o
White
Black
SP5
r
u
Red
Black
SP6
r
u
q
e
r
t
y
u
i
o
!0
50
10
2
Laser
beam
Crossing wire
( 0.3)
Post 12(g6)
GHHL Socket Cable A11134-01
GSignal Cable for C11330 A11134-04
(*1) Average power density
Thermal material provides visibility of the IR laser beam. Facilitates tracing of the invisible laser
beam. Two cards with different sensitivity ranges are provided.
Heatseeker A10767 consists of 2 types of thermal viewing card and an alignment target. It can
be used for visualization and alignment of the QCL laser beam.
The light axis of the invisible IR laser beam can be easily aligned. Includes a cross target for
checking the light axis. Thermal viewing card can be inserted.
Parameter
Detectable
temperature range
Usable wavelength range
Power required for visibility (*1)
Damage threshold (Max. power density)
Maximum aperture
Storage temperature
Dimensions (W
× H × D)
Thermal viewing card #01
Thermal viewing card #02
Unit
°C
°C
µm
mW/mm2
mW/mm2
mm
°C
mm
Description / value
18 to 32
30 to 35
1.0 to 20
>3
20
30
-5 to +60 (No condensation)
50
× 100 × 12
ICables
IHeatseeker A10767
Dimensional outline (unit: mm)
Dimensional outline (unit: mm)
Pin layout


Similar Part No. - A11134-04

ManufacturerPart #DatasheetDescription
logo
MicroPower Direct, LLC
A1113RW MPD-A1113RW Datasheet
171Kb / 2P
   Miniature, 10W DIP Single & Dual Output DC/DC Converters
More results

Similar Description - A11134-04

ManufacturerPart #DatasheetDescription
logo
Roithner LaserTechnik G...
FP-QCL-9120-100 ROITHNER-FP-QCL-9120-100 Datasheet
169Kb / 2P
   FQ Quantum Cascade Lasers in the 9.1
DFB-QCL-9120-100 ROITHNER-DFB-QCL-9120-100 Datasheet
147Kb / 2P
   DFP Quantum Cascade Lasers in the 9.12
logo
List of Unclassifed Man...
140XBP01000 ETC2-140XBP01000 Datasheet
71Kb / 2P
   Modicon Quantum
logo
Silan Microelectronics ...
SC16722 SILAN-SC16722 Datasheet
188Kb / 7P
   CASCADE LED DRIVER OF HEAVY CURRENT
logo
STMicroelectronics
TDA7535 STMICROELECTRONICS-TDA7535 Datasheet
160Kb / 9P
   DELTA/SIGMA CASCADE 20 BIT STEREO DAC
logo
Schneider Electric
140CRP31200 SCHNEIDER-140CRP31200 Datasheet
105Kb / 3P
   Quantum Ethernet RIO Head
Apr 18, 2022
logo
STMicroelectronics
TDA7535013TR STMICROELECTRONICS-TDA7535013TR Datasheet
157Kb / 12P
   Delta/sigma cascade 20 bit stereo DAC
logo
Summit Microelectronics...
SMS47 SUMMIT-SMS47 Datasheet
915Kb / 19P
   Quad Programmable Precision Cascade Sequencer and Supervisory Controller
logo
STMicroelectronics
TDA7535 STMICROELECTRONICS-TDA7535_06 Datasheet
128Kb / 9P
   DELTA/SIGMA CASCADE 20 BIT STEREO DAC
logo
Hitachi Semiconductor
HL6724MG HITACHI-HL6724MG Datasheet
24Kb / 5P
   The HL6724MG is a 0.67 um band AlGaInP laser diode with a multi-quantum well (MQW) structure
More results


Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com