Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

H9530-01 Datasheet(PDF) 8 Page - Hamamatsu Corporation

Part # H9530-01
Description  LINEAR ARRAY MULTIANODE PMT ASSEMBLY AND MODULE
Download  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  HAMAMATSU [Hamamatsu Corporation]
Direct Link  http://www.hamamatsu.com
Logo HAMAMATSU - Hamamatsu Corporation

H9530-01 Datasheet(HTML) 8 Page - Hamamatsu Corporation

Back Button H9530-01 Datasheet HTML 4Page - Hamamatsu Corporation H9530-01 Datasheet HTML 5Page - Hamamatsu Corporation H9530-01 Datasheet HTML 6Page - Hamamatsu Corporation H9530-01 Datasheet HTML 7Page - Hamamatsu Corporation H9530-01 Datasheet HTML 8Page - Hamamatsu Corporation H9530-01 Datasheet HTML 9Page - Hamamatsu Corporation H9530-01 Datasheet HTML 10Page - Hamamatsu Corporation H9530-01 Datasheet HTML 11Page - Hamamatsu Corporation H9530-01 Datasheet HTML 12Page - Hamamatsu Corporation  
Zoom Inzoom in Zoom Outzoom out
 8 / 12 page
background image
SPECIFICATIONS OF MODULE TYPES
LINEAR ARRAY MULTIANODE
PMT ASSEMBLY AND MODULE
300 to 880
300 to 920
300 to 880
300 to 920
300 to 650
300 to 880
185 to 650
185 to 880
300 to 920
300 to 650
300 to 650
300 to 650
300 to 880
185 to 650
185 to 880
300 to 920
300 to 650
300 to 650
150
350
150
350
50
150
50
150
350
90
110
50
150
50
150
350
90
110
8.5
8.5
13.5
15.5
8.5
8.5
13.5
15.5
B
B
B
B
B
B
U
U
B
B
B
B
B
U
U
B
B
B
H11451-01
H11451-20
H11452-01
H11452-20
H11459
H11459-01
H11459-03
H11459-04
H11459-20
H11459-100
H11459-200
H11460
H11460-01
H11460-03
H11460-04
H11460-20
H11460-100
H11460-200
Notes: E BA: Bialkali
MA: Multialkali
SBA: Super Bialkali
UBA: Ultra Bialkal
F B: Borosilicate glass
U: UV glass
G Measured at the peak wavelength
Type No.
Window
Material
Range
Cathode Characteristics
Spectral Response
F
G
E
Blue
Sensitivity
Index
(CS 5-58)
Typ.
0.3
0.45
0.3
0.45
0.3
0.3
0.45
0.3
0.3
0.45
Red
/White
Ratio
(R-68)
Typ.
65
78
65
78
72
65
72
65
78
110
130
72
65
72
65
78
110
130
Radiant
Typ.
Luminous
Min.
(
µA/lm)
250
500
250
500
70
250
70
250
500
105
135
70
250
70
250
500
105
135
Typ.
(
µA/lm)
(mA/W)
(nm)
420
630
420
630
420
420
420
420
630
400
400
420
420
420
420
630
400
400
Peak
Wavelength
MA
MA
MA
MA
BA
MA
BA
MA
MA
SBA
UBA
BA
MA
BA
MA
MA
SBA
UBA
Photocathode
Material
(nm)
H11451 SERIES
H11452 SERIES
H11459 SERIES
H11460 SERIES
Notes: A Input impedance = 400 k
B Load resistance = 10 k
C Pulse width = 10
µs, Duty ratio = 1/100
Type No.
Anode Type
Dimensional
Outline
A
BC
B
8-Channel
Linear Array
8-Channel
Linear Array
16-Channel
Linear Array
32-Channel
Linear Array
See Fig.10
See Fig.11
See Fig.12
See Fig.13
2.0
× 2.5
2.0
× 2.5
0.8
× 16
0.8
× 7
Effective
Area per
Channel
Maximum Ratings
Output Signal Voltage
(V)
Input
Voltage
DC Output
per Channel
(V)
(mm)
±16
±16
±16
±16
+1
+1
+1
+1
(V)
Pulse Output
per Channel
+10
+10
+10
+10
(V)
Control
Voltage
+4.8
+4.8
+3.6
+3.6
2.8
2.8
1
1
Channel
Pitch
(mm)
* Operating ambient temperature: +5
°C to +45 °C
Storage temperature: -15
°C to +45 °C


Similar Part No. - H9530-01

ManufacturerPart #DatasheetDescription
logo
Hamamatsu Corporation
H9530-01 HAMAMATSU-H9530-01 Datasheet
135Kb / 2P
   8 CHANNEL LINEAR ARRAY MULTIANODE PMT ASSEMBLY
More results

Similar Description - H9530-01

ManufacturerPart #DatasheetDescription
logo
Hamamatsu Corporation
R5900U-L16 HAMAMATSU-R5900U-L16 Datasheet
285Kb / 8P
   LINEAR ARRAY MULTIANODE PMT AND ASSEMBLY
H9530 HAMAMATSU-H9530 Datasheet
135Kb / 2P
   8 CHANNEL LINEAR ARRAY MULTIANODE PMT ASSEMBLY
H10515B HAMAMATSU-H10515B_15 Datasheet
560Kb / 12P
   LINEAR ARRAY MULTIANODE PMT ASSEMBLIES AND MODULES
H7546B HAMAMATSU-H7546B Datasheet
101Kb / 4P
   MULTIANODE PHOTOMULTIPLIER TUBE ASSEMBLY
logo
PerkinElmer Optoelectro...
TPLM086L55 PERKINELMER-TPLM086L55 Datasheet
258Kb / 1P
   Linear Array Module
logo
Hamamatsu Corporation
H8711 HAMAMATSU-H8711 Datasheet
86Kb / 4P
   MULTIANODE PHOTOMULTIPLIER TUBE ASSEMBLY
H8711 HAMAMATSU-H8711_07 Datasheet
166Kb / 4P
   MULTIANODE PHOTOMULTIPLIER TUBE ASSEMBLY
H9170-45 HAMAMATSU-H9170-45 Datasheet
339Kb / 4P
   NIR-PMT MODULE
H9500 HAMAMATSU-H9500 Datasheet
155Kb / 4P
   FLAT PANEL TYPE MULTIANODE PHOTOMULTIPLIER TUBE ASSEMBLY
H8500 HAMAMATSU-H8500 Datasheet
177Kb / 4P
   FLAT PANEL TYPE MULTIANODE PHOTOMULTIPLIER TUBE ASSEMBLY
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com