Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

H11460-04 Datasheet(PDF) 9 Page - Hamamatsu Corporation

Part # H11460-04
Description  LINEAR ARRAY MULTIANODE PMT ASSEMBLY AND MODULE
Download  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  HAMAMATSU [Hamamatsu Corporation]
Direct Link  http://www.hamamatsu.com
Logo HAMAMATSU - Hamamatsu Corporation

H11460-04 Datasheet(HTML) 9 Page - Hamamatsu Corporation

Back Button H11460-04 Datasheet HTML 4Page - Hamamatsu Corporation H11460-04 Datasheet HTML 5Page - Hamamatsu Corporation H11460-04 Datasheet HTML 6Page - Hamamatsu Corporation H11460-04 Datasheet HTML 7Page - Hamamatsu Corporation H11460-04 Datasheet HTML 8Page - Hamamatsu Corporation H11460-04 Datasheet HTML 9Page - Hamamatsu Corporation H11460-04 Datasheet HTML 10Page - Hamamatsu Corporation H11460-04 Datasheet HTML 11Page - Hamamatsu Corporation H11460-04 Datasheet HTML 12Page - Hamamatsu Corporation  
Zoom Inzoom in Zoom Outzoom out
 9 / 12 page
background image
7.5
× 106
1.75
× 107
7.5
× 106
1.75
× 107
5.0
× 106
7.5
× 106
5.0
× 106
7.5
× 106
1.75
× 107
9.0
× 106
1.1
× 107
5.0
× 106
7.5
× 106
5.0
× 106
7.5
× 106
1.75
× 107
9.0
× 106
1.1
× 107
±2
±2
±2
±2
±2
±2
±2
±2
±2
±2
±2
±2
±2
±2
±2
±2
±2
±2
7.5
× 107
1.5
× 108
7.5
× 107
1.5
× 108
2.8
× 107
2.5
× 107
2.8
× 107
2.5
× 107
5.0
× 107
3.15
× 107
4.05
× 107
1.4
× 107
2.5
× 107
1.4
× 107
2.5
× 107
5.0
× 107
2.1
× 107
2.7
× 107
0.2
0.2
0.2
0.2
3
3
3
3
3
3
3
3
3
3
3
3
3
3
1
1
1
1
1
1
1
1
1
1
1
1
1
1
1
1
1
1
Notes: H Control Voltage = H11451 Series / H11452 Series: +4 V
H11459 Series / H11460 Series: +3.2 V
I After 30 minutes storage in darkness
(mV)
Uniformity
Between Each
Anode
H11451-01
H11451-20
H11452-01
H11452-20
H11459
H11459-01
H11459-03
H11459-04
H11459-20
H11459-100
H11459-200
H11460
H11460-01
H11460-03
H11460-04
H11460-20
H11460-100
H11460-200
Type No.
(at 25
°C)
Anode Characteristics H
I
Ripple
Noise
(peak to peak)
Cross-talk
(V/lm)
Typ.
Typ.
Typ.
Max.
Max.
Typ.
(V/lm)
(mV)
Min.
0.05
0.1
0.05
0.1
0.02
0.05
0.02
0.05
0.1
0.02
0.02
0.02
0.05
0.02
0.05
0.1
0.02
0.02
1: 1.1
1: 1.1
1: 2.5
1: 2.5
1: 2
1: 2.5
1: 2
1: 2.5
1: 2.5
1: 2
1: 2
1: 2
1: 2.5
1: 2
1: 2.5
1: 2.5
1: 2
1: 2
1: 1.7
1: 1.7
1: 1.5
1: 1.7
1: 1.5
1: 1.7
1: 1.7
1: 1.5
1: 1.5
1: 1.5
1: 1.7
1: 1.5
1: 1.7
1: 1.7
1: 1.5
1: 1.5
0.5
1
0.5
1
0.2
0.5
0.2
0.5
1
0.2
0.2
0.2
0.5
0.2
0.5
1
0.2
0.2
(mV)
(mV)
(%)
Max.
Typ.
Luminous
Voltage Output
Depending on PMT
Dark Current per Channel
Offset
Voltage
Notes: D At
±15 V input voltage
H11451 SERIES
H11452 SERIES
H11459 SERIES
H11460 SERIES
Type No.
Features
(at 25
°C)
DA
Current-
to-Voltage
Conversuon
Factory
Frequency
Bandwith
(V/
µA)
0.1
0.1
0.1
0.1
DC to 1 MHz
DC to 1 MHz
DC to 1 MHz
DC to 1 MHz
(V)
Input
Voltage
±11.5 to ±15.5
±11.5 to ±15.5
±11.5 to ±15.5
±11.5 to ±15.5
(mA)
Input
Current
+26 / -18
+32 / -18
+46 / -42
+127 / -83
(V)
Recommended
Control Voltage
Adjustment
Range
+0.5 to +4.6
+0.5 to +4.6
+0.5 to +3.4
+0.5 to +3.4
H9530 with preamplifier and high
voltage power supply
H10515B with preamplifier and
high voltage power supply
H7260 with preamplifier and high
voltage power supply
H11451 with gain control function
101
155
154
154
Weight
(g)
Typ.


Similar Part No. - H11460-04

ManufacturerPart #DatasheetDescription
logo
Hamamatsu Corporation
H11461-01 HAMAMATSU-H11461-01 Datasheet
75Kb / 2P
   Photosensor Modules
H11461 HAMAMATSU-H11461_15 Datasheet
75Kb / 2P
   Side-on PMT
H11462 HAMAMATSU-H11462_15 Datasheet
73Kb / 2P
   Side-on PMT
More results

Similar Description - H11460-04

ManufacturerPart #DatasheetDescription
logo
Hamamatsu Corporation
R5900U-L16 HAMAMATSU-R5900U-L16 Datasheet
285Kb / 8P
   LINEAR ARRAY MULTIANODE PMT AND ASSEMBLY
H9530 HAMAMATSU-H9530 Datasheet
135Kb / 2P
   8 CHANNEL LINEAR ARRAY MULTIANODE PMT ASSEMBLY
H10515B HAMAMATSU-H10515B_15 Datasheet
560Kb / 12P
   LINEAR ARRAY MULTIANODE PMT ASSEMBLIES AND MODULES
H7546B HAMAMATSU-H7546B Datasheet
101Kb / 4P
   MULTIANODE PHOTOMULTIPLIER TUBE ASSEMBLY
logo
PerkinElmer Optoelectro...
TPLM086L55 PERKINELMER-TPLM086L55 Datasheet
258Kb / 1P
   Linear Array Module
logo
Hamamatsu Corporation
H8711 HAMAMATSU-H8711 Datasheet
86Kb / 4P
   MULTIANODE PHOTOMULTIPLIER TUBE ASSEMBLY
H8711 HAMAMATSU-H8711_07 Datasheet
166Kb / 4P
   MULTIANODE PHOTOMULTIPLIER TUBE ASSEMBLY
H9170-45 HAMAMATSU-H9170-45 Datasheet
339Kb / 4P
   NIR-PMT MODULE
H9500 HAMAMATSU-H9500 Datasheet
155Kb / 4P
   FLAT PANEL TYPE MULTIANODE PHOTOMULTIPLIER TUBE ASSEMBLY
H8500 HAMAMATSU-H8500 Datasheet
177Kb / 4P
   FLAT PANEL TYPE MULTIANODE PHOTOMULTIPLIER TUBE ASSEMBLY
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com