Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

C10054-x5 Datasheet(PDF) 5 Page - Hamamatsu Corporation

Part # C10054-x5
Description  Optical Components for Optical Measurement
Download  28 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  HAMAMATSU [Hamamatsu Corporation]
Direct Link  http://www.hamamatsu.com
Logo HAMAMATSU - Hamamatsu Corporation

C10054-x5 Datasheet(HTML) 5 Page - Hamamatsu Corporation

  C10054-x5 Datasheet HTML 1Page - Hamamatsu Corporation C10054-x5 Datasheet HTML 2Page - Hamamatsu Corporation C10054-x5 Datasheet HTML 3Page - Hamamatsu Corporation C10054-x5 Datasheet HTML 4Page - Hamamatsu Corporation C10054-x5 Datasheet HTML 5Page - Hamamatsu Corporation C10054-x5 Datasheet HTML 6Page - Hamamatsu Corporation C10054-x5 Datasheet HTML 7Page - Hamamatsu Corporation C10054-x5 Datasheet HTML 8Page - Hamamatsu Corporation C10054-x5 Datasheet HTML 9Page - Hamamatsu Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 28 page
background image
GFiber Adapter Block A10037 Series
Optical fiber cables with FC or SMA connectors can be connected to
the blocks in the A10037 series.
The lens assembled in the block collimates the light spread from the
optical fiber.
The A10037/A10037-01 is suitable for use in the visible region (400 nm
to 700 nm) and the A10037-10/A10037-11 for use in the UV region
(200 nm to 400 nm).
SPECIFICATIONS
Dimensional Outlines (Unit: mm)
LA10037
LA10037-01
Type No.
Connecter
A10037
A10037-01
A10037-10
A10037-11
FC
SMA
FC
SMA
Recommended Wavelength
Visible
UV
Weight
Approx. 17 g
Focal Length
10 mm
TACCA0270EB
22.0
±0.1
7.0
±0.1
(8)
L
A10037/-10
A10037-01/-11
: L=9.0
: L=13.5
* In the case of the SMA connector type, the beam diameter
depends on the position of the connected fiber cable end.
The above values are measured when the fiber cable end is
at the same position as the FC connector type.
Distance from Fiber Output End
Beam Diameter
100 mm
150 mm
Max. 4.9 mm
Max. 5.4 mm
When fiber core diameter is 100
µm and NA is 0.2
Transmittance (Typical)
TACCB0094EB
GBeam Expander Block A10031
This optical block widens the diameter of a collimated beam of light to 2.5
times its original size or narrows the diameter to 1/2.5 times its original
size. This block has a C-mount thread for connecting to another device.
SPECIFICATIONS
Dimensional Outlines (Unit: mm)
Type No.
A10031
Effective Beam Size
8 mm
Weight
Approx. 43 g
* Supplied: C-mount double male thread ring.
** Designed for wavelength from 400 nm to 700 nm.
Incident light conditions
TACCA0271EA
TACCC0127EA
8
44.4
±0.3
C-MOUNT (FEMALE)
44.4
±0.3
8
Transmittance (Typical)
TACCB0095EB
WAVELENGTH (nm)
0
300
200
400
500
600
700
800
20
40
60
80
100
A10037 / A10037-01
A10037-10 / A10037-11
0
300
400
500
600
700
800
WAVELENGTH (nm)
20
40
60
80
100
5


Similar Part No. - C10054-x5

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
C1005 ETC2-C1005 Datasheet
448Kb / 7P
   CAPACITORS
logo
TDK Electronics
C1005 TDK-C1005 Datasheet
173Kb / 31P
   Multilayer Ceramic Chip Capacitors General use
C1005 TDK-C1005 Datasheet
1Mb / 55P
   MULTILAYER CERAMIC CHIP CAPACITORS
C1005 TDK-C1005 Datasheet
2Mb / 55P
   MULTILAYER CERAMIC CHIP CAPACITORS
C1005 TDK-C1005 Datasheet
1Mb / 31P
   MULTILAYER CERAMIC CHIP CAPACITORS
More results

Similar Description - C10054-x5

ManufacturerPart #DatasheetDescription
logo
Maxim Integrated Produc...
MAX3806 MAXIM-MAX3806 Datasheet
1Mb / 9P
   Receiver for Optical Distance Measurement
Rev 0; 7/09
logo
AZ Displays
ATM0280B43 AZDISPLAYS-ATM0280B43 Datasheet
442Kb / 16P
   Definition of optical measurement system
ATM0430D12F-CT AZDISPLAYS-ATM0430D12F-CT Datasheet
422Kb / 19P
   Definition of optical measurement system
ATM0177B5 AZDISPLAYS-ATM0177B5 Datasheet
328Kb / 15P
   Definition of optical measurement system
logo
Hamamatsu Corporation
C11209-110 HAMAMATSU-C11209-110_15 Datasheet
610Kb / 4P
   Optical measurement modules for low-level light detection
logo
Maxim Integrated Produc...
MAXM86161 MAXIM-MAXM86161 Datasheet
1Mb / 66P
   Single-Supply Integrated Optical Module for HR and SpO2 Measurement
2019
logo
Hamamatsu Corporation
C13365 HAMAMATSU-C13365_15 Datasheet
399Kb / 6P
   Optical measurement modules for low-level-light detection, Analog output
C13366 HAMAMATSU-C13366_15 Datasheet
396Kb / 6P
   Optical measurement modules for low-level-light detection, Analog output
logo
Mitsubishi Electric Sem...
PD7005 MITSUBISHI-PD7005 Datasheet
97Kb / 4P
   FOR OPTICAL COMMUNICATION
logo
PHOENIX CONTACT
2901560 PHOENIX-2901560 Datasheet
52Kb / 2P
   Pre-assembled reference fiber for the precise measurement of optical power
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com