Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

H11451-20 Datasheet(PDF) 4 Page - Hamamatsu Corporation

Part # H11451-20
Description  LINEAR ARRAY MULTIANODE PMT ASSEMBLY AND MODULE
Download  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  HAMAMATSU [Hamamatsu Corporation]
Direct Link  http://www.hamamatsu.com
Logo HAMAMATSU - Hamamatsu Corporation

H11451-20 Datasheet(HTML) 4 Page - Hamamatsu Corporation

  H11451-20 Datasheet HTML 1Page - Hamamatsu Corporation H11451-20 Datasheet HTML 2Page - Hamamatsu Corporation H11451-20 Datasheet HTML 3Page - Hamamatsu Corporation H11451-20 Datasheet HTML 4Page - Hamamatsu Corporation H11451-20 Datasheet HTML 5Page - Hamamatsu Corporation H11451-20 Datasheet HTML 6Page - Hamamatsu Corporation H11451-20 Datasheet HTML 7Page - Hamamatsu Corporation H11451-20 Datasheet HTML 8Page - Hamamatsu Corporation H11451-20 Datasheet HTML 9Page - Hamamatsu Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 12 page
background image
Figure 2: Typical Gain Characteristics
TPMHB0816EA
TPMHB0703EA
SUPPLY VOLTAGE (V)
108
107
106
105
104
103
500
600
700
800
900
1000
H10515B-01/-04/-20
H10515B-100/-200
H10515B/-03
H9530 Series
H10515B Series
H7260 Series
TPMHB0706EA
SUPPLY VOLTAGE (V)
108
107
106
105
104
103
500
600
700
800
900
1000
H7260-01 / H7260-04 / H7260-20
H7260 / H7260-03/-100/-200
Figure 3: Cross-Talk (Example)
H9530 Series
H10515B Series
TPMHB0705EA
TPMHB0817EA
12
100
80
60
40
20
0
34
POSITION (channel)
56
7
CH
1
2
3
4
5
6
7
8
1
100
0.08
0.01
2
0.04
100
0.07
0.01
3
0.01
0.05
100
0.10
0.01
4
0.01
0.04
100
0.11
0.01
5
0.01
0.04
100
0.11
0.01
6
0.01
0.08
100
0.08
0.01
7
0.01
0.05
100
0.07
8
0.01
0.06
100
CROSS-TALK
AREA B / AREA A
× 100
CROSS-TALK RATIO (%)
EFFECTIVE SPACE
DEAD SPACE
SIGNAL
A
B
SUPPLY VOLTAGE
LIGHT SOURCE
SPOT DIAMETER
SCAN PITCH
: -1000 V
: TUNGSTEN LAMP
: 100
µm
: 50
µm
1CH
8CH
[TOP VIEW]
SCAN POSITION
SPATIAL RESOLUTION
AND CROSS-TALK SCAN
CH
1
2
3
4
5
6
7
8
9
10
11
12
13
14
15
16
1
100
2.9
0.8
0.3
0.1
2
2.9
100
2.8
0.8
0.3
0.1
3
0.6
3.1
100
2.7
0.8
0.3
0.1
4
0.2
0.5
2.8
100
2.9
0.8
0.3
0.1
5
0.1
0.2
0.6
3.2
100
2.7
0.8
0.3
0.1
6
0.1
0.2
0.6
3.1
100
2.7
0.8
0.3
0.1
7
0.1
0.2
0.6
3.0
100
2.9
0.8
0.3
0.1
8
0.1
0.2
0.6
3.0
100
2.9
0.8
0.4
0.1
9
0.1
0.2
0.6
2.9
100
3.1
0.8
0.4
0.1
10
0.1
0.2
0.6
2.9
100
3.3
0.9
0.4
0.1
11
0.1
0.2
0.6
2.7
100
3.2
0.8
0.4
0.1
12
0.1
0.2
0.6
3.8
100
3.1
0.8
0.4
0.1
13
0.1
0.2
0.6
2.8
100
3.1
0.9
0.4
14
0.1
0.2
0.6
2.8
100
3.2
0.9
15
0.1
0.2
0.6
2.7
100
3.1
16
0.1
0.3
0.6
2.9
100
CROSS-TALK
AREA B / AREA A
× 100
CROSS-TALK RATIO (%)
DEAD SPACE
SIGNAL
POSITION (channel)
SPATIAL RESOLUTION
AND CROSS-TALK SCAN
EFFECTIVE SPACE
SCAN POSITION
[TOP VIEW]
SUPPLY VOLTAGE
LIGHT SOURCE
SPOT DIAMETER
SCAN PITCH
: -800 V
: TUNGSTEN LAMP
: 100
µm
: 50
µm
16 CH
1 CH
A
B
100
80
60
40
20
0
1234567
LINEAR ARRAY MULTIANODE
PMT ASSEMBLY AND MODULE
SUPPLY VOLTAGE (V)
108
107
106
105
104
103
500
600
700
800
900 1000
1200
H9530-01/-20
* H7260 series is equivalent to H10515B series.


Similar Part No. - H11451-20

ManufacturerPart #DatasheetDescription
logo
Pulse A Technitrol Comp...
H1140 PULSE-H1140 Datasheet
139Kb / 2P
   10/100BASE-TX TRANSFORMER MODULES For Auto MDI/MDIX Applications
H1140NL PULSE-H1140NL Datasheet
182Kb / 2P
   10/100BASE-TX TRANSFORMEr MODULES For Auto MDI/MDIX Applications
H1140NL PULSE-H1140NL Datasheet
320Kb / 2P
   10/100BASE-TX TRANSFORMER MODULES
H1140NL PULSE-H1140NL Datasheet
320Kb / 2P
   10/100BASE-TX TRANSFORMER MODULES
H1140NL PULSE-H1140NL Datasheet
182Kb / 2P
   10/100BASE-TX TRANSFORMEr MODULES
More results

Similar Description - H11451-20

ManufacturerPart #DatasheetDescription
logo
Hamamatsu Corporation
R5900U-L16 HAMAMATSU-R5900U-L16 Datasheet
285Kb / 8P
   LINEAR ARRAY MULTIANODE PMT AND ASSEMBLY
H9530 HAMAMATSU-H9530 Datasheet
135Kb / 2P
   8 CHANNEL LINEAR ARRAY MULTIANODE PMT ASSEMBLY
H10515B HAMAMATSU-H10515B_15 Datasheet
560Kb / 12P
   LINEAR ARRAY MULTIANODE PMT ASSEMBLIES AND MODULES
H7546B HAMAMATSU-H7546B Datasheet
101Kb / 4P
   MULTIANODE PHOTOMULTIPLIER TUBE ASSEMBLY
logo
PerkinElmer Optoelectro...
TPLM086L55 PERKINELMER-TPLM086L55 Datasheet
258Kb / 1P
   Linear Array Module
logo
Hamamatsu Corporation
H8711 HAMAMATSU-H8711 Datasheet
86Kb / 4P
   MULTIANODE PHOTOMULTIPLIER TUBE ASSEMBLY
H8711 HAMAMATSU-H8711_07 Datasheet
166Kb / 4P
   MULTIANODE PHOTOMULTIPLIER TUBE ASSEMBLY
H9170-45 HAMAMATSU-H9170-45 Datasheet
339Kb / 4P
   NIR-PMT MODULE
H9500 HAMAMATSU-H9500 Datasheet
155Kb / 4P
   FLAT PANEL TYPE MULTIANODE PHOTOMULTIPLIER TUBE ASSEMBLY
H8500 HAMAMATSU-H8500 Datasheet
177Kb / 4P
   FLAT PANEL TYPE MULTIANODE PHOTOMULTIPLIER TUBE ASSEMBLY
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com