Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

G12180-020A Datasheet(PDF) 2 Page - Hamamatsu Corporation

Part # G12180-020A
Description  InGaAs PIN photodiodes
Download  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  HAMAMATSU [Hamamatsu Corporation]
Direct Link  http://www.hamamatsu.com
Logo HAMAMATSU - Hamamatsu Corporation

G12180-020A Datasheet(HTML) 2 Page - Hamamatsu Corporation

  G12180-020A Datasheet HTML 1Page - Hamamatsu Corporation G12180-020A Datasheet HTML 2Page - Hamamatsu Corporation G12180-020A Datasheet HTML 3Page - Hamamatsu Corporation G12180-020A Datasheet HTML 4Page - Hamamatsu Corporation  
Zoom Inzoom in Zoom Outzoom out
 2 / 4 page
background image
InGaAs PIN photodiodes
G12180 series
2
Spectral response
Wavelength (µm)
1.9
0.9
1
1.1
1.4 1.5
1.3
1.2
1.6 1.7 1.8
0.8
(Typ. Ta=25 °C)
1.2
1.0
0.8
0.6
0.4
0.2
0
KIRDB0374EA
Spectral transmittance characteristics of
window material
Photosensitivity temperature characteristics
Wavelength (µm)
(Typ. Ta=25
°C)
1.0
1.2
1.4
1.6
1.1
1.3
1.5
1.7
0.9
90
95
85
100
Wavelength (µm)
(Typ. Ta=25
°C)
1.0
1.2
1.4
1.6
1.8
0.8
0
1
-1
2
KIRDB0545EA
KIRDB0042EA
Linearity
98
02
6
10
12
16
Incident light level (mW)
96
92
90
94
100
102
(Typ. Ta=25 °C,
λ=1.3 μm, RL=2 Ω, VR=0 V)
48
14
G12180-010A
G12180-020A
G12180-030A
G12180-050A
KIRDB0541EA


Similar Part No. - G12180-020A

ManufacturerPart #DatasheetDescription
logo
Hamamatsu Corporation
G12180 HAMAMATSU-G12180_15 Datasheet
287Kb / 8P
   InGaAs PIN photodiodes
More results

Similar Description - G12180-020A

ManufacturerPart #DatasheetDescription
logo
Hamamatsu Corporation
G12183 HAMAMATSU-G12183_15 Datasheet
353Kb / 6P
   InGaAs PIN photodiodes
G11193 HAMAMATSU-G11193_15 Datasheet
200Kb / 4P
   InGaAs PIN photodiodes
G12181 HAMAMATSU-G12181_15 Datasheet
312Kb / 6P
   InGaAs PIN photodiodes
G12180 HAMAMATSU-G12180_15 Datasheet
287Kb / 8P
   InGaAs PIN photodiodes
G8605 HAMAMATSU-G8605_15 Datasheet
193Kb / 5P
   InGaAs PIN photodiodes
logo
Unity Opto Technology
MCD-3P4C-312 UOT-MCD-3P4C-312 Datasheet
69Kb / 2P
   InGaAs PIN PHOTODIODES
MCD-3P4C-322 UOT-MCD-3P4C-322 Datasheet
94Kb / 2P
   InGaAs PIN PHOTODIODES
logo
Optoway Technology Inc
PD-1100 OPTOWAY-PD-1100 Datasheet
84Kb / 2P
   InGaAs PIN PHOTODIODES
PD-1110 OPTOWAY-PD-1110_09 Datasheet
122Kb / 3P
   InGaAs PIN PHOTODIODES
logo
Hamamatsu Corporation
G12182 HAMAMATSU-G12182_15 Datasheet
513Kb / 6P
   InGaAs PIN photodiodes
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com