Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

F12395-11 Datasheet(PDF) 1 Page - Hamamatsu Corporation

Part # F12395-11
Description  COMPACT MCP ASSEMBLY SERIES
Download  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  HAMAMATSU [Hamamatsu Corporation]
Direct Link  http://www.hamamatsu.com
Logo HAMAMATSU - Hamamatsu Corporation

F12395-11 Datasheet(HTML) 1 Page - Hamamatsu Corporation

  F12395-11 Datasheet HTML 1Page - Hamamatsu Corporation F12395-11 Datasheet HTML 2Page - Hamamatsu Corporation  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
COMPACT MCP
ASSEMBLY SERIES
F12334-11, F12395-11, F12396-11
NEW
F12334-11
Left: F12334-11, center: F12395-11, right: F12396-11
OVERVIEW
FEATURES
GEasy Replacement
2 Connections (HV and Signal)
GSuitable Installation
GRobust MCP
GCompact and Thin
G3 Choices of Effective Area
F12334-11: 20 mm
F12395-11: 27 mm
F12396-11: 42 mm
HAMAMATSU offers NEW compact MCP assembly
series.
This assembly has enough time response characteristic
for TOF (Time Of Flight) measurement and is useful for
ion, X-ray or VUV-light detections.
Thin and flat shape makes it possible to install into the
minimum space which is usually required from the
viewpoint of mechanical design.
Furthermore, only 2-point electric wiring enables you to
install and replace this assembly quite easily.
Custom assembly is also available. Please consult us
about the suitable design for your need.
(optimum size, shape, installation, connection etc.)


Similar Part No. - F12395-11

ManufacturerPart #DatasheetDescription
logo
Mechatronics, Inc.
F1238-H MECHATRONICS-F1238-H Datasheet
350Kb / 1P
   high performance impeller for maximum air flow
logo
List of Unclassifed Man...
F1238E-H ETC2-F1238E-H Datasheet
350Kb / 1P
   DC AXIAL FANS
logo
Mechatronics, Inc.
F1238E-H MECHATRONICS-F1238E-H Datasheet
350Kb / 1P
   high performance impeller for maximum air flow
logo
List of Unclassifed Man...
F1238H-H ETC2-F1238H-H Datasheet
350Kb / 1P
   DC AXIAL FANS
logo
Mechatronics, Inc.
F1238H-H MECHATRONICS-F1238H-H Datasheet
350Kb / 1P
   high performance impeller for maximum air flow
More results

Similar Description - F12395-11

ManufacturerPart #DatasheetDescription
logo
Hamamatsu Corporation
F4655-12 HAMAMATSU-F4655-12 Datasheet
55Kb / 2P
   COMPACT MCP ASSEMBLY FOR TOF
F2223-21SH HAMAMATSU-F2223-21SH Datasheet
110Kb / 2P
   MCP ASSEMBLY
F6589 HAMAMATSU-F6589 Datasheet
156Kb / 2P
   ULTRA THIN MCP ASSEMBLY WITH CENTER HOLE
F4655-13 HAMAMATSU-F4655-13 Datasheet
63Kb / 2P
   MCP ASSEMBLY FOR HIGH RESOLUTION TOF-MS
F4294-09 HAMAMATSU-F4294-09 Datasheet
67Kb / 2P
   MCP ASSEMBLY WITH CENTER HOLE FOR REFLECTRON MS
logo
Samsung semiconductor
KBY00U00VA-B450 SAMSUNG-KBY00U00VA-B450 Datasheet
1Mb / 92P
   MCP Specification
logo
Nanya Technology Corpor...
NM1482KSLAXCL NANYA-NM1482KSLAXCL Datasheet
5Mb / 119P
   MCP Specification
NM4484NSPAXAE NANYA-NM4484NSPAXAE Datasheet
12Mb / 381P
   MCP Specification
NM1281KSLAXAJ NANYA-NM1281KSLAXAJ Datasheet
5Mb / 118P
   MCP Specification
NM4482NSPAXAE NANYA-NM4482NSPAXAE Datasheet
12Mb / 381P
   MCP Specification
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com