Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

C12419 Datasheet(PDF) 1 Page - Hamamatsu Corporation

Part # C12419
Description  AMPLIFIER UNIT
Download  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  HAMAMATSU [Hamamatsu Corporation]
Direct Link  http://www.hamamatsu.com
Logo HAMAMATSU - Hamamatsu Corporation

C12419 Datasheet(HTML) 1 Page - Hamamatsu Corporation

  C12419 Datasheet HTML 1Page - Hamamatsu Corporation C12419 Datasheet HTML 2Page - Hamamatsu Corporation  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
Figure 1: Typical Frequency Response
TACCB0126EA
AMPLIFIER UNIT
C12419
Information furnished by HAMAMATSU is believed to be reliable. However, no responsibility is assumed for possible inaccuracies or omissions. Specifications are
subject to change without notice. No patent rights are granted to any of the circuits described herein. ©2013 Hamamatsu Photonics K.K.
Subject to local technical requirements and regulations, availability of products included in this promotional material may vary. Please consult with our sales office.
SPECIFICATIONS
FEATURES
The C12419 which furnishes current-to-voltage conver-
sion circuit is designed for use with current sources like
photomultiplier tubes.
The performances are convenient to such an application
as requiring a low noise and high gain preamplifier.
Parameter
Description / Value
Frequency Bandwidth (-3 dB)
Current-to-voltage
Conversion Factor
Rise Time
Input Polarity
Max. Input Current
Amplifying Method
Output Impedance
Maximum Output
Signal Voltage
Output Noise Voltage A
Connector
Power Supply Voltage
Max. Power Supply Voltage
Power Supply Current
Operating Ambient Temperature
Storage Temperature
Weight
Typ.
Typ.
Max.
DC to 1 MHz
1 V/
µA
350 ns
Positive / Negative
±100 µA
Inverting Output
50
±11 V Min.
±3 V Min.
1 mV rms
BNC-R
BNC-R
DIN (6-pin)
±15 V
±18 V
±100 mA
0
°C to +40 °C
-15
°C to +60 °C
Approx. 165 g
Load Resistance: 1 k
Load Resistance: 1 k
Load Resistance: 50
Input
Output
Power
NOTE: ALoad Resistance: 50
GBandwidth: DC to 1 MHz
GCurrent-to-voltage Conversion Factor:
1 V/
µA at 1 kΩ Load Resistance
GInverting Output
GAdjustable Offset Level with VR
GLow Noise and High Gain
FREQUENCY (kHz)
101
104
102
-20
5
-5
0
-10
-15
10
103


Similar Part No. - C12419

ManufacturerPart #DatasheetDescription
logo
Ledil, Inc.
C12419 LEDIL-C12419 Datasheet
5Mb / 80P
   Strada Lens array
logo
Cree, Inc
C12419-STRADA-2X2-A-T CREE-C12419-STRADA-2X2-A-T Datasheet
440Kb / 3P
   Strada-Module series
More results

Similar Description - C12419

ManufacturerPart #DatasheetDescription
logo
Hamamatsu Corporation
C7319 HAMAMATSU-C7319_15 Datasheet
148Kb / 2P
   AMPLIFIER UNIT
C9999-01 HAMAMATSU-C9999-01_15 Datasheet
165Kb / 2P
   AMPLIFIER UNIT
C6438-02 HAMAMATSU-C6438-02 Datasheet
177Kb / 2P
   WIDE BANDWIDTH AMPLIFIER UNIT
C11184 HAMAMATSU-C11184 Datasheet
156Kb / 2P
   WIDE BANDWIDTH AMPLIFIER UNIT
C6438 HAMAMATSU-C6438_15 Datasheet
210Kb / 2P
   WIDE BANDWIDTH AMPLIFIER UNIT
C9663 HAMAMATSU-C9663_15 Datasheet
296Kb / 2P
   WIDE BANDWIDTH AMPLIFIER UNIT
logo
Usha India Ltd.
2SD5041 USHA-2SD5041 Datasheet
85Kb / 3P
   AF OUTPUT AMPLIFIER FOR ELECTRONIC FLASH UNIT
logo
Fairchild Semiconductor
KSD5041 FAIRCHILD-KSD5041 Datasheet
68Kb / 5P
   AF Output Amplifier for Electronic Flash Unit
FJNS7565 FAIRCHILD-FJNS7565 Datasheet
90Kb / 4P
   For Output Amplifier of Electronic Flash Unit
logo
List of Unclassifed Man...
PKE12 ETC2-PKE12 Datasheet
311Kb / 4P
   Single unit/Complete unit
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com