Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

1582H8C1BK Datasheet(PDF) 1 Page - Hammond Manufacturing Ltd.

Part # 1582H8C1BK
Description  Black Painted Steel
Download  1 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  HAMMOND [Hammond Manufacturing Ltd.]
Direct Link  http://www.hammondmfg.com
Logo HAMMOND - Hammond Manufacturing Ltd.

1582H8C1BK Datasheet(HTML) 1 Page - Hammond Manufacturing Ltd.

  1582H8C1BK Datasheet HTML 1Page - Hammond Manufacturing Ltd.  
Zoom Inzoom in Zoom Outzoom out
 1 / 1 page
background image
ASSEMBLY - VIEW FROM FRONT
ASSEMBLY - VIEW FROM BOTTOM
ASSEMBLY - VIEW FROM SIDE
SECTION A-A
ISOMETRIC VIEW
1582H8C1 - ASA 61 Grey w/ 6' Foot Twist Power Cord (NEMA L5-15P)
1582H8C1BK
Finish - Front - Blac k Painted Steel
Rated - 125 VAC, 60 Hz , 15 Amps
Back - Black Painted Steel
Approvals - CSA Certified Standards C22.2 (No. 21-95, 42-99)
- UL Recognized Standard UL1363
1582H8C1BK - Black w/ 6' Foot Twis t Power Cord (NEMA L5-15P)
Colours & Cord Length
1582H8D1BK - Black w/ 15' Foot Twist Power Cord (NEMA L5-15P)
1582H8D1 - ASA 61 Grey w/ 15' Foot Twist Power Cord (NEMA L5-15P)
1
1
2
2
3
3
4
4
5
5
6
6
7
7
8
8
A
A
B
B
C
C
D
D
A
A
1582H8C1BK
RESETABLE CIRCUIT
BREAKER
LIGHTED ON/OFF
POWER SWITCH
6' FOOT TWIST
POWER CORD
(NEMA L5-15P)
R3.18 mm
[0.125 in]
10.31 mm
[0.406 in]
461.98 mm
[18.188 in]
5.97 mm
[0.235 in]
31.70 mm
[1.248 in]
482.60 mm
[19.000 in]
43.64 mm
[1.718 in]
165.10 mm
[6.500 in]
38.10 mm
[1.500 in]
TYP
19.05 mm
[0.750 in]
444.50 mm
[17.500 in]
5.08 mm
[0.200 in]
67.58 mm
[2.661 in]
40.46 mm
[1.593 in]
127.00 mm
[5.000 in]


Similar Part No. - 1582H8C1BK

ManufacturerPart #DatasheetDescription
logo
Hammond Manufacturing L...
1582H8C1BK HAMMOND-1582H8C1BK Datasheet
71Kb / 2P
   Barre d alimentation pour montage horizontal sur b창ti
More results

Similar Description - 1582H8C1BK

ManufacturerPart #DatasheetDescription
logo
Hammond Manufacturing L...
1584T4A1 HAMMOND-1584T4A1 Datasheet
134Kb / 1P
   Black Painted Steel
1584H4C1RA HAMMOND-1584H4C1RA Datasheet
204Kb / 1P
   Black Painted Steel
1584T5D1 HAMMOND-1584T5D1 Datasheet
211Kb / 1P
   Black Painted Steel
1584T4C1 HAMMOND-1584T4C1 Datasheet
143Kb / 1P
   Black Painted Steel
1584H6A1SRA HAMMOND-1584H6A1SRA Datasheet
196Kb / 1P
   Black Painted Steel
1584H4B1 HAMMOND-1584H4B1 Datasheet
136Kb / 1P
   Black Painted Steel
1584T8DH6 HAMMOND-1584T8DH6 Datasheet
154Kb / 1P
   Black Painted Steel
1584T8B1 HAMMOND-1584T8B1 Datasheet
196Kb / 1P
   Black Painted Steel
1589H4D1 HAMMOND-1589H4D1 Datasheet
131Kb / 1P
   Black Painted Steel
1584T6A1RA HAMMOND-1584T6A1RA Datasheet
187Kb / 1P
   Black Painted Steel
1584H8C1 HAMMOND-1584H8C1 Datasheet
152Kb / 1P
   Black Painted Steel
More results


Html Pages

1


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com