Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

SLA7081MPR Datasheet(PDF) 7 Page - Sanken electric

Part # SLA7081MPR
Description  Unipolar 2-Phase Stepping Motor Driver ICs
Download  18 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SANKEN [Sanken electric]
Direct Link  http://www.sanken-ele.co.jp/en
Logo SANKEN - Sanken electric

SLA7081MPR Datasheet(HTML) 7 Page - Sanken electric

Back Button SLA7081MPR Datasheet HTML 3Page - Sanken electric SLA7081MPR Datasheet HTML 4Page - Sanken electric SLA7081MPR Datasheet HTML 5Page - Sanken electric SLA7081MPR Datasheet HTML 6Page - Sanken electric SLA7081MPR Datasheet HTML 7Page - Sanken electric SLA7081MPR Datasheet HTML 8Page - Sanken electric SLA7081MPR Datasheet HTML 9Page - Sanken electric SLA7081MPR Datasheet HTML 10Page - Sanken electric SLA7081MPR Datasheet HTML 11Page - Sanken electric Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 18 page
background image
7
SANKEN ELECTRIC CO., LTD.
28610.23, Rev. 1
Unipolar 2-Phase Stepping Motor Driver ICs
SLA7080M Series
occurs when the short blanking time is selected, the problem may
be eased by the selection of the longer blanking time.
A comparison of these trade-offs is provided in the following
table (comparisons assume that operating conditions other than
the SLA7080M, such as motors, motor power supply voltage,
REF input voltages and so forth, as well as circuit constants, are
identical in each case).
Parameter
Better Performance
Internal Blanking Set Time
Short or Long
Minimize PWM On-time (minimum)
Short
Maximize Ringing Noise Suppression
Long
Minimize Coil Current
Short
Synchronous Control
The SLA7080M series has a chopping synchronous function
to prevent noise which may occasionally be generated during
the motor Hold state. This function can be operated by setting
the SYNC pin to logic high, which generates a timing signal to
synchronize the chopping of the A and B phases. (This function
operates identically to that of the SLA7070M.)
This function should be used only during self-excitation PWM
control. The use of synchronous control during normal stepping
motor rotation is not recommended because it produces less
motor torque or may cause motor vibration because the control
current does not stabilize.
Protection Circuit
A built-in protection circuit detects against motor coil opens and
shorts. Operation of the protection circuit disables all of the out-
puts, and sets the FLAG pin. To leave protection mode and return
to normal operation, cycle the logic power supply, VDD.
Protection is activated by sensing voltage on the internal sensing
resistors, RS. Overcurrent that flows without passing the sense
resistors cannot be detected. Therefore, this does not detect an
overcurrent condition resulting from the OUT pins or SENSE
pins shorting to GND.
Protection against motor coil opens is available only during
PWM operation. Therefore, it does not work during constant volt-
age driving, when the motor is rotating at high speed.
Motor Coil Short Circuit Protection
(Load Short Circuit)
This function operates by detecting voltage VRS on the internal
sense resistors in the same manner as the current control function.
The threshold voltage, VOCP, is set to 0.7 V typical. When VRS
ITRIP
5 μs/div
I
TRIP
500 ns/div
20 μs/div
Figure 3. PWM waveform exhibiting seeking behavior
Figure 2. Ringing on PWM waveform while driving a motor. The circled area in
panel A is expanded in time and shown in panel B.
(A)
(B)


Similar Part No. - SLA7081MPR

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
SLA7000 ETC-SLA7000 Datasheet
188Kb / 4P
   CMOS HIGH SPEED GATE ARRAY
logo
Sanken electric
SLA7020 SANKEN-SLA7020 Datasheet
99Kb / 10P
   Unipolar Driver ICs
SLA7020M SANKEN-SLA7020M Datasheet
99Kb / 10P
   Unipolar Driver ICs
SLA7021 SANKEN-SLA7021 Datasheet
99Kb / 10P
   Unipolar Driver ICs
SLA7021M SANKEN-SLA7021M Datasheet
99Kb / 10P
   Unipolar Driver ICs
More results

Similar Description - SLA7081MPR

ManufacturerPart #DatasheetDescription
logo
Sanken electric
SDK03M SANKEN-SDK03M Datasheet
61Kb / 6P
   2-Phase Stepper Motor Unipolar Driver ICs
SLA7022MU SANKEN-SLA7022MU Datasheet
77Kb / 7P
   2-Phase Stepper Motor Unipolar Driver ICs
SLA7032M SANKEN-SLA7032M Datasheet
71Kb / 8P
   2-Phase Stepper Motor Unipolar Driver ICs
SMA7029M SANKEN-SMA7029M Datasheet
69Kb / 2P
   2-Phase Stepper Motor Unipolar Driver ICs
SLA7027MU SANKEN-SLA7027MU Datasheet
74Kb / 7P
   2-Phase Stepper Motor Unipolar Driver ICs
SLA7042M SANKEN-SLA7042M Datasheet
47Kb / 4P
   2-Phase Stepper Motor Unipolar Driver ICs
logo
Shindengen Electric Mfg...
MTD1120F SHINDENGEN-MTD1120F Datasheet
408Kb / 2P
   Stepping Motor Driver ICs
MTD1110 SHINDENGEN-MTD1110 Datasheet
435Kb / 2P
   Stepping Motor Driver ICs
MTD1120 SHINDENGEN-MTD1120 Datasheet
421Kb / 2P
   Stepping Motor Driver ICs
MTD2001 SHINDENGEN-MTD2001 Datasheet
441Kb / 2P
   Stepping Motor Driver ICs
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com