Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

CD5265B Datasheet(PDF) 2 Page - Compensated Deuices Incorporated

Part # CD5265B
Description  ZENER DIODE CHIPS
Download  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CDI-DIODE [Compensated Deuices Incorporated]
Direct Link  
Logo CDI-DIODE - Compensated Deuices Incorporated

CD5265B Datasheet(HTML) 2 Page - Compensated Deuices Incorporated

  CD5265B Datasheet HTML 1Page - Compensated Deuices Incorporated CD5265B Datasheet HTML 2Page - Compensated Deuices Incorporated  
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image
MAXIMUM RATINGS
Operating Temperature: -65°C to +175°C
Storage Temperature: -65°C to +175°C
Forward Voltage @ 200 mA: 1.5 Volts maximum
NOTE 1
Zener voltage range equals
“nominal Zener voltage”
(see table) + 5%, for “B”
Suffix types. “A” Suffix denotes +
10%. No Suffix denotes + 20%.
"C" suffix = + 2% tolerance and
"D" suffix = + 1% tolerance.
NOTE 2
Zener impedance is derived by
superimposing on lZTA 60 Hz rms
a.c. current equal to 10% of lZT
NOTE 3
Zener voltage is read using a
pulse measment, 10 miliseconds
maximum.
CD5221B thru CD5272B
.1
.2
.5
1
2
5
10
20
50
100
OPERATING CURRENT IZT (mA)
FIGURE 3
ZENER IMPEDANCE VS. OPERATING CURRENT
1000
500
400
300
200
100
50
40
30
20
10
5
4
3
2
1
5.1 VOLT
6.2 VOLT
3.3 VOLT
.1
.2 .3 .4 .5
1
2
5
10
20
30 40
50
100
OPERATING CURRENT lZT (mA)
FIGURE 3
ZENER IMPEDANCE VS. OPERATING CURRENT
1000
500
400
300
200
100
50
40
30
20
10
5
4
3
2
1
3.3
VOL
T
27
VOL
T
11
VOL
T
6.2
VOL
T


Similar Part No. - CD5265B

ManufacturerPart #DatasheetDescription
logo
Compensated Deuices Inc...
CD5283 CDI-DIODE-CD5283 Datasheet
32Kb / 2P
   CURRENT REGULATOR CHIPS
logo
Microsemi Corporation
CD5283 MICROSEMI-CD5283 Datasheet
35Kb / 2P
   CURRENT REGULATOR CHIPS
logo
Compensated Deuices Inc...
CD5284 CDI-DIODE-CD5284 Datasheet
32Kb / 2P
   CURRENT REGULATOR CHIPS
logo
Microsemi Corporation
CD5284 MICROSEMI-CD5284 Datasheet
35Kb / 2P
   CURRENT REGULATOR CHIPS
logo
Compensated Deuices Inc...
CD5285 CDI-DIODE-CD5285 Datasheet
32Kb / 2P
   CURRENT REGULATOR CHIPS
More results

Similar Description - CD5265B

ManufacturerPart #DatasheetDescription
logo
Compensated Deuices Inc...
CD5333B CDI-DIODE-CD5333B Datasheet
82Kb / 2P
   ZENER DIODE CHIPS
CD4728A CDI-DIODE-CD4728A Datasheet
120Kb / 2P
   ZENER DIODE CHIPS
CD4678 CDI-DIODE-CD4678 Datasheet
114Kb / 2P
   ZENER DIODE CHIPS
CD746A CDI-DIODE-CD746A Datasheet
111Kb / 2P
   ZENER DIODE CHIPS
CD4614 CDI-DIODE-CD4614 Datasheet
112Kb / 2P
   ZENER DIODE CHIPS
CD5518B CDI-DIODE-CD5518B Datasheet
114Kb / 2P
   ZENER DIODE CHIPS
CD4099 CDI-DIODE-CD4099 Datasheet
113Kb / 2P
   ZENER DIODE CHIPS
logo
Weitron Technology
WT-Z105P-AU4 WEITRON-WT-Z105P-AU4 Datasheet
166Kb / 1P
   Zener Diode Chips for ESD Protection
WT-Z106P-4-12 WEITRON-WT-Z106P-4-12 Datasheet
175Kb / 1P
   Zener Diode Chips for ESD Protection
WT-Z106P-AU4-14 WEITRON-WT-Z106P-AU4-14 Datasheet
126Kb / 1P
   Zener Diode Chips for ESD Protection
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com