Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

SLR-56VR Datasheet(PDF) 2 Page - Rohm

Part # SLR-56VR
Description  Viewing angle 2 1/2 : 40
Download  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ROHM [Rohm]
Direct Link  http://www.rohm.com
Logo ROHM - Rohm

SLR-56VR Datasheet(HTML) 2 Page - Rohm

  SLR-56VR Datasheet HTML 1Page - Rohm SLR-56VR Datasheet HTML 2Page - Rohm SLR-56VR Datasheet HTML 3Page - Rohm SLR-56VR Datasheet HTML 4Page - Rohm  
Zoom Inzoom in Zoom Outzoom out
 2 / 4 page
background image
10
1.0
0.1
1.5
1.0
2.0
2.5
3.0
50
FORWARD VOLTAGE :VF (V)
Ta=25°C
1.4
1.2
1.0
0.8
0.6
0.4
ATMOSPHERE TEMPERATURE:Ta (°C)
-40 -20
0
20
40
60
80 100
IF=10mA
Ta=25°C
10
1.0
0.1
1
10
100
0.1
FORWARD CURRENT:IF (mA)
20
10
0
-40 -20
0
40
60
20
80 100
30
AMBIENT TEMPERATURE:Ta (°C)
SLR-56MC
SLR-56MG
SLR-56YC
SLR-56YY
SLR-56DC
SLR-56DU
SLR-56VC
SLR-56VR
SLR-56MC
SLR-56MG
SLR-56YC
SLR-56YY
SLR-56DC
SLR-56DU
SLR-56VC
SLR-56VR
SLR-56MC
SLR-56MG
SLR-56YC
SLR-56YY
SLR-56DC
SLR-56DU
SLR-56VC
SLR-56VR
SLR-56MC
SLR-56MG
SLR-56YC
SLR-56YY
SLR-56DC
SLR-56DU
SLR-56VC
SLR-56VR
Forward Current-Forward Voltage
Electrical Characteristics Curves
Luminous Intensity-Atmosphere Temperature
Luminous Intensity-Forward Current
Derating
SLR-56 Series
2/3
© 2010 ROHM Co., Ltd. All rights reserved.
www.rohm.com
2010.12 - Rev.A


Similar Part No. - SLR-56VR

ManufacturerPart #DatasheetDescription
logo
Rohm
SLR-56VR ROHM-SLR-56VR Datasheet
152Kb / 3P
   phi5.0(T-1 3/4) Circular Type Standard Type
SLR-56VR ROHM-SLR-56VR Datasheet
899Kb / 4P
   SLR-56 Series
SLR-56VR ROHM-SLR-56VR Datasheet
899Kb / 4P
   Thank you for your accessing to ROHM product informations. More detail product informations and catalogs are available, please contact us.
SLR-56VR ROHM-SLR-56VR Datasheet
899Kb / 4P
   Viewing angle 20 1/2 40
SLR-56VR ROHM-SLR-56VR Datasheet
1Mb / 8P
   Viewing angle 20 1/2 40
More results

Similar Description - SLR-56VR

ManufacturerPart #DatasheetDescription
logo
Rohm
SLI-343D8U3F ROHM-SLI-343D8U3F Datasheet
145Kb / 4P
   Viewing angle 2 1/2 40
SLR-342 ROHM-SLR-342_10 Datasheet
878Kb / 4P
   Viewing angle 2 1/2 : 40 Series
SLR-56VC3F ROHM-SLR-56VC3F Datasheet
1Mb / 8P
   Viewing angle 20 1/2 40
SLI-343UR3F ROHM-SLI-343UR3F Datasheet
139Kb / 4P
   Viewing angle 20 1/2 40
SLR-342MG3F ROHM-SLR-342MG3F Datasheet
878Kb / 4P
   Viewing angle 20 1/2 40
SLR-56MGT32 ROHM-SLR-56MGT32 Datasheet
899Kb / 4P
   Viewing angle 20 1/2 40
SLR-343MGT32 ROHM-SLR-343MGT32 Datasheet
167Kb / 6P
   Viewing angle 20 1/2 40
SLR-342VRT32 ROHM-SLR-342VRT32 Datasheet
810Kb / 5P
   Viewing angle 20 1/2 40
SLR-325VC ROHM-SLR-325VC Datasheet
122Kb / 3P
   Viewing angle 2 1/2 : 40 Lead pitch 5mm
SLR-332VRT32 ROHM-SLR-332VRT32 Datasheet
868Kb / 4P
   Viewing angle 2 1/2 85
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com