Electronic Components Datasheet Search |
|
MAX233EPP Datasheet(PDF) 6 Page - Maxim Integrated Products |
|
MAX233EPP Datasheet(HTML) 6 Page - Maxim Integrated Products |
6 / 38 page mA +5V-Powered, Multichannel RS-232 Drivers/Receivers V 0.8 1.2 PARAMETER MIN TYP MAX UNITS CONDITIONS Normal operation VSHDN = 5V (MAX223) VSHDN = 0V (MAX235/236/240/241) 1.7 2.4 RS-232 Input Logic-Low Voltage TA = +25°C, VCC = +5V 0.6 1.5 V RS-232 Input Logic-High Voltage TA = +25°C, VCC = +5V Shutdown (MAX223) VSHDN = 0V, VEN = +5V (R4IN‚ R5IN) 1.5 2.4 ELECTRICAL CHARACTERISTICS—MAX223/MAX230–MAX241 (continued) (MAX223/230/232/234/236/237/238/240/241, VCC = +5V ±10%; MAX233/MAX235, VCC = +5V ±5%‚ C1–C4 = 1.0µF; MAX231/MAX239, VCC = +5V ±10%; V+ = +7.5V to +13.2V; TA = TMIN to TMAX; unless otherwise noted.) (Note 5) Shutdown (MAX223) VSHDN = 0V, VEN = +5V (R4IN, R5IN) Normal operation VSHDN = +5V (MAX223) VSHDN = 0V (MAX235/236/240/241) RS-232 Input Hysteresis VCC = +5V, no hysteresis in shutdown 0.2 0.5 1.0 V RS-232 Input Resistance TA = +25°C, VCC = +5V 35 7 k Ω TTL/CMOS Output Voltage Low IOUT = 1.6mA (MAX231/232/233, IOUT = 3.2mA) 0.4 V TTL/CMOS Output Voltage High IOUT = -1mA 3.5 VCC - 0.4 V TTL/CMOS Output Leakage Current 0V ≤ ROUT ≤ VCC; VEN = 0V (MAX223); VEN = VCC (MAX235–241) ±0.05 ±10 µA MAX223 600 ns Receiver Output Enable Time Normal operation MAX235/236/239/240/241 400 MAX223 900 ns Receiver Output Disable Time Normal operation MAX235/236/239/240/241 250 Normal operation 0.5 10 µs VSHDN = 0V (MAX223) 440 Propagation Delay RS-232 IN to TTL/CMOS OUT, CL = 150pF 640 3 5.1 30 V/µs MAX231/MAX232/MAX233, TA = +25°C, VCC = +5V, RL = 3k Ω to 7kΩ, CL = 50pF to 2500pF, measured from +3V to -3V or -3V to +3V 430 Transmitter Output Resistance VCC = V+ = V- = 0V, VOUT = ±2V 300 Ω Transmitter Output Short-Circuit Current ±10 mA tPHLS tPLHS Transition Region Slew Rate MAX223/MAX230/MAX234–241, TA = +25°C, VCC = +5V, RL = 3k Ω to 7kΩ‚ CL = 50pF to 2500pF, measured from +3V to -3V or -3V to +3V Note 5: All units are production tested at hot except for the MAX240, which is production tested at TA = +25°C. Specifications over temperature are guaranteed by design. 6 Maxim Integrated MAX220–MAX249 MAX220–MAX249 |
Similar Part No. - MAX233EPP |
|
Similar Description - MAX233EPP |
|
|
Link URL |
Privacy Policy |
ALLDATASHEET.COM |
Does ALLDATASHEET help your business so far? [ DONATE ] |
About Alldatasheet | Advertisement | Datasheet Upload | Contact us | Privacy Policy | Link Exchange | Manufacturer List All Rights Reserved©Alldatasheet.com |
Russian : Alldatasheetru.com | Korean : Alldatasheet.co.kr | Spanish : Alldatasheet.es | French : Alldatasheet.fr | Italian : Alldatasheetit.com Portuguese : Alldatasheetpt.com | Polish : Alldatasheet.pl | Vietnamese : Alldatasheet.vn Indian : Alldatasheet.in | Mexican : Alldatasheet.com.mx | British : Alldatasheet.co.uk | New Zealand : Alldatasheet.co.nz |
Family Site : ic2ic.com |
icmetro.com |