Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

CAT25C08S-TE13 Datasheet(PDF) 7 Page - Catalyst Semiconductor

Part # CAT25C08S-TE13
Description  1K/2K/4K/8K/16K SPI Serial CMOS E2PROM
Download  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CATALYST [Catalyst Semiconductor]
Direct Link  http://www.catalyst-semiconductor.com
Logo CATALYST - Catalyst Semiconductor

CAT25C08S-TE13 Datasheet(HTML) 7 Page - Catalyst Semiconductor

Back Button CAT25C08S-TE13 Datasheet HTML 2Page - Catalyst Semiconductor CAT25C08S-TE13 Datasheet HTML 3Page - Catalyst Semiconductor CAT25C08S-TE13 Datasheet HTML 4Page - Catalyst Semiconductor CAT25C08S-TE13 Datasheet HTML 5Page - Catalyst Semiconductor CAT25C08S-TE13 Datasheet HTML 6Page - Catalyst Semiconductor CAT25C08S-TE13 Datasheet HTML 7Page - Catalyst Semiconductor CAT25C08S-TE13 Datasheet HTML 8Page - Catalyst Semiconductor CAT25C08S-TE13 Datasheet HTML 9Page - Catalyst Semiconductor CAT25C08S-TE13 Datasheet HTML 10Page - Catalyst Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 7 / 10 page
background image
7
CAT25C01/02/04/08/16
Doc. No. 25067-00 5/00
Advanced Information
Figure 4. Read Instruction Timing
Byte Write
Once the device is in a Write Enable state, the user may
proceed with a write sequence by setting the
CS low,
issuing a write instruction via the SI line, followed by the
16-bit address for 25C08/16. (only 10-bit addresses are
used for 25C08, 11-bit addresses are used for 25C16.
The rest of the bits are don't care bits) and 8-bit address
for 25C01/02/04 (for the 25C04, bit 3 of the read data
instruction contains address A8). Programming will start
after the
CS is brought high. Figure 6 illustrates byte
write sequence.
WRITE Sequence
The CAT25C01/02/04/08/16 powers up in a Write Dis-
able state. Prior to any write instructions, the WREN
instruction must be sent to CAT25C01/02/04/08/16.
The device goes into Write enable state by pulling the
CS low and then clocking the WREN instruction into
CAT25C01/02/04/08/16. The
CS must be brought high
after the WREN instruction to enable writes to the
device. If the write operation is initiated immediately
after the WREN instruction without
CS being brought
high, the data will not be written to the array because the
write enable latch will not have been properly set. Also,
for a successful write operation the address of the
memory location(s) to be programmed must be outside
the protected address field location selected by the
block protection level.
Figure 5. RDSR Instruction Timing
Note: Dashed Line= mode (1, 1) – ––––
Note: Dashed Line= mode (1, 1) – – – –
SK
SI
SO
0000001
1
BYTE ADDRESS*
0123456789
10
20
21
22
23
24
25
26
27
28
29
30
7
6
5
4
3
2
1
0
*Please check the instruction set table for address
CS
OPCODE
DATA OUT
MSB
HIGH IMPEDANCE
0
1
2
345
67
8
10
911
12
13
14
SCK
SI
DATA OUT
MSB
HIGH IMPEDANCE
OPCODE
SO
7
6
5
4
3
2
1
0
CS
00
0
00
1
0
1


Similar Part No. - CAT25C08S-TE13

ManufacturerPart #DatasheetDescription
logo
Catalyst Semiconductor
CAT25C08 CATALYST-CAT25C08 Datasheet
950Kb / 16P
   8K/16K SPI Serial CMOS EEPROM
CAT25C08L1I-1.8-GT3 CATALYST-CAT25C08L1I-1.8-GT3 Datasheet
950Kb / 16P
   8K/16K SPI Serial CMOS EEPROM
CAT25C08L1I-1.8T3 CATALYST-CAT25C08L1I-1.8T3 Datasheet
950Kb / 16P
   8K/16K SPI Serial CMOS EEPROM
CAT25C08L1I-GT3 CATALYST-CAT25C08L1I-GT3 Datasheet
950Kb / 16P
   8K/16K SPI Serial CMOS EEPROM
CAT25C08L1IT3 CATALYST-CAT25C08L1IT3 Datasheet
950Kb / 16P
   8K/16K SPI Serial CMOS EEPROM
More results

Similar Description - CAT25C08S-TE13

ManufacturerPart #DatasheetDescription
logo
Catalyst Semiconductor
CAT25C11 CATALYST-CAT25C11 Datasheet
79Kb / 12P
   1K/2K/4K/8K/16K SPI Serial CMOS EEPROM
CAT24WC01 CATALYST-CAT24WC01 Datasheet
45Kb / 9P
   1K/2K/4K/8K/16K-Bit Serial E2PROM
CAT24C08 CATALYST-CAT24C08 Datasheet
310Kb / 8P
   1K/2K/4K/8K/16K-Bit Serial E2PROM
CAT25C03 CATALYST-CAT25C03_05 Datasheet
305Kb / 12P
   1K/2K/4K/8K/16K SPI Serial CMOS EEPROM
CAT25C03 CATALYST-CAT25C03 Datasheet
66Kb / 10P
   2K/4K/8K/16K/32K SPI Serial CMOS E2PROM
CAT24WC03 CATALYST-CAT24WC03 Datasheet
43Kb / 8P
   2K/4K/8K/16K-Bit Serial E2PROM
CAT93C46 CATALYST-CAT93C46 Datasheet
61Kb / 9P
   1K/2K/2K/4K/16K-Bit Microwire Serial E2PROM
CAT64LC10 CATALYST-CAT64LC10 Datasheet
64Kb / 9P
   1K/2K/4K-Bit SPI Serial E2PROM
CAT24WC01 CATALYST-CAT24WC01_05 Datasheet
505Kb / 14P
   1K/2K/4K/8K/16K-Bit Serial EEPROM
logo
Cystech Electonics Corp...
CTK24BC01-16P8 CYSTEKEC-CTK24BC01-16P8 Datasheet
378Kb / 12P
   2-Wire Serial EEPROMs 1K/2K/4K/8K/16K
More results


Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com