Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

IG10009 Datasheet(PDF) 3 Page - MicroPower Direct, LLC

Part # IG10009
Description  IG120 SERIES
Download  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MPD [MicroPower Direct, LLC]
Direct Link  http://www.micropowerdirect.com
Logo MPD - MicroPower Direct, LLC

IG10009 Datasheet(HTML) 3 Page - MicroPower Direct, LLC

  IG10009 Datasheet HTML 1Page - MicroPower Direct, LLC IG10009 Datasheet HTML 2Page - MicroPower Direct, LLC IG10009 Datasheet HTML 3Page - MicroPower Direct, LLC IG10009 Datasheet HTML 4Page - MicroPower Direct, LLC  
Zoom Inzoom in Zoom Outzoom out
 3 / 4 page
background image
MicroPower Direct 292 Page Street Ste D Stoughton, MA 02072 TEL: (781) 344-8226 FAX: (781) 344-8481 E-Mail: sales@micropowerdirect.com
www.micropowerdirect.com
Typical Connection
The IG100 series may be used in a wide variety of on-board power
distribution applications. However, it has been designed specifically to
power 962 type IGBT drivers. A typical connection to the MicroPower
Direct IGD962 is shown in the diagram above.
Some notes on this circuit (starting with the IG120-15
input) are:
1. The IG100 DC/DC should be mounted as close to the IGBT driver as
possible, to minimize the length of connecting board traces or wires.
2. The IG100 series does not include overload protection (typical of most
low power DC/DC’s). It is recommended that an external fuse be used.
The recommended fuse is shown in the model chart on page 2.
3. The addition of the input filter components (C1 and LDM) will typically
bring the circuit within the limits of EN 55022 Class B. The recom-
mended values for these components are shown in the table at right.
If meeting EN 55022 class B is not a concern, the inductor (LDM) can
be eliminated (as shown in the circuit diagram below). In this case, the
recommended value for C1 is 100 µF/35V.
4. The recommended values for the output filter capacitors C2 and C3
are shown in the table at right.
5. C1, C2 and C3 should be mounted as close to the unit as possible. To
ensure peak gate current, these capacitors should have a low ESR.
The trace (or wire) between the DC/DC and the driver circuit should
be as short as possible.
6. The average output power of the driver circuit must be lower than
output power of the DC/DC.
Derating Curve
7. Recommended values for components are:
Component
12 VIN
15 VIN
24 VIN
C1
4.7 µF/50V
4.7 µF/50V
4.7 µF/50V
LDM
12 µH
12 µH
12 µH
C2
100 µF/35V
100 µF/35V
100 µF/35V
C3
100 µF/35V
100 µF/35V
100 µF/35V
Go to the MPD website for complete information on our wide
line of IGBT driver products, including the IGD962. Or contact
the factory with any technical inquiries.


Similar Part No. - IG10009

ManufacturerPart #DatasheetDescription
logo
MicroPower Direct, LLC
IG100 MPD-IG100 Datasheet
258Kb / 2P
   High Isolation IGBT Driver DC/DC Converters
More results

Similar Description - IG10009

ManufacturerPart #DatasheetDescription
logo
Riedon Powertron
101-500RB RIEDON-101-500RB Datasheet
318Kb / 2P
   100 Series / SM Series / PC Series
logo
Fairchild Semiconductor
FOD617CSD FAIRCHILD-FOD617CSD Datasheet
723Kb / 12P
   FOD814 Series, FOD817 Series FOD814 Series, FOD817 Series Phototransistor Optocouplers
logo
Littelfuse
SPFR LITTELFUSE-SPFR Datasheet
547Kb / 1P
   SPFR Series and SPFRHV Series
Rev: 071013
logo
Hamamatsu Corporation
C10507-11_ETC_KACC1142E07 HAMAMATSU-C10507-11_ETC_KACC1142E07 Datasheet
898Kb / 9P
   C10507-11 series C10751 series
logo
Texas Instruments
BQ40Z50 TI1-BQ40Z50 Datasheet
943Kb / 30P
[Old version datasheet]   1-Series, 2-Series, 3-Series, and 4-Series Li-Ion Battery Pack Manager
logo
List of Unclassifed Man...
F-CBS-F2 ETC2-F-CBS-F2 Datasheet
45Kb / 1P
   Heat sink is prepared in TUNS100 series, CBS series, DHS200 series and DHS250 series.
logo
Texas Instruments
BQ40Z50-R2 TI1-BQ40Z50-R2 Datasheet
1Mb / 51P
[Old version datasheet]   1-Series, 2-Series, 3-Series, and 4-Series Li-Ion Battery Pack Manager
BQ29330DBTRG4 TI-BQ29330DBTRG4 Datasheet
1Mb / 29P
[Old version datasheet]   2-SERIES, 3-SERIES, AND 4-SERIES CELL LITHIUM-ION
logo
Extech Instruments Corp...
MA435T EXTECH-MA435T Datasheet
364Kb / 1P
   MA430 Series 400A MA430 Series 400A
logo
RF Micro Devices
AN0013 RFMD-AN0013 Datasheet
40Kb / 4P
   NBB Series and NDA Series Reliability
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com