Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

CYD02S36V18-200BBC Datasheet(PDF) 1 Page - Cypress Semiconductor

Part # CYD02S36V18-200BBC
Description  FullFlex Synchronous SDR Dual Port SRAM
Download  53 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CYPRESS [Cypress Semiconductor]
Direct Link  http://www.cypress.com
Logo CYPRESS - Cypress Semiconductor

CYD02S36V18-200BBC Datasheet(HTML) 1 Page - Cypress Semiconductor

  CYD02S36V18-200BBC Datasheet HTML 1Page - Cypress Semiconductor CYD02S36V18-200BBC Datasheet HTML 2Page - Cypress Semiconductor CYD02S36V18-200BBC Datasheet HTML 3Page - Cypress Semiconductor CYD02S36V18-200BBC Datasheet HTML 4Page - Cypress Semiconductor CYD02S36V18-200BBC Datasheet HTML 5Page - Cypress Semiconductor CYD02S36V18-200BBC Datasheet HTML 6Page - Cypress Semiconductor CYD02S36V18-200BBC Datasheet HTML 7Page - Cypress Semiconductor CYD02S36V18-200BBC Datasheet HTML 8Page - Cypress Semiconductor CYD02S36V18-200BBC Datasheet HTML 9Page - Cypress Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 53 page
background image
CYDXXS72V18
CYDXXS36V18
CYDXXS18V18
FullFlex™ Synchronous SDR
Dual Port SRAM
Cypress Semiconductor Corporation
198 Champion Court
San Jose
, CA 95134-1709
408-943-2600
Document Number: 38-06082 Rev. *O
Revised February 5, 2013
FullFlex™ Synchronous SDR Dual Port SRAM
Features
True dual port memory enables simultaneous access the
shared array from each port
Synchronous pipelined operation with single data rate (SDR)
operation on each port
SDR interface at 200 MHz
Up to 28.8 Gb/s bandwidth (200 MHz × 72-bit × 2 ports)
Selectable pipelined or flow-through mode
1.5 V or 1.8 V core power supply
Commercial and Industrial temperature
IEEE 1149.1 JTAG boundary scan
Available in 484-ball PBGA (× 72) and 256-ball FBGA (× 36
and × 18) packages
FullFlex72 family
36-Mbit: 512 K × 72 (CYD36S72V18)
18-Mbit: 256 K × 72 (CYD18S72V18)
9-Mbit: 128 K × 72 (CYD09S72V18)
FullFlex36 family
36-Mbit: 1 M × 36 (CYD36S36V18)
18-Mbit: 512 K × 36 (CYD18S36V18)
9-Mbit: 256 K × 36 (CYD09S36V18)
2-Mbit: 64 K × 36 (CYD02S36V18)
FullFlex18 family
36-Mbit: 2 M × 18 (CYD36S18V18)
18-Mbit: 1 M × 18 (CYD18S18V18)
9-Mbit: 512 K × 18 (CYD09S18V18)
Built in deterministic access control to manage address
collisions
Deterministic flag output upon collision detection
Collision detection on back-to-back clock cycles
First busy address readback
Advanced features for improved high speed data transfer and
flexibility
Variable impedance matching (VIM)
Echo clocks
Selectable LVTTL (3.3 V), Extended HSTL (1.4 V to 1.9 V),
1.8 V LVCMOS, or 2.5 V LVCMOS IO on each port
Burst counters for sequential memory access
Mailbox with interrupt flags for message passing
Dual chip enables for easy depth expansion
Functional Description
The FullFlex™ dual port SRAM families consist of 2-Mbit, 9-Mbit,
18-Mbit, and 36-Mbit synchronous, true dual port static RAMs
that are high speed, low power 1.8 V or 1.5 V CMOS. Two ports
are provided, enabling simultaneous access to the array.
Simultaneous access to a location triggers deterministic access
control. For FullFlex72 these ports operate independently with
72-bit bus widths and each port is independently configured for
two pipelined stages. Each port is also configured to operate in
pipelined or flow through mode.
The advanced features include the following:
Built in deterministic access control to manage address
collisions during simultaneous access to the same memory
location
Variable impedance matching (VIM) to improve data
transmission by matching the output driver impedance to the
line impedance
Echo clocks to improve data transfer
To reduce the static power consumption, chip enables power
down the internal circuitry. The number of latency cycles before
a change in CE0 or CE1 enables or disables the databus
matches the number of cycles of read latency selected for the
device. For a valid write or read to occur, activate both chip
enable inputs on a port.
Each port contains an optional burst counter on the input address
register. After externally loading the counter with the initial
address, the counter increments the address internally.
Additional device features include a mask register and a mirror
register to control counter increments and wrap around. The
counter interrupt (CNTINT) flags notify the host that the counter
reaches maximum count value on the next clock cycle. The host
reads the burst counter internal address, mask register address,
and busy address on the address lines. The host also loads the
counter with the address stored in the mirror register by using the
retransmit functionality. Mailbox interrupt flags are used for
message passing, and JTAG boundary scan and asynchronous
Master Reset (MRST) are also available. The Logic Block
Diagram on page 2 shows these features.
The FullFlex72 is offered in a 484-ball plastic BGA package. The
FullFlex36 and FullFlex18 are available in 256-ball fine pitch
BGA package except the 36-Mbit devices which are offered in
484-ball plastic BGA package.


Similar Part No. - CYD02S36V18-200BBC

ManufacturerPart #DatasheetDescription
logo
Cypress Semiconductor
CYD02S36V CYPRESS-CYD02S36V Datasheet
483Kb / 28P
   FLEx36 3.3V 32K/64K/128K/256K/512 x 36 Synchronous Dual-Port RAM
CYD02S36V CYPRESS-CYD02S36V Datasheet
623Kb / 28P
   FLEx36??3.3V 32K/64K/128K/256K/512 x 36 Synchronous Dual-Port RAM
CYD02S36V CYPRESS-CYD02S36V Datasheet
801Kb / 28P
   FLEx36??3.3 V (64K x 36) Synchronous Dual-Port RAM
CYD02S36V-133BBC CYPRESS-CYD02S36V-133BBC Datasheet
483Kb / 28P
   FLEx36 3.3V 32K/64K/128K/256K/512 x 36 Synchronous Dual-Port RAM
CYD02S36V-133BBC CYPRESS-CYD02S36V-133BBC Datasheet
623Kb / 28P
   FLEx36??3.3V 32K/64K/128K/256K/512 x 36 Synchronous Dual-Port RAM
More results

Similar Description - CYD02S36V18-200BBC

ManufacturerPart #DatasheetDescription
logo
Cypress Semiconductor
FULLFLEX CYPRESS-FULLFLEX Datasheet
1Mb / 52P
   FullFlex Synchronous SDR Dual Port SRAM Commercial and Industrial temperature
logo
Integrated Device Techn...
IDT71V547S IDT-IDT71V547S Datasheet
711Kb / 20P
   Synchronous SRAM
logo
Renesas Technology Corp
IDT709149S RENESAS-IDT709149S Datasheet
267Kb / 11P
   HIGH-SPEED 36K (4K x 9-BIT) SYNCHRONOUS PIPELINED DUAL-PORT SRAM
FEBRUARY 2018
logo
Integrated Device Techn...
IDT709149S IDT-IDT709149S Datasheet
134Kb / 10P
   HIGH-SPEED 36K (4K x 9-BIT) SYNCHRONOUS PIPELINED DUAL-PORT SRAM
IDT709149S IDT-IDT709149S_15 Datasheet
618Kb / 10P
   HIGH-SPEED 36K (4K x 9-BIT) SYNCHRONOUS PIPELINED DUAL-PORT SRAM
logo
Fujitsu Component Limit...
MB8421 FUJITSU-MB8421 Datasheet
612Kb / 14P
   CMOS 16K-BIT DUAL-PORT SRAM
MB8441-45 FUJITSU-MB8441-45 Datasheet
992Kb / 19P
   CMOS 64K-BIT DUAL PORT SRAM
logo
Samsung semiconductor
KM732V595L SAMSUNG-KM732V595L Datasheet
484Kb / 15P
   32Kx32 Synchronous SRAM
KM732V688 SAMSUNG-KM732V688 Datasheet
509Kb / 15P
   64Kx32 Synchronous SRAM
KM732V787 SAMSUNG-KM732V787 Datasheet
524Kb / 16P
   128Kx32 Synchronous SRAM
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com