Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

BD82065FVJ-LBE2 Datasheet(PDF) 8 Page - Rohm

Part # BD82065FVJ-LBE2
Description  2.4A Current Limit High Side Switch ICs
Download  25 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ROHM [Rohm]
Direct Link  http://www.rohm.com
Logo ROHM - Rohm

BD82065FVJ-LBE2 Datasheet(HTML) 8 Page - Rohm

Back Button BD82065FVJ-LBE2 Datasheet HTML 4Page - Rohm BD82065FVJ-LBE2 Datasheet HTML 5Page - Rohm BD82065FVJ-LBE2 Datasheet HTML 6Page - Rohm BD82065FVJ-LBE2 Datasheet HTML 7Page - Rohm BD82065FVJ-LBE2 Datasheet HTML 8Page - Rohm BD82065FVJ-LBE2 Datasheet HTML 9Page - Rohm BD82065FVJ-LBE2 Datasheet HTML 10Page - Rohm BD82065FVJ-LBE2 Datasheet HTML 11Page - Rohm BD82065FVJ-LBE2 Datasheet HTML 12Page - Rohm Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 25 page
background image
8/22
BD82061FVJ-LB
BD82065FVJ-LB
Datasheet
TSZ02201-0E3E0H300440-1-2
21.Feb.2014 Rev.002
www.rohm.com
© 2013 ROHM Co., Ltd. All rights reserved.
TSZ22111・15・001
Typical Performance Curves - continued
Figure 12. Current limit threshold
Figure 13. Current limit threshold
Figure 14. Short circuit current
Figure 15. Short circuit current
1.4
1.6
1.8
2.0
2.2
2.4
23
45
6
Supply Voltage : VIN[V]
Ta=25°C
1.4
1.6
1.8
2.0
2.2
2.4
-50
0
50
100
Ambient Temperature : Ta[℃]
VIN=5.0V
1.0
1.2
1.4
1.6
1.8
2.0
234
56
S
upply Voltage : VIN[V]
Ta=25°C
1.0
1.2
1.4
1.6
1.8
2.0
-50
0
50
100
Ambient Temperature : Ta[℃]
VIN=5.0V


Similar Part No. - BD82065FVJ-LBE2

ManufacturerPart #DatasheetDescription
logo
Rohm
BD82065FVJ-E2 ROHM-BD82065FVJ-E2 Datasheet
399Kb / 17P
   1ch High Side Switch ICs for USB Devices and Memory Cards
More results

Similar Description - BD82065FVJ-LBE2

ManufacturerPart #DatasheetDescription
logo
Rohm
BD2062FJ ROHM-BD2062FJ_14 Datasheet
1Mb / 26P
   2.4A Current Limit High Side Switch ICs
BD6517F-E2 ROHM-BD6517F-E2 Datasheet
1Mb / 34P
   Current Limit High Side Switch ICs
BD2262G-MGTR ROHM-BD2262G-MGTR Datasheet
616Kb / 37P
   Current Limit High Side Switch ICs
BD226XG-M ROHM-BD226XG-M Datasheet
615Kb / 37P
   Current Limit High Side Switch ICs
03.Feb.2014 Rev.001
BD6512F-E2 ROHM-BD6512F-E2 Datasheet
1Mb / 34P
   Current Limit High Side Switch ICs
BD2046AFJ ROHM-BD2046AFJ_14 Datasheet
1,011Kb / 27P
   0.5A Current Limit High Side Switch ICs
BD2224G ROHM-BD2224G_14 Datasheet
1,013Kb / 26P
   0.75A Current Limit High Side Switch ICs
BD2240G ROHM-BD2240G_14 Datasheet
1,006Kb / 27P
   1.0A Current Limit High Side Switch ICs
BD82000FVJ-LB ROHM-BD82000FVJ-LB Datasheet
532Kb / 26P
   1.5A Current Limit High Side Switch ICs
BD82046FVJ ROHM-BD82046FVJ Datasheet
998Kb / 24P
   3.2A Current Limit High Side Switch ICs
26.MAY.2014 Rev.002
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com