Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

PVZ2105C04 Datasheet(PDF) 3 Page - Murata Manufacturing Co., Ltd.

Part # PVZ2105C04
Description  SMD Open Type 2mm Size PVZ2/PVA2 Series
Download  55 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MURATA [Murata Manufacturing Co., Ltd.]
Direct Link  http://www.murata.com
Logo MURATA - Murata Manufacturing Co., Ltd.

PVZ2105C04 Datasheet(HTML) 3 Page - Murata Manufacturing Co., Ltd.

  PVZ2105C04 Datasheet HTML 1Page - Murata Manufacturing Co., Ltd. PVZ2105C04 Datasheet HTML 2Page - Murata Manufacturing Co., Ltd. PVZ2105C04 Datasheet HTML 3Page - Murata Manufacturing Co., Ltd. PVZ2105C04 Datasheet HTML 4Page - Murata Manufacturing Co., Ltd. PVZ2105C04 Datasheet HTML 5Page - Murata Manufacturing Co., Ltd. PVZ2105C04 Datasheet HTML 6Page - Murata Manufacturing Co., Ltd. PVZ2105C04 Datasheet HTML 7Page - Murata Manufacturing Co., Ltd. PVZ2105C04 Datasheet HTML 8Page - Murata Manufacturing Co., Ltd. PVZ2105C04 Datasheet HTML 9Page - Murata Manufacturing Co., Ltd. Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 55 page
background image
R50E.pdf
Jul.23,2012
!Note • Please read rating and !CAUTION (for storage, operating, rating, soldering, mounting and handling) in this catalog to prevent smoking and/or burning, etc.
• This catalog has only typical specifications. Therefore, please approve our product specifications or transact the approval sheet for product specifications before ordering.
CONTENTS
1
2
3
4
5
6
7
Part Numbering
2
Selection Guide of Trimmer Potentiometers
3
SMD Open Type 2mm Size PVZ2/PVA2 Series
4
PVZ2/PVA2 Series Notice
8
SMD Open Type 3mm Size PVZ3 Series
10
PVZ3 Series Notice
14
SMD Sealed Type 3mm Size PVG3 Series
16
PVG3 Series Notice
19
SMD Sealed Type 4mm Size PVM4 Series
21
PVM4 Series Notice
23
SMD Sealed Type Multi-turn PVG5 Series
26
PVG5 Series Notice
29
Lead Sealed Type Single-turn PV32 Series
31
PV32 Series Notice
34
Lead Sealed Type Multi-turn PV12/PV37/PV36 Series
36
PV12/PV37/PV36 Series Notice
43
SMD Open Type (PVZ2/A2/Z3)/SMD Sealed Type (PVM4A_C01 Series) Specifications and Test Methods
45
SMD Sealed Type (PVG3/M4A_D01/G5)/Lead Sealed Type (PV32/12/37/36) Specifications and Test Methods
46
Packaging
49
Recommended Adjustment Tools/Qualified Standards
52
1
2
3
4
5
6
7


Similar Part No. - PVZ2105C04

ManufacturerPart #DatasheetDescription
logo
Murata Manufacturing Co...
PVZ2105C04 MURATA-PVZ2105C04 Datasheet
1Mb / 55P
   Trimmer Potentiometers
More results

Similar Description - PVZ2105C04

ManufacturerPart #DatasheetDescription
logo
Murata Manufacturing Co...
R50E MURATA-R50E Datasheet
1Mb / 55P
   Trimmer Potentiometers SMD Open Type 2mm Size PVZ2/PVA2 Series
logo
ALPS ELECTRIC CO.,LTD.
SSAA ALPS-SSAA Datasheet
279Kb / 4P
   2mm-travel Type
logo
ERNI Electronics
DC0000128 ERNI-DC0000128 Datasheet
71Kb / 1P
   Messerleste SMD, Powerm. 2mm Male Con. SMD. Powerm, 2mm
DC0000093 ERNI-DC0000093 Datasheet
104Kb / 1P
   Messerleiste 2mm SMD, 50 polig Male 2mm SMD, 50 contacts
logo
Murata Manufacturing Co...
PVM4A101A01 MURATA-PVM4A101A01 Datasheet
111Kb / 6P
   SMD Sealed Type 4mm Size PVM4 Series
logo
ERNI Electronics
DC0000092 ERNI-DC0000092 Datasheet
111Kb / 1P
   Messerleiste 2mm SMD, 50 polig Male 2mm SMD, 50 contacts
214550 ERNI-214550 Datasheet
71Kb / 1P
   Messerleiste SMD, Powerm. 2mm
100100010001 ERNI-100100010001 Datasheet
77Kb / 1P
   Messerleiste SMD, Powerm. 2mm
100302770001 ERNI-100302770001 Datasheet
77Kb / 1P
   Messerleiste SMD, Powerm. 2mm
100100630001 ERNI-100100630001 Datasheet
77Kb / 1P
   Messerleiste SMD, Powerm. 2mm
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com