Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

CND2B10VTTE271J Datasheet(PDF) 1 Page - List of Unclassifed Manufacturers

Part # CND2B10VTTE271J
Description  bussed square corner resistor array
Download  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC2 [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC2 - List of Unclassifed Manufacturers

CND2B10VTTE271J Datasheet(HTML) 1 Page - List of Unclassifed Manufacturers

  CND2B10VTTE271J Datasheet HTML 1Page - List of Unclassifed Manufacturers CND2B10VTTE271J Datasheet HTML 2Page - List of Unclassifed Manufacturers CND2B10VTTE271J Datasheet HTML 3Page - List of Unclassifed Manufacturers  
Zoom Inzoom in Zoom Outzoom out
 1 / 3 page
background image
a
L
C
d
b
p
Resistive
Film
Ceramic
Substrate
Inner
Electrode
t
W
Protective
Coating
Electrode
74
KOA Speer Electronics, Inc. • 199 Bolivar Drive • Bradford, PA 16701 • USA • 814-362-5536 • Fax: 814-362-8883 • www.koaspeer.com
Specifications given herein may be changed at any time without prior notice. Please confirm technical specifications before you order and/or use.
12/17/12
CND
bussed square corner resistor array
features
Manufactured to type RK73 standards
Concave or convex terminations
Less board space than individual chips
Eight bussed resistor elements included in one array
Marking: Marked with resistance value
Products with lead-free terminations meet EU RoHS
requirements. EU RoHS regulation is not intended for
Pb-glass contained in electrode, resistor element and glass.
TD: 7"
paper tape
ordering information
2 significant
figures + 1
multiplier
1J
10
V: Reverse
common
electrode
Nil: Standard
T: Sn
(Other termination
styles may be
available, please
contact factory
for options)
J: ±5%
CND
1J
10
V
T
Elements
Type
Size
Nominal
Resistance
Tolerance
Circuit
Symbol
Termination
Material
Packaging
New Part #
TD
103
J
For further information on packaging,
please refer to Appendix A.
dimensions and
construction
Size
Code
Figure
No.
.126±.006
(3.2±0.15)
.063±.008
(1.6±0.2)
.010±.004
(0.25±0.1)
.020±.004
(0.5±0.1)
.016±.004
(0.4±0.1)
.012±.004
(0.3±0.1)
.008±.004
(0.2±0.1)
.006±.004
(0.15±0.1)
.016±.006
(0.4±0.15)
.024±.006
(0.6±0.15)
.012±.008
(0.3±0.2)
.013±.006
(0.33±0.15)
.022±.004
(0.55±0.1)
.024±.004
(0.6±0.1)
.020±.008
(0.5±0.2)
.024±.004
(0.6±0.1)
.024±.004
(0.6±0.1)
.014±.004
(0.35±0.1)
.016±.008
(0.4±0.2)
.083±.008
(2.1±0.2)
.157±.008
(4.0±0.2)
.252±.008
(6.4±0.2)
.122±.008
(3.1±0.2)
.014±.006
(0.35±0.15)
.022±.006
(0.55±0.15)
1J10K
1J10Y
2A10Y
2B10V
2B10
b
p
a (bot.)
a (top)
t
d
C
W
L
Dimensions inches
(mm)
.014±.004
(0.35±0.1)
.010±.008
(0.25±0.2)
.006±.004
(0.15±0.1)
3
1
2
.025
(0.64)
.031
(0.8)
0.05
(1.27)
t
W
a
L
b
p
Protective
Coating
Resistive
Film
Ceramic
Substrate
Inner
Electrode
Electrode
C
d
e
t
W
a
L p
b
C
d
Protective
Coating
Resistive
Film
Ceramic
Substrate
Inner
Electrode
Electrode
a2
Convex
Figure 1
Figure 2
Figure 3
Concave
Concave
EU
.012±.004
(0.3±0.1)
.016±.006
(0.4±0.15)
.020±.008
(0.5±0.2)
e
.020±.004
(0.5±0.1)
.016±.004
(0.4±0.1)
.022±.004
(0.55±0.1)
a2
.012
(0.3)
1J10VK
2
.063±.004
(1.6±0.1)
.126±.004
(3.2±0.1)
.012±.008
(0.3±0.2)
.012±.008
(0.3±0.2)
.025
(0.64)
TD: 7" paper tape
TE: 7" embossed
plastic
2 significant
figures + 1
multiplier
1J
2A
2B
10
V: Reverse
common
electrode
Y: Side common
electrode
Nil: Standard
T: Sn
(Other termination
styles may be
available, please
contact factory
for options)
J: ±5%
CND
2B
10
V
T
Elements
Type
Size
Nominal
Resistance
Tolerance
Circuit
Symbol
Termination
Material
Packaging
New Part #
TE
103
J
K
Terminal
Symbol


Similar Part No. - CND2B10VTTE271J

ManufacturerPart #DatasheetDescription
logo
KOA Speer Electronics, ...
CND2B10VTTE KOA-CND2B10VTTE Datasheet
113Kb / 4P
   Chip Networks Resistors
More results

Similar Description - CND2B10VTTE271J

ManufacturerPart #DatasheetDescription
logo
KOA Speer Electronics, ...
CND KOA-CND Datasheet
444Kb / 2P
   bussed square corner resistor array
CND1J10VKTTD103J KOA-CND1J10VKTTD103J Datasheet
318Kb / 2P
   bussed square corner resistor array
CNB2B9ZTTE103J KOA-CNB2B9ZTTE103J Datasheet
235Kb / 2P
   bussed concave termination square corner resistor array
CNB KOA-CNB Datasheet
376Kb / 2P
   bussed concave termination square corner resistor array
logo
Bourns Electronic Solut...
CAY17 BOURNS-CAY17 Datasheet
358Kb / 2P
   Bussed Resistor Array
CAY17 BOURNS-CAY17_11 Datasheet
385Kb / 2P
   Bussed Resistor Array
CAY17-560JALF BOURNS-CAY17-560JALF Datasheet
385Kb / 2P
   Model CAY17 - Bussed Resistor Array
CAY17-472JALF BOURNS-CAY17-472JALF Datasheet
385Kb / 2P
   Model CAY17 - Bussed Resistor Array
CAY17-104JALF BOURNS-CAY17-104JALF Datasheet
385Kb / 2P
   Model CAY17 - Bussed Resistor Array
logo
California Micro Device...
NCC CALMIRCO-NCC Datasheet
56Kb / 1P
   BUSSED RESISTOR NETWORK
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com