Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

BD63005MUV-E2 Datasheet(PDF) 11 Page - Rohm

Part # BD63005MUV-E2
Description  3-Phase Brushless Motor Driver
Download  18 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ROHM [Rohm]
Direct Link  http://www.rohm.com
Logo ROHM - Rohm

BD63005MUV-E2 Datasheet(HTML) 11 Page - Rohm

Back Button BD63005MUV-E2 Datasheet HTML 7Page - Rohm BD63005MUV-E2 Datasheet HTML 8Page - Rohm BD63005MUV-E2 Datasheet HTML 9Page - Rohm BD63005MUV-E2 Datasheet HTML 10Page - Rohm BD63005MUV-E2 Datasheet HTML 11Page - Rohm BD63005MUV-E2 Datasheet HTML 12Page - Rohm BD63005MUV-E2 Datasheet HTML 13Page - Rohm BD63005MUV-E2 Datasheet HTML 14Page - Rohm BD63005MUV-E2 Datasheet HTML 15Page - Rohm Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 18 page
background image
Datasheet
Datasheet
11/15
TSZ02201-0P1P0B000610-1-2
© 2014 ROHM Co., Ltd. All rights reserved.
14.JAN.2014 Rev.001
www.rohm.com
TSZ22111 • 15 • 001
BD63005MUV
I/O Equivalence Circuits
FGSW
PWMB
BRKB
CW
100k
10k
VREG
ENB
100k
10k
Internal
Reg
VCC
VREG
145k
50k
HUP
HUN
HVP
HVN
HWP
HWN
VREG
2k
RCL
250k
2k
VREG
VCC
U
V
W
RNF
FGO
5
CLNMT
LPE
100k
10k
VREG
10k
Internal
Reg
CP1
20
CP2
20
VG
VCC
Power Dissipation
VQFN040V6060 package has metal for heat dissipation on backside of IC. It is supposed to use this metal for processing
heat dissipation, so please connect to GND plane on board by soldering and keep GND pattern as large as possible to get
enough heat dissipation area. It is impossible to keep power dissipation as shown below without soldering. The Backside
metal is shorted to backside of IC chip and it is also GND potential. Therefore please do not make wiring pattern other than
GND right under backside metal of IC, since malfunction and destruction of IC might occur by being shorted to potential other
than GND.
Package thermal resistor
Board
θ j-a [°C/W]
Board ①
125
Board ②
33.2
Board ③
26.8
PCB size:74.2mm×74.2mm×1.6mm
Board①:1 layer PCB (1 layer:23.69mm
2)
Board②:4 layer PCB (1,4 layer:23.69mm
2. 2,3 layer:5505mm2)
Board③:4 layer PCB (all layers:5505mm
2)
():Copper foil pattern area size
Caution:Values about heat reducing curve and packaged thermal
resistor are tested values.
Figure 6. I/O Equivalence Circuits
0. 0
1. 0
2. 0
3. 0
4. 0
5. 0
0
25
50
75
100
125
150
AMBIENT TEMPERATURE [°C]
③4.66W
①1.00W
②3.77W
Figure 7. Derating Curve
(VQFN040V6060)


Similar Part No. - BD63005MUV-E2

ManufacturerPart #DatasheetDescription
logo
Rohm
BD63005AMUV ROHM-BD63005AMUV Datasheet
1Mb / 24P
   Three-Phase Brushless Motor Driver
BD63005AMUV-E2 ROHM-BD63005AMUV-E2 Datasheet
1Mb / 24P
   Three-Phase Brushless Motor Driver
More results

Similar Description - BD63005MUV-E2

ManufacturerPart #DatasheetDescription
logo
Sanyo Semicon Device
LB1689D SANYO-LB1689D Datasheet
110Kb / 4P
   3-Phase Brushless Motor Driver????
LB1687 SANYO-LB1687 Datasheet
86Kb / 4P
   3-Phase Brushless Motor Driver???
logo
ON Semiconductor
LB1927 ONSEMI-LB1927 Datasheet
271Kb / 11P
   3-phase Brushless Motor Driver
May, 2013
LB8111V ONSEMI-LB8111V Datasheet
160Kb / 15P
   3-phase Brushless Motor Driver
August, 2014
LV8112VB ONSEMI-LV8112VB Datasheet
206Kb / 15P
   3-phase Brushless Motor Driver
November 2014 - Rev. 1
logo
Sanyo Semicon Device
LB1687M SANYO-LB1687M Datasheet
101Kb / 5P
   3-Phase Brushless Motor Driver???
LB1619M SANYO-LB1619M Datasheet
141Kb / 6P
   3-Phase Brushless Motor Driver
LB1688 SANYO-LB1688 Datasheet
96Kb / 4P
   3-Phase Brushless Motor Driver????
LB1851M SANYO-LB1851M Datasheet
141Kb / 6P
   3-phase Brushless Motor Driver?
LB1980JH SANYO-LB1980JH Datasheet
106Kb / 7P
   3-Phase Brushless Motor Driver
logo
Renesas Technology Corp
M56733AFP RENESAS-M56733AFP Datasheet
186Kb / 7P
   3-Phase Brushless Motor Driver
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com