Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

MAX308MJE Datasheet(PDF) 1 Page - Maxim Integrated Products

Part # MAX308MJE
Description  Precision, 8-Channel/Dual 4-Channel, High-Performance, CMOS Analog Multiplexers
Download  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MAXIM [Maxim Integrated Products]
Direct Link  https://www.maximintegrated.com/en.html
Logo MAXIM - Maxim Integrated Products

MAX308MJE Datasheet(HTML) 1 Page - Maxim Integrated Products

  MAX308MJE Datasheet HTML 1Page - Maxim Integrated Products MAX308MJE Datasheet HTML 2Page - Maxim Integrated Products MAX308MJE Datasheet HTML 3Page - Maxim Integrated Products MAX308MJE Datasheet HTML 4Page - Maxim Integrated Products MAX308MJE Datasheet HTML 5Page - Maxim Integrated Products MAX308MJE Datasheet HTML 6Page - Maxim Integrated Products MAX308MJE Datasheet HTML 7Page - Maxim Integrated Products MAX308MJE Datasheet HTML 8Page - Maxim Integrated Products MAX308MJE Datasheet HTML 9Page - Maxim Integrated Products Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 12 page
background image
_______________General Description
The MAX308/MAX309 precision, monolithic, CMOS ana-
log multiplexers (muxes) offer low on-resistance (less
than 100
Ω), which is matched to within 5Ω between
channels and remains flat over the specified analog sig-
nal range (7
Ω max). They also offer low leakage over
temperature (NO-off leakage current less than 5nA at
+85°C) and fast switching speeds (transition time less
than 250ns). The MAX308 is a single-ended 1-of-8
device, and the MAX309 is a differential 2-of-4 device.
The MAX308/MAX309 are fabricated with Maxim’s
improved 44V silicon-gate process. Design improve-
ments yield extremely low charge injection (less than
10pC) and guarantee electrostatic discharge protection
greater than 2000V.
These muxes operate with a single +5V to +30V supply
or bipolar ±5V to ±20V supplies, while retaining
TTL/CMOS-logic input compatibility and fast switching.
CMOS inputs provide reduced input loading. These
improved parts are plug-in upgrades for the industry-
standard DG408, DG409, DG508A, and DG509A.
________________________Applications
Sample-and-Hold Circuits
Automatic Test Equipment
Heads-Up Displays
Guidance and Control Systems
Military Radios
Communications Systems
Battery-Operated Systems
PBX, PABX
Audio Signal Routing
____________________________Features
o Guaranteed On-Resistance Match Between
Channels, <5
Ω Max
o Low On-Resistance, <100Ω Max
o Guaranteed Flat On-Resistance over Specified
Signal Range, 7
Ω Max
o Guarateed Low Charge Injection, <10pC
o NO-Off Leakage Current <5nA at +85°C
o COM-Off Leakage Current <20nA at +85°C
o ESD Protection >2000V
o Plug-In Upgrade for Industry-Standard
DG408/DG409/DG508A/DG509A
o Single-Supply Operation (+5V to +30V)
Bipolar-Supply Operation (±5V to ±20V)
o Low Power Consumption, <300µW
o Rail-to-Rail Signal Handling
o TTL/CMOS-Logic Compatible
______________Ordering Information
Precision, 8-Channel/Dual 4-Channel,
High-Performance, CMOS Analog Multiplexers
________________________________________________________________ Maxim Integrated Products
1
CMOS DECODE LOGIC
A2
A1
A0
EN
NO8
NO7
NO6
NO5
NO4
NO3
NO2
NO1
COM
V+
V-
GND
MAX308 8-CHANNEL SINGLE-ENDED MULTIPLEXER
16
15
14
13
12
11
10
9
1
2
3
4
5
6
7
8
A1
A2
GND
V+
NO1
V-
EN
A0
TOP VIEW
MAX308
NO5
NO6
NO7
NO8
COM
NO4
NO3
NO2
DIP/SO/TSSOP
Continued at end of data sheet.
_____________________Pin Configurations/Functional Diagrams/Truth Tables
For pricing, delivery, and ordering information, please contact Maxim/Dallas Direct! at
1-888-629-4642, or visit Maxim’s website at www.maxim-ic.com.
19-0271; Rev 2; 8/02
PART
MAX308CPE
MAX308CSE
MAX308C/D
0°C to +70°C
0°C to +70°C
0°C to +70°C
TEMP RANGE
PIN-PACKAGE
16 Plastic DIP
16 Narrow SO
Dice*
Ordering Information continued at end of data sheet.
*Contact factory for dice specifications.
**Contact factory for availability.
MAX308EPE
-40°C to +85°C
16 Plastic DIP
MAX308ESE
-40°C to +85°C
16 Narrow SO
MAX308EJE
-40°C to +85°C
16 CERDIP
MAX308MJE
-55°C to +125°C
16 CERDIP**
MAX308CUE
0°C to +70°C
16 TSSOP
MAX308EUE
-40°C to +85°C
16 TSSOP


Similar Part No. - MAX308MJE

ManufacturerPart #DatasheetDescription
logo
Maxim Integrated Produc...
MAX308MJE MAXIM-MAX308MJE Datasheet
123Kb / 12P
   Precision, 8-Channel/Dual 4-Channel, High-Performance, CMOS Analog Multiplexers
19-0271; Rev 0; 7/94
MAX308MJE MAXIM-MAX308MJE Datasheet
467Kb / 12P
   Precision, 8-Channel/Dual 4-Channel, High-Performance, CMOS Analog Multiplexers
Rev 2; 8/02
MAX308MJE MAXIM-MAX308MJE Datasheet
467Kb / 12P
   Precision, 8-Channel/Dual 4-Channel, High-Performance, CMOS Analog Multiplexers
19-0271; Rev 2; 8/02
More results

Similar Description - MAX308MJE

ManufacturerPart #DatasheetDescription
logo
Maxim Integrated Produc...
MAX308 MAXIM-MAX308 Datasheet
123Kb / 12P
   Precision, 8-Channel/Dual 4-Channel, High-Performance, CMOS Analog Multiplexers
19-0271; Rev 0; 7/94
MAX308 MAXIM-MAX308_V01 Datasheet
467Kb / 12P
   Precision, 8-Channel/Dual 4-Channel, High-Performance, CMOS Analog Multiplexers
19-0271; Rev 2; 8/02
MAX308CUE MAXIM-MAX308CUE Datasheet
467Kb / 12P
   Precision, 8-Channel/Dual 4-Channel, High-Performance, CMOS Analog Multiplexers
Rev 2; 8/02
MAX307EUI MAXIM-MAX307EUI Datasheet
317Kb / 13P
   Precision, 16-Channel/Dual 8-Channel, High-Performance, CMOS Analog Multiplexers
Rev 3; 3/10
MAX306 MAXIM-MAX306 Datasheet
148Kb / 12P
   Precision, 16-Channel/Dual 8-Channel, High-Performance, CMOS Analog Multiplexers
Rev 0; 8/94
MAX306 MAXIM-MAX306_V01 Datasheet
1Mb / 12P
   Precision, 16-Channel/Dual 8-Channel, High-Performance, CMOS Analog Multiplexers
19-0270; Rev 5; 3/16
MAX306 MAXIM-MAX306_10 Datasheet
317Kb / 13P
   Precision, 16-Channel/Dual 8-Channel, High-Performance, CMOS Analog Multiplexers
Rev 3; 3/10
MAX306CPI MAXIM-MAX306CPI Datasheet
317Kb / 13P
   Precision, 16-Channel/Dual 8-Channel, High-Performance, CMOS Analog Multiplexers
Rev 3; 3/10
logo
Vishay Siliconix
DG508B VISHAY-DG508B Datasheet
274Kb / 18P
   Precision 8-Channel/Dual 4-Channel CMOS Analog Multiplexers
Rev. D, 20-Dec-10
DG508B VISHAY-DG508B_V01 Datasheet
371Kb / 21P
   Precision 8-Channel / Dual 4-Channel CMOS Analog Multiplexers
08-Feb-17
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com