Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

MAX308CSE Datasheet(PDF) 9 Page - Maxim Integrated Products

Part # MAX308CSE
Description  Precision, 8-Channel/Dual 4-Channel, High-Performance, CMOS Analog Multiplexers
Download  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MAXIM [Maxim Integrated Products]
Direct Link  https://www.maximintegrated.com/en.html
Logo MAXIM - Maxim Integrated Products

MAX308CSE Datasheet(HTML) 9 Page - Maxim Integrated Products

Back Button MAX308CSE Datasheet HTML 4Page - Maxim Integrated Products MAX308CSE Datasheet HTML 5Page - Maxim Integrated Products MAX308CSE Datasheet HTML 6Page - Maxim Integrated Products MAX308CSE Datasheet HTML 7Page - Maxim Integrated Products MAX308CSE Datasheet HTML 8Page - Maxim Integrated Products MAX308CSE Datasheet HTML 9Page - Maxim Integrated Products MAX308CSE Datasheet HTML 10Page - Maxim Integrated Products MAX308CSE Datasheet HTML 11Page - Maxim Integrated Products MAX308CSE Datasheet HTML 12Page - Maxim Integrated Products  
Zoom Inzoom in Zoom Outzoom out
 9 / 12 page
background image
Precision, 8-Channel/Dual 4-Channel,
High-Performance, CMOS Analog Multiplexers
_______________________________________________________________________________________
9
+15V
VOUT
-15V
GND
V+
A1
V-
A0
A2
NO8
COM
MAX308
NO1
RS = 50
VIN
EN
10nF
RL = 1k
OFF ISOLATION = 20log
VOUT
VIN
10nF
+15V
VOUT
-15V
GND
V+
A1
V-
A0
A2
NO8
COM
MAX308
NO2
RS = 50
VIN
EN
10nF
RL = 1k
CROSSTALK = 20log
VOUT
VIN
10nF
NO1
+15V
-15V
GND
V+
A2
V-
A1
A0
NO8
MAX308
CHANNEL
SELECT
NO1
COM
EN
Meter
Impedance
Analyzer
or Equivalent
f = 1MHz
_________________________________Test Circuits/Timing Diagrams (continued)
Figure 6. Off Isolation
Figure 7. Crosstalk
Figure 8. NO/COM Capacitance


Similar Part No. - MAX308CSE

ManufacturerPart #DatasheetDescription
logo
Maxim Integrated Produc...
MAX308CSE MAXIM-MAX308CSE Datasheet
123Kb / 12P
   Precision, 8-Channel/Dual 4-Channel, High-Performance, CMOS Analog Multiplexers
19-0271; Rev 0; 7/94
MAX308CSE MAXIM-MAX308CSE Datasheet
467Kb / 12P
   Precision, 8-Channel/Dual 4-Channel, High-Performance, CMOS Analog Multiplexers
Rev 2; 8/02
MAX308CSE MAXIM-MAX308CSE Datasheet
467Kb / 12P
   Precision, 8-Channel/Dual 4-Channel, High-Performance, CMOS Analog Multiplexers
19-0271; Rev 2; 8/02
More results

Similar Description - MAX308CSE

ManufacturerPart #DatasheetDescription
logo
Maxim Integrated Produc...
MAX308 MAXIM-MAX308 Datasheet
123Kb / 12P
   Precision, 8-Channel/Dual 4-Channel, High-Performance, CMOS Analog Multiplexers
19-0271; Rev 0; 7/94
MAX308 MAXIM-MAX308_V01 Datasheet
467Kb / 12P
   Precision, 8-Channel/Dual 4-Channel, High-Performance, CMOS Analog Multiplexers
19-0271; Rev 2; 8/02
MAX308CUE MAXIM-MAX308CUE Datasheet
467Kb / 12P
   Precision, 8-Channel/Dual 4-Channel, High-Performance, CMOS Analog Multiplexers
Rev 2; 8/02
MAX307EUI MAXIM-MAX307EUI Datasheet
317Kb / 13P
   Precision, 16-Channel/Dual 8-Channel, High-Performance, CMOS Analog Multiplexers
Rev 3; 3/10
MAX306 MAXIM-MAX306 Datasheet
148Kb / 12P
   Precision, 16-Channel/Dual 8-Channel, High-Performance, CMOS Analog Multiplexers
Rev 0; 8/94
MAX306 MAXIM-MAX306_V01 Datasheet
1Mb / 12P
   Precision, 16-Channel/Dual 8-Channel, High-Performance, CMOS Analog Multiplexers
19-0270; Rev 5; 3/16
MAX306 MAXIM-MAX306_10 Datasheet
317Kb / 13P
   Precision, 16-Channel/Dual 8-Channel, High-Performance, CMOS Analog Multiplexers
Rev 3; 3/10
MAX306CPI MAXIM-MAX306CPI Datasheet
317Kb / 13P
   Precision, 16-Channel/Dual 8-Channel, High-Performance, CMOS Analog Multiplexers
Rev 3; 3/10
logo
Vishay Siliconix
DG508B VISHAY-DG508B Datasheet
274Kb / 18P
   Precision 8-Channel/Dual 4-Channel CMOS Analog Multiplexers
Rev. D, 20-Dec-10
DG508B VISHAY-DG508B_V01 Datasheet
371Kb / 21P
   Precision 8-Channel / Dual 4-Channel CMOS Analog Multiplexers
08-Feb-17
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com