Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

M8372376R2025N Datasheet(PDF) 9 Page - List of Unclassifed Manufacturers

Part # M8372376R2025N
Description  MIL-DTL-83723 Series III Features and Application Bayonet and Threaded Coupling
Download  23 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC2 [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC2 - List of Unclassifed Manufacturers

M8372376R2025N Datasheet(HTML) 9 Page - List of Unclassifed Manufacturers

Back Button M8372376R2025N Datasheet HTML 5Page - List of Unclassifed Manufacturers M8372376R2025N Datasheet HTML 6Page - List of Unclassifed Manufacturers M8372376R2025N Datasheet HTML 7Page - List of Unclassifed Manufacturers M8372376R2025N Datasheet HTML 8Page - List of Unclassifed Manufacturers M8372376R2025N Datasheet HTML 9Page - List of Unclassifed Manufacturers M8372376R2025N Datasheet HTML 10Page - List of Unclassifed Manufacturers M8372376R2025N Datasheet HTML 11Page - List of Unclassifed Manufacturers M8372376R2025N Datasheet HTML 12Page - List of Unclassifed Manufacturers M8372376R2025N Datasheet HTML 13Page - List of Unclassifed Manufacturers Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 23 page
background image
H No. OF TEETH
CLASSES: “N” & “S” ONLY
E ACCESSORY THREAD
.290(7.37) MIN FULL THREAD
.160(4.06) GROMMET
.010(0.25) EXTENSION
1.340(34.04) MAX
CLASSES: “N” & “S” ONLY
E
4 MINOR KEYWAYS
1.248(31.70)
MAX
4x
C
MOUNTING HOLES
B
A
D MATING THREAD
.728(18.49)
.708(17.98)
FULL MATE
INDICATOR
COLOR: RED
F
MAX
GROMMET
F
MAX
GROMMET
.290(7.37) MIN
FULL THREAD
.072(1.83)
.052(1.32)
.190(4.83) GROMMET
.130(3.30) EXTENSION
ACCESSORY THREAD
MASTER
KEYWAY
BLUE COLOR BANDS
3 ACCESORY TEETH
EQUALLY SPACED
PANEL THICKNESS: 
.125(3.18) MAX
94
www.conesys.com
sales@aero-electric.com
M83723/82, 83
Wall Mounting Receptacle
AE83382, 83
Threaded Coupling, Crimp Removable, Rear Release
Page 93
Completed Part Number
Page 104
Contacts, Sealing Plugs and Tools
Pages 107, 108 Insert Arrangements
Page 87
Performance Specifications
Page 106
Insert Availability and Contact Information
Page 102
Polarization
Shell
Size
A
B
C
D
E
F
H
+.005
+.13
Mating Thread
Accessory Thread
No. of
±.005
±.13
(TP)
-.004
-.10
Class 2A
Class 2A
Maximum
Teeth
inch
mm
inch
mm
inch
mm
inch
mm
8
.812
20.62
.594
15.09
.120
3.05
9/16-24UNEF
1/2-20UNF
.305
7.75
12
10
.937
23.80
.719
18.26
.120
3.05
11/16-24UNEF
5/8-24UNEF
.405
10.29
15
12
1.031
26.19
.812
20.62
.120
3.05
7/8-20UNEF
3/4-20UNEF
.531
13.49
21
14
1.125
28.58
.906
23.01
.120
3.05
15/16-20UNEF
7/8-20UNEF
.665
16.89
24
16
1.250
31.75
.969
24.61
.120
3.05
1-1/16-18UNEF
1-20UNEF
.790
20.07
30
18
1.343
34.11
1.062
26.97
.120
3.05
1-3/16-18UNEF
1-1/16-18UNEF
.869
22.07
33
20
1.437
36.50
1.156
29.36
.120
3.05
1-5/16-18UNEF
1-3/16-18UNEF
.994
25.25
36
22
1.562
39.67
1.250
31.75
.120
3.05
1-7/16-18UNEF
1-5/16-18UNEF
1.119
28.42
39
24
1.703
43.26
1.375
34.93
.149
3.78
1-9/16-18UNEF
1-7/16-18UNEF
1.244
31.60
42
28
2.000
50.80
1.562
39.67
.149
3.78
1-13/16-16UN
1-3/4-18UNS
1.475
37.47
54


Similar Part No. - M8372376R2025N

ManufacturerPart #DatasheetDescription
logo
ITT Industries
M83723 ITT-M83723 Datasheet
69Kb / 1P
   Circular; Aerospace Commercial Industrial Military
logo
Amphenol Corporation
M83723-13R1006N AMPHENOL-M83723-13R1006N Datasheet
56Kb / 1P
   SERIES I CRIMP REAR RELEASE
logo
Glenair, Inc.
M83723-20 GLENAIR-M83723-20 Datasheet
58Kb / 1P
   Military Standard Connector Index
M83723-27M-08 GLENAIR-M83723-27M-08 Datasheet
72Kb / 1P
   Shrink Boot Adapters
M83723-27M-10 GLENAIR-M83723-27M-10 Datasheet
72Kb / 1P
   Shrink Boot Adapters
More results

Similar Description - M8372376R2025N

ManufacturerPart #DatasheetDescription
logo
Amphenol Corporation
M83723-83R-16-24N AMPHENOL-M83723-83R-16-24N Datasheet
1Mb / 17P
   MIL-DTL-83723, Series III, Matrix
logo
List of Unclassifed Man...
MIL-C-83723 ETC1-MIL-C-83723 Datasheet
609Kb / 16P
   MIL-DTL-83723, Series III, Matrix®
2016
D38999 ETC2-D38999 Datasheet
473Kb / 10P
   Features and Application Series III
logo
SOURIAU-SUNBANK Connect...
851 SOURIAU-851 Datasheet
624Kb / 7P
   Hermetic and Small Bayonet Connectors Per MIL-DTL-26482 Series I
logo
Amphenol Aerospace Oper...
MIL-DTL-38999 AAO-MIL-DTL-38999 Datasheet
3Mb / 40P
   MIL-DTL-38999, Series III, TV
logo
ITT Industries
D38999-20WD-18SN ITT-D38999-20WD-18SN Datasheet
2Mb / 17P
   MIL-DTL-38999 Series III Connectors
logo
Glenair, Inc.
947-112 GLENAIR-947-112 Datasheet
241Kb / 2P
   MIL-DTL-38999 Series III Type
logo
ITT Industries
D38999-26FA98BN ITT-D38999-26FA98BN Datasheet
2Mb / 17P
   MIL-DTL-38999 Series III Connectors
logo
List of Unclassifed Man...
AE775W8-4S ETC2-AE775W8-4S Datasheet
827Kb / 17P
   Features and Application
D38999-20FC4PN ETC2-D38999-20FC4PN Datasheet
11Mb / 122P
   8D Series - MIL-DTL-38999 Series III
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com