Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

CY7C346B-25JCJI Datasheet(PDF) 7 Page - Cypress Semiconductor

Part # CY7C346B-25JCJI
Description  128-Macrocell MAX EPLD
Download  15 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CYPRESS [Cypress Semiconductor]
Direct Link  http://www.cypress.com
Logo CYPRESS - Cypress Semiconductor

CY7C346B-25JCJI Datasheet(HTML) 7 Page - Cypress Semiconductor

Back Button CY7C346B-25JCJI Datasheet HTML 3Page - Cypress Semiconductor CY7C346B-25JCJI Datasheet HTML 4Page - Cypress Semiconductor CY7C346B-25JCJI Datasheet HTML 5Page - Cypress Semiconductor CY7C346B-25JCJI Datasheet HTML 6Page - Cypress Semiconductor CY7C346B-25JCJI Datasheet HTML 7Page - Cypress Semiconductor CY7C346B-25JCJI Datasheet HTML 8Page - Cypress Semiconductor CY7C346B-25JCJI Datasheet HTML 9Page - Cypress Semiconductor CY7C346B-25JCJI Datasheet HTML 10Page - Cypress Semiconductor CY7C346B-25JCJI Datasheet HTML 11Page - Cypress Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 15 page
background image
USE ULTRA37000™ FOR
ALL NEW DESIGNS
CY7C346B
Document #: 38-03037 Rev. *C
Page 7 of 15
Commercial and Industrial External Synchronous Switching Characteristics Over Operating Range
Parameter
Description
7C346B-25
7C346B-35
Unit
Min.
Max.
Min.
Max.
tPD1
Dedicated Input to Combinatorial Output Delay[4]
25
35
ns
tPD2
I/O Input to Combinatorial Output Delay[4]
40
55
ns
tSU
Global Clock Set-Up Time
15
25
ns
tCO1
Synchronous Clock Input to Output Delay[4]
14
20
ns
tH
Input Hold Time from Synchronous Clock Input
0
0
ns
tWH
Synchronous Clock Input HIGH Time
8
12.5
ns
tWL
Synchronous Clock Input LOW Time
8
12.5
ns
fMAX
Maximum Register Toggle Frequency[5]
62.5
40
MHz
tCNT
Minimum Global Clock Period
20
30
ns
tODH
Output Data Hold Time After Clock
2
2
ns
fCNT
Maximum Internal Global Clock Frequency[6]
50
33.3
MHz
Commercial and Industrial External Asynchronous Switching Characteristics Over Operating Range
Parameter
Description
7C346B-25
7C346B-35
Unit
Min.
Max.
Min.
Max.
tACO1
Asynchronous Clock Input to Output Delay[4]
25
35
ns
tAS1
Dedicated Input or Feedback Set-Up Time to
Asynchronous Clock Input
510
ns
tAH
Input Hold Time from Asynchronous Clock Input
6
10
ns
tAWH
Asynchronous Clock Input HIGH Time[7]
11
16
ns
tAWL
Asynchronous Clock Input LOW Time[7]
914
ns
tACNT
Minimum Internal Array Clock Frequency
20
30
ns
fACNT
Maximum Internal Array Clock Frequency[6]
50
33.3
MHz
Commercial and Industrial Internal Switching Characteristics Over Operating Range
Parameter
Description
7C346B-25
7C346B-35
Unit
Min.
Max.
Min.
Max.
tIN
Dedicated Input Pad and Buffer Delay
5
11
ns
tIO
I/O Input Pad and Buffer Delay
6
11
ns
tEXP
Expander Array Delay
12
20
ns
tLAD
Logic Array Data Delay
12
14
ns
tLAC
Logic Array Control Delay
10
13
ns
tOD
Output Buffer and Pad Delay[4]
56
ns
tZX
Output Buffer Enable Delay[4]
10
13
ns
tXZ
Output Buffer Disable Delay[8]
10
13
ns
tRSU
Register Set-Up Time Relative to Clock Signal
at Register
612
ns
tRH
Register Hold Time Relative to Clock Signal at
Register
48
ns
tLATCH
Flow Through Latch Delay
3
4
ns
tRD
Register Delay
1
2
ns
Notes:
4. C1 = 35 pF.
5. The fMAX values represent the highest frequency for pipeline data.
6. This parameter is measured with a 16-bit counter programmed into each LAB.
7. This parameter is measured with a positive-edge-triggered clock at the register. For negative-edge clocking, the tACH and tACL parameter must be swapped.
8. C1 = 5 pF.


Similar Part No. - CY7C346B-25JCJI

ManufacturerPart #DatasheetDescription
logo
Cypress Semiconductor
CY7C346B-25JC/JI CYPRESS-CY7C346B-25JC/JI Datasheet
426Kb / 15P
   USE ULTRA37000 FOR ALL NEW DESIGNS
More results

Similar Description - CY7C346B-25JCJI

ManufacturerPart #DatasheetDescription
logo
Cypress Semiconductor
CY7C346B CYPRESS-CY7C346B Datasheet
282Kb / 16P
   128-Macrocell MAX EPLD
CY7C341B CYPRESS-CY7C341B Datasheet
334Kb / 12P
   192-Macrocell MAX EPLD
CY7C344B CYPRESS-CY7C344B Datasheet
241Kb / 16P
   32-Macrocell MAX EPLD
CY7C344 CYPRESS-CY7C344 Datasheet
475Kb / 15P
   32-Macrocell MAX EPLD
CY7C343B CYPRESS-CY7C343B Datasheet
173Kb / 12P
   64-Macrocell MAX EPLD
CY7C343 CYPRESS-CY7C343 Datasheet
214Kb / 19P
   64-Macrocell MAX EPLD
CY7C346 CYPRESS-CY7C346 Datasheet
469Kb / 21P
   USE ULTRA37000TM FOR ALL NEW DESIGNS(128-Macrocell MAX EPLD)
CY7C342B CYPRESS-CY7C342B Datasheet
350Kb / 14P
   128-Macrocell MAX EPLDs
CY7C344 CYPRESS-CY7C344_05 Datasheet
494Kb / 15P
   32-Macrocell MAX짰 EPLD
CY7C344 CYPRESS-CY7C344_95 Datasheet
296Kb / 17P
   32-Macrocell MAX짰 EPLD
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com