Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

CVHD-950-67.5 Datasheet(PDF) 1 Page - Crystek Corporation

Part # CVHD-950-67.5
Description  CVHD-950 VCXO Ultra-Low Phase Noise Oscillators
Download  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CRYSTEKCRYSTAL [Crystek Corporation]
Direct Link  http://www.crystekcrystals.com/crystal/default.asp
Logo CRYSTEKCRYSTAL - Crystek Corporation

CVHD-950-67.5 Datasheet(HTML) 1 Page - Crystek Corporation

  CVHD-950-67.5 Datasheet HTML 1Page - Crystek Corporation CVHD-950-67.5 Datasheet HTML 2Page - Crystek Corporation CVHD-950-67.5 Datasheet HTML 3Page - Crystek Corporation  
Zoom Inzoom in Zoom Outzoom out
 1 / 3 page
background image
12730 Commonwealth Drive • Fort Myers, Florida 33913
Phone: 239-561-3311 • 800-237-3061
Fax: 239-561-1025 • www.crystek.com
CRYSTEK
CORPORATION
Model CVHD-950 is a 50 MHz to 130 MHz CMOS Voltage Controlled Crystal
Oscillator. High Q crystal and 3
rd overtone technology provides Ultra-Low
Phase Noise and Low-Jitter performance with a CMOS output. Features include
-165 dBc/Hz phase noise floor with 3.3Vdc input voltage, -40°C to +85°C operating
temperature, and 9×14 mm SMT package. The oscillator has no sub-harmonics.
Date: 08-Jan-2014
Rev: P
Page 1 of 2
130 MHz HCMOS 3.3V
100 MHz HCMOS 3.3V
CRY
STE
K
CVH
D-95
0
50 M
Hz
CRY
STE
K
CVH
D-95
0
100
MHz
CRY
STE
K
CVH
D-95
0
130
MHz
50 MHz HCMOS 3.3V
80 MHz HCMOS 3.3V
Applications include High Definition TV, Avionics
Low Phase Signal Sources, and Test and Measurement.
9×14 mm SMD,
3.3V, CMOS
CVHD-950 Model
CRY
STE
K
CVH
D-95
0
80 M
Hz


Similar Part No. - CVHD-950-67.5

ManufacturerPart #DatasheetDescription
logo
Crystek Corporation
CVHD-950-120.000 CRYSTEKCRYSTAL-CVHD-950-120.000 Datasheet
385Kb / 3P
   CVHD-9501 VCXO Ultra-Low Phase Noise oscillators
CVHD-950-125.000 CRYSTEKCRYSTAL-CVHD-950-125.000 Datasheet
385Kb / 3P
   CVHD-9501 VCXO Ultra-Low Phase Noise oscillators
CVHD-950-74.1758 CRYSTEKCRYSTAL-CVHD-950-74.1758 Datasheet
385Kb / 3P
   CVHD-9501 VCXO Ultra-Low Phase Noise oscillators
CVHD-950-74.25 CRYSTEKCRYSTAL-CVHD-950-74.25 Datasheet
385Kb / 3P
   CVHD-9501 VCXO Ultra-Low Phase Noise oscillators
More results

Similar Description - CVHD-950-67.5

ManufacturerPart #DatasheetDescription
logo
Crystek Corporation
CVHD-950-74.1758 CRYSTEKCRYSTAL-CVHD-950-74.1758 Datasheet
385Kb / 3P
   CVHD-9501 VCXO Ultra-Low Phase Noise oscillators
CCHD-950 CRYSTEKCRYSTAL-CCHD-950 Datasheet
906Kb / 2P
   Ultra-Low Phase Noise Oscillators
CVHD-957 CRYSTEKCRYSTAL-CVHD-957 Datasheet
233Kb / 2P
   Ultra-Low Phase Noise VCXO
CVHD-950 CRYSTEKCRYSTAL-CVHD-950 Datasheet
580Kb / 3P
   Ultra-Low Phase Noise Oscillators
CVSS-945 CRYSTEKCRYSTAL-CVSS-945_18 Datasheet
511Kb / 3P
   Ultra-Low Phase Noise SineWave VCXO
logo
Abracon Corporation
ABLNO ABRACON-ABLNO Datasheet
3Mb / 5P
   Ultra Low Phase Noise XO / VCXO
10.05.15
logo
Nel Frequency Controls,...
S9-X36HXX-X NEL-S9-X36HXX-X Datasheet
152Kb / 3P
   voltage controlled crystal oscillators (VCXO) provides low phase noise CMOS output
logo
List of Unclassifed Man...
FE-103A ETC2-FE-103A Datasheet
339Kb / 2P
   LOW PHASE NOISE QUARTZ OSCILLATORS
logo
Crystek Corporation
CVSS-945 CRYSTEKCRYSTAL-CVSS-945 Datasheet
345Kb / 2P
   Ultra Low Noise SineWave VCXO
logo
Integrated Circuit Syst...
MK2732-05 ICST-MK2732-05 Datasheet
43Kb / 4P
   Low Phase Noise VCXOMultiplier
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com