Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

BD9486F-E2 Datasheet(PDF) 11 Page - Rohm

Part # BD9486F-E2
Description  1ch Boost up type White LED Driver for large LCD
Download  37 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ROHM [Rohm]
Direct Link  http://www.rohm.com
Logo ROHM - Rohm

BD9486F-E2 Datasheet(HTML) 11 Page - Rohm

Back Button BD9486F-E2 Datasheet HTML 7Page - Rohm BD9486F-E2 Datasheet HTML 8Page - Rohm BD9486F-E2 Datasheet HTML 9Page - Rohm BD9486F-E2 Datasheet HTML 10Page - Rohm BD9486F-E2 Datasheet HTML 11Page - Rohm BD9486F-E2 Datasheet HTML 12Page - Rohm BD9486F-E2 Datasheet HTML 13Page - Rohm BD9486F-E2 Datasheet HTML 14Page - Rohm BD9486F-E2 Datasheet HTML 15Page - Rohm Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 37 page
background image
Datasheet
Datasheet
11/34
TSZ02201-0F1F0C100240-1-2
© 2013 ROHM Co., Ltd. All rights reserved.
13.Feb.2014 Rev.004
www.rohm.com
TSZ22111・15・001
BD9486F
○Pin 13: DIMOUT
This is the output pin for external dimming NMOS. The table below shows the rough output
logic of each operation state, and the output H level is VCC. Please refer to “3.5 Timing Chart”
for detailed explanations, because DIMOUT logic has an exceptional behavior. Please insert
the resistor RDIM between the dimming MOS gate to improve the over shoot of LED current, as
PWM turns from low to high.
Status
DIMOUT output
Normal
Same logic to PWM
Abnormal
GND Level
○Pin 14: GATE
This is the output terminal for driving the gate of the boost MOSFET. The high level is VCC. Frequency can be set by the
resistor connected to RT. Refer to <RT> pin description for the frequency setting.
○Pin 15: CS
The CS pin has two functions.
1. DC / DC current mode Feedback terminal
The inductor current is converted to the CS pin voltage by the sense resistor
RCS. This voltage compared to the voltage set by error amplifier controls the
output pulse.
2. Inductor current limit (OCP) terminal
The CS terminal also has an over current protection (OCP). If the voltage is
more than 0.4V(typ.), the switching operation will be stopped compulsorily. And
the next boost pulse will be restarted to normal frequency.
In addition, the CS voltage is more than 1.0V(typ.) during four GATE clocks, IC
will be latch off. As above OCP operation, if the current continues to flow
nevertheless GATE=L because of the destruction of the boost MOS, IC will
stops the operation completely.
Both of the above functions are enabled after 300ns (typ) when GATE pin
asserts high, because the Leading Edge Blanking function (LEB) is included
into this IC to prevent the effect of noise.
Please refer to section “3.3.1 OCP Setting / Calculation Method for the Current Rating of DCDC Parts”, for detailed
explanation.
If the capacitance Cs in the right figure is increased to a micro order, please be careful that the limited value of NMOS
drain current Id is more than the simple calculation. Because the current Id flows not only through Rcs but also through
Cs, as the CS pin voltage moves according to Id.
○Pin 16: VCC
This is the power supply pin of the IC. Input range is from 9V to 18V.
The operation starts at more than 7.5V(typ) and shuts down at less than 7.2V(typ)
Figure 15. DIMOUT terminal circuit example
Figure 16. CS terminal circuit example


Similar Part No. - BD9486F-E2

ManufacturerPart #DatasheetDescription
logo
Rohm
BD9486F-E2 ROHM-BD9486F-E2 Datasheet
1Mb / 38P
   1ch Boost up type White LED Driver for large LCD
More results

Similar Description - BD9486F-E2

ManufacturerPart #DatasheetDescription
logo
Rohm
BD9489F ROHM-BD9489F_16 Datasheet
1Mb / 40P
   1ch Boost up type White LED Driver for large LCD
BD9408FV ROHM-BD9408FV Datasheet
1Mb / 37P
   1ch Boost Up Type White LED Driver for Large LCD
BD9413F ROHM-BD9413F Datasheet
1Mb / 37P
   1ch Boost up type White LED Driver for large LCD
BD9486F ROHM-BD9486F_16 Datasheet
1Mb / 38P
   1ch Boost up type White LED Driver for large LCD
BD9409F ROHM-BD9409F Datasheet
2Mb / 37P
   1ch Boost up type White LED Driver for large LCD
BD9411F ROHM-BD9411F Datasheet
1Mb / 38P
   1ch Boost up Type White LED Driver for large LCD
BD94062F ROHM-BD94062F Datasheet
2Mb / 35P
   1ch Buck Type White LED Driver for Large LCD
15.May.2018 Rev.002
BM531Q11 ROHM-BM531Q11 Datasheet
1Mb / 24P
   1ch Buck Type (Quasi-Resonant Control) White LED Driver for Large LCD
BD9397EFV ROHM-BD9397EFV_15 Datasheet
1Mb / 31P
   White LED Driver for large LCD panel
BD9397EFV ROHM-BD9397EFV Datasheet
862Kb / 30P
   White LED Driver for large LCD panel
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com