Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

BD9420F Datasheet(PDF) 11 Page - Rohm

Part # BD9420F
Description  White LED Driver for large LCD Panels (DCDC Converter Type)
Download  31 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ROHM [Rohm]
Direct Link  http://www.rohm.com
Logo ROHM - Rohm

BD9420F Datasheet(HTML) 11 Page - Rohm

Back Button BD9420F Datasheet HTML 7Page - Rohm BD9420F Datasheet HTML 8Page - Rohm BD9420F Datasheet HTML 9Page - Rohm BD9420F Datasheet HTML 10Page - Rohm BD9420F Datasheet HTML 11Page - Rohm BD9420F Datasheet HTML 12Page - Rohm BD9420F Datasheet HTML 13Page - Rohm BD9420F Datasheet HTML 14Page - Rohm BD9420F Datasheet HTML 15Page - Rohm Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 31 page
background image
Datasheet
Datasheet
11/28
TSZ02201-0F1F0C100300-1-2
© 2013 ROHM Co., Ltd. All rights reserved.
31.Jan.2014 Rev.002
www.rohm.com
TSZ22111 • 15 • 001
BD9420F
3
]
[
]
[
]
[
A
I
V
V
ohm
R
LED
VREF
CL
●LED current setting (VREF pin, CLx pin)
Please decide VREF pin input voltage first. When Analog dimming is performed,
please be noted that VREF pin input voltage range is (0.6V ~ 3.0V), and decide the
input voltage in normal operation. Basically, if VREF pin voltage is high, it will cause
power dissipation of external PNP Tr become high, so it is preferred to set the VREF pin
voltage lower.
Later, VREF=0.9V will be set as basic. For example if you create 0.9V from REG75, it
is possible to use resistive divider by setting 88kohm and 12kohm.
The LED current detection is performed by CLx pin. CLx pin is controlled so that the
voltage of 1/3V(typ.) of VREF voltage. If VREF=0.9V, CLx=0.3V to control external PNP
Tr. Therefore, if 「RCL」 is set as a resistance which between CLx pin and GND, and
VREF pin voltage is set as 「VVREF」, LED current 「ILED」can be calculated as below.
For current setting, set at each channel. For this reason, in 1ch~3ch and 4ch~6ch, it
is possible to change current by setting 「RCL」value.
●DCDC operation frequency setting (RT Pin)
The operation frequency of DCDC output is set by resistance which connected to RT pin.
○The relationship between operation and RT resistance (ideal)
【Setting Example】
If DCDC frequency is set to be 200kHz, RRT as below:
 
]
[
]
[
15000
k
kHz
f
R
SW
RT
 
]
[
75
]
[
200
15000
]
[
15000
k
kHz
kHz
f
R
sw
RT
Above is an ideal equation which do not putted with correction terms.
For accurate frequency setting, please confirm on the real system.
But the frequency setting range is 100kHz~800kHz.
Here, fsw=DCDC converter oscillation frequency[kHz]


Similar Part No. - BD9420F

ManufacturerPart #DatasheetDescription
logo
Rohm
BD9420F ROHM-BD9420F Datasheet
1Mb / 32P
   White LED Driver for large LCD Panels (DCDC Converter Type)
BD9420F-XX ROHM-BD9420F-XX Datasheet
1Mb / 32P
   White LED Driver for large LCD Panels (DCDC Converter Type)
BD9420F ROHM-BD9420F_15 Datasheet
1Mb / 32P
   White LED Driver for large LCD Panels (DCDC Converter Type)
More results

Similar Description - BD9420F

ManufacturerPart #DatasheetDescription
logo
Rohm
BD9428 ROHM-BD9428 Datasheet
759Kb / 29P
   White LED Driver for large LCD Panels (DCDC Converter type)
BD9421F ROHM-BD9421F_15 Datasheet
1Mb / 31P
   White LED Driver for large LCD Panels (DCDC Converter Type)
BD93941EFV ROHM-BD93941EFV_15 Datasheet
1Mb / 31P
   White LED Driver for large LCD Panels (DCDC Converter type)
BD9479FV ROHM-BD9479FV Datasheet
862Kb / 29P
   White LED Driver for large LCD Panels (DCDC Converter type)
BD9394FP ROHM-BD9394FP Datasheet
1Mb / 31P
   White LED Driver for large LCD Panels (DCDC Converter type)
BD9421F ROHM-BD9421F Datasheet
1Mb / 30P
   White LED Driver for large LCD Panels (DCDC Converter Type)
BD9479FV ROHM-BD9479FV_15 Datasheet
1Mb / 30P
   White LED Driver for large LCD Panels (DCDC Converter type)
BD93942F ROHM-BD93942F Datasheet
1Mb / 30P
   White LED Driver for large LCD Panels (DCDC Converter type)
BD9420F ROHM-BD9420F_15 Datasheet
1Mb / 32P
   White LED Driver for large LCD Panels (DCDC Converter Type)
BD9483F ROHM-BD9483F Datasheet
1Mb / 32P
   White LED Driver for large LCD Panels (DCDC Converter type)
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com