Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

CRM100 Datasheet(PDF) 5 Page - List of Unclassifed Manufacturers

Part # CRM100
Description  Precision Navigation and Pointing Gyroscope CRM200 Technical Datasheet
Download  36 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC2 [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC2 - List of Unclassifed Manufacturers

CRM100 Datasheet(HTML) 5 Page - List of Unclassifed Manufacturers

  CRM100 Datasheet HTML 1Page - List of Unclassifed Manufacturers CRM100 Datasheet HTML 2Page - List of Unclassifed Manufacturers CRM100 Datasheet HTML 3Page - List of Unclassifed Manufacturers CRM100 Datasheet HTML 4Page - List of Unclassifed Manufacturers CRM100 Datasheet HTML 5Page - List of Unclassifed Manufacturers CRM100 Datasheet HTML 6Page - List of Unclassifed Manufacturers CRM100 Datasheet HTML 7Page - List of Unclassifed Manufacturers CRM100 Datasheet HTML 8Page - List of Unclassifed Manufacturers CRM100 Datasheet HTML 9Page - List of Unclassifed Manufacturers Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 36 page
background image
Specification Continued
Parameter
Minimum
Typical
Maximum
Notes
Scale factor
2.75 LSB/°C
+25°C typical output
60010 ±2010
––
Start Up:
Time to full
performance
300ms (Vdd=2.7V)
250ms (Vdd=3.6V)
1s
Physical:
Mass
–0.3g–
Misalignment
(Cross-axis Sensitivity)
+50 mrad
+50 mrad
This equates to a
cross-axis sensitivity of
approximately 5%
Misalignment over
temperature
–0.03 mrad/°C–
Environmental:
Temperature
(Operating, full spec)
-40°C
+85°C
Gyro will function at
full specification
Temperature (Operating,
reduced spec)
-40°C
+105°C
Gyro will function at
reduced performance
Temperature (Storage)
-60°C
+125°C
Humidity
85% RH
Non-condensing
Shock (operating)
500g 1ms
Shock (survival)
10,000g 0.1ms
Vibration rectification
error
–0.001°/s/g2rms
0.003°/s/g2rms
12grms stimulus, 10Hz to
5kHz, random
Vibration induced
noise
–0.06°/srms/g2rms
0.072°/srms/g2rms
12grms stimulus, 10Hz to
5kHz, random
Linear Acceleration:
g sensitivity
0.077°/s/g
0.17°/s/g
Steady state
Electrical:
Supply voltage
2.7V
3.3V (nom)
3.6V
Ramp rate should be
greater than 1V/ms
Current consumption
(inrush - during start-up)
––
12mA
Excluding charging
decoupling capacitors
Current consumption
(operating - after start-up)
4.0mA
5.0mA
Interface:
SPI® message rate
500Hz
1kHz
10kHz
SPI® clock rate
100kHz
1MHz
8MHz
CBIT offset
–+50°/s–
±10°/s nominal tolerance
Page 5
CRM200-00-0100-132 Rev 5
© Copyright 2011 Silicon Sensing Systems Limited. All rights reserved. Silicon Sensing is an Atlantic Inertial Systems, Sumitomo Precision Products joint venture company.
Specification subject to change without notice.
Precision Navigation and Pointing Gyroscope
CRM200 Technical Datasheet
www.pinpoint-gyro.com


Similar Part No. - CRM100

ManufacturerPart #DatasheetDescription
logo
RHOPOINT COMPONENTS
CRM1206 RHOPOINT-CRM1206 Datasheet
47Kb / 2P
   Precision High Value Chip Resistors
logo
Bourns Electronic Solut...
CRM1206 BOURNS-CRM1206 Datasheet
300Kb / 3P
   CRM0805/1206/2010 Chip Resistors
CRM1206 BOURNS-CRM1206 Datasheet
204Kb / 2P
   High power chip resistors
CRM1206 BOURNS-CRM1206 Datasheet
300Kb / 3P
   CRM0805/1206/2010 Chip Resistors
CRM1206-FW-R100ELF BOURNS-CRM1206-FW-R100ELF Datasheet
300Kb / 3P
   CRM0805,1206,2010 Chip Resistors
More results

Similar Description - CRM100

ManufacturerPart #DatasheetDescription
logo
TE Connectivity Ltd
408-8548 TEC-408-8548 Datasheet
95Kb / 2P
   Hand Trim and Pointing Tool
logo
Chicago Miniature Lamp,...
CMDA43 CML-CMDA43 Datasheet
579Kb / 1P
   Power LED (1watt) Technical Datasheet
CMDA42 CML-CMDA42 Datasheet
483Kb / 1P
   Power LED (1watt) Technical Datasheet
CMDA49XX15D13L CML-CMDA49XX15D13L Datasheet
416Kb / 1P
   Power LED (2.5 Watt) Technical Datasheet
logo
Suntsu Electronics, Inc...
SATPA-18F18F4A-GPB9 SUNTSU-SATPA-18F18F4A-GPB9 Datasheet
599Kb / 3P
   Satellite Navigation And Tracking Systems
logo
Visual Communications C...
CM16870 VCC-CM16870 Datasheet
74Kb / 1P
   Aircraft Navigation and Anticollision Lamps
logo
Chicago Miniature Lamp,...
CM16870 CML-CM16870 Datasheet
229Kb / 1P
   Aircraft Navigation and Anticollision Lamps
logo
Suntsu Electronics, Inc...
SATPA-25A25A4A-GPB7 SUNTSU-SATPA-25A25A4A-GPB7 Datasheet
735Kb / 3P
   Satellite Navigation And Tracking Systems
SATPA-15A15A4A-GPB8 SUNTSU-SATPA-15A15A4A-GPB8 Datasheet
308Kb / 3P
   Satellite Navigation And Tracking Systems
SATPA-15A15A4A-GPB7 SUNTSU-SATPA-15A15A4A-GPB7 Datasheet
1Mb / 3P
   Satellite Navigation And Tracking Systems
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com