Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

CPF0603 Datasheet(PDF) 6 Page - Tyco Electronics

Part # CPF0603
Description  Thin Film Precision Resistors
Download  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MACOM [Tyco Electronics]
Direct Link  http://www.macom.com
Logo MACOM - Tyco Electronics

CPF0603 Datasheet(HTML) 6 Page - Tyco Electronics

  CPF0603 Datasheet HTML 1Page - Tyco Electronics CPF0603 Datasheet HTML 2Page - Tyco Electronics CPF0603 Datasheet HTML 3Page - Tyco Electronics CPF0603 Datasheet HTML 4Page - Tyco Electronics CPF0603 Datasheet HTML 5Page - Tyco Electronics CPF0603 Datasheet HTML 6Page - Tyco Electronics  
Zoom Inzoom in Zoom Outzoom out
 6 / 6 page
background image
CPF
0603
B
100R
E1
Common Part
CPF - Chip
precision
film resistor
Package Size
0201
0402
0603
0805
1206
1210
2010
2512
Tolerance
B - ± 0.1%
D - ±0.5%
F - ± 1%
Value
100R
(100 Ohms)
1K0
(1000 Ohms)
100K
(100,000 Ohms)
TCR
D - 15ppm
E - 25ppm
C - 50ppm
Packaging
1 - 1K REEL
Blank - 5K REEL
How to Order
Embossed Plastic Tape Specifications
Type
A
B
W
E
F
P0
P1
P2
øD0
T
CPF2010
2.85 ±0.10
5.45 ±0.10
12.0 ±0.10
1.75 ±0.10
5.5 ±0.05
4.00 ±0.05
4.00 ±0.10
2.00 ±0.05
1.50 +0.10
1.00 ±0.20
CPF2512
3.40 ±0.10
6.65 ±0.10
12.0 ±0.10
1.75 ±0.10
5.5 ±0.05
4.00 ±0.05
4.00 ±0.10
2.00 ±0.05
1.50 +0.10
1.00 ±0.20
Thin Film Precision Resistors
Type CPF Series
TE Connectivity, TE connectivity (logo) and TE (logo) are trademarks.
Other logos, product and Company names mentioned herein may be trademarks of their respective owners.
While TE has made every reasonable effort to ensure the accuracy of the information in this datasheet, TE does not guarantee that it is error-free, nor does TE make any other
representation, warranty or guarantee that the information is accurate, correct, reliable or current. TE reserves the right to make any adjustments to the information contained herein
at any time without notice. TE expressly disclaims all implied warranties regarding the information contained herein, including, but not limited to, any implied warranties of merchantabili-
ty or fitness for a particular purpose. The dimensions in this datasheet are for reference purposes only and are subject to change without notice. Specifications are subject to change
without notice. Consult TE for the latest dimensions and design specifications.


Similar Part No. - CPF0603

ManufacturerPart #DatasheetDescription
logo
Tyco Electronics
CPF0603 MACOM-CPF0603 Datasheet
2Mb / 7P
   Type CPF Series
logo
TE Connectivity Ltd
CPF0603B100RC TEC-CPF0603B100RC Datasheet
300Kb / 9P
   Thin Film Precision Resistors
CPF0603B100RC1 TEC-CPF0603B100RC1 Datasheet
300Kb / 9P
   Thin Film Precision Resistors
CPF0603B100RD TEC-CPF0603B100RD Datasheet
300Kb / 9P
   Thin Film Precision Resistors
CPF0603B100RD1 TEC-CPF0603B100RD1 Datasheet
300Kb / 9P
   Thin Film Precision Resistors
More results

Similar Description - CPF0603

ManufacturerPart #DatasheetDescription
logo
TE Connectivity Ltd
CPF TEC-CPF Datasheet
300Kb / 9P
   Thin Film Precision Resistors
logo
Bourns Electronic Solut...
CRT0603-CV-1003ELF BOURNS-CRT0603-CV-1003ELF Datasheet
425Kb / 4P
   Thin Film Precision Chip Resistors
logo
TT Electronics.
PFC-W0603LF-03 TTELEC-PFC-W0603LF-03 Datasheet
714Kb / 3P
   Precision Thin Film Chip Resistors
logo
Vishay Siliconix
MCS0402AT VISHAY-MCS0402AT_V01 Datasheet
150Kb / 10P
   Precision Thin Film Chip Resistors
01-Jan-2022
logo
Bourns Electronic Solut...
CRT BOURNS-CRT Datasheet
390Kb / 3P
   Thin Film Precision Chip Resistors
logo
IRC - a TT electronics ...
PFC-W0402R-01-1001 IRCTT-PFC-W0402R-01-1001 Datasheet
420Kb / 4P
   Precision Thin Film Chip Resistors
logo
MERITEK ELECTRONICS COR...
RN73 MERITEK-RN73 Datasheet
424Kb / 5P
   Precision Thin Film Chip Resistors
logo
Vishay Siliconix
MC_PRE VISHAY-MC_PRE Datasheet
165Kb / 11P
   Precision Thin Film Chip Resistors
Revision: 16-Jan-13
logo
TT Electronics.
PFC-W0805LF-03 TTELEC-PFC-W0805LF-03 Datasheet
714Kb / 3P
   Precision Thin Film Chip Resistors
PFC-W1206LF-03 TTELEC-PFC-W1206LF-03 Datasheet
714Kb / 3P
   Precision Thin Film Chip Resistors
More results


Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com