Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

CP1L-EM30D Datasheet(PDF) 6 Page - Omron Electronics LLC

Part # CP1L-EM30D
Description  High Performing Programmable Controller with Embedded Ethernet
Download  36 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  OMRON [Omron Electronics LLC]
Direct Link  http://www.omron.com/index3.html
Logo OMRON - Omron Electronics LLC

CP1L-EM30D Datasheet(HTML) 6 Page - Omron Electronics LLC

Back Button CP1L-EM30D Datasheet HTML 2Page - Omron Electronics LLC CP1L-EM30D Datasheet HTML 3Page - Omron Electronics LLC CP1L-EM30D Datasheet HTML 4Page - Omron Electronics LLC CP1L-EM30D Datasheet HTML 5Page - Omron Electronics LLC CP1L-EM30D Datasheet HTML 6Page - Omron Electronics LLC CP1L-EM30D Datasheet HTML 7Page - Omron Electronics LLC CP1L-EM30D Datasheet HTML 8Page - Omron Electronics LLC CP1L-EM30D Datasheet HTML 9Page - Omron Electronics LLC CP1L-EM30D Datasheet HTML 10Page - Omron Electronics LLC Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 36 page
background image
CP1L
6
■ Industrial Switching Hubs
General Specifications
* The above values are for a cold start at room temperature for an AC power supply, and for a cold start for a DC power supply.
• A thermistor (with low-temperature current suppression characteristics) is used in the inrush current control circuitry for the AC power supply. The thermistor will
not be sufficiently cooled if the ambient temperature is high or if a hot start is performed when the power supply has been OFF for only a short time. In those cases
the inrush current values may be higher (as much as two times higher) than those shown above. Always allow for this when selecting fuses and breakers for
external circuits.
• A capacitor charge-type delay circuit is used in the inrush current control circuitry for the DC power supply. The capacitor will not be charged if a hot start is
performed when the power supply has been OFF for only a short time, so in those cases the inrush current values may be higher (as much as two times higher)
than those shown above.
Product name
Appearance
Specifications
Accesories
Current
consumption (A)
Model
Standards
Functions
No. of
ports
Failure
detection
Industrial
Switching Hubs
Quality of Service (QoS):
EtherNet/IP control data priority
Failure detection:
Broadcast storm and LSI error
detection 10/100BASE-TX,
Auto-Negotiation
3No
• Power supply
connector
0.22
W4S1-03B
UC, CE
5No
0.22
W4S1-05B
5Yes
• Power supply
connector
• Connector for
informing error
0.22
W4S1-05C
CE
Type
AC power supply models
DC power supply models
Item
Model
CP1L-
@@@-A
CP1L-
@@@-D
Power supply
100 to 240 VAC 50/60 Hz
24 VDC
Operating voltage range
85 to 264 VAC
20.4 to 26.4 VDC
Power consumption
50 VA max. (CP1L-M60/-M40/-M30
@@-A)
30 VA max. (CP1L-L20/-L14/-L10
@@-A)
20 W max. (CP1L-EM40/-EM30/-M60/-M40/-M30
@@-D)
13 W max. (CP1L-EL20/-L20/-L14/-L10
@@-D)
Inrush current *
100 to 120 VAC inputs:
20 A max. (for cold start at room temperature)
8 ms max.
200 to 240 VAC inputs:
40 A max. (for cold start at room temperature), 8 ms max.
30 A max. (for cold start at room temperature)
20 ms max.
External power supply
300 mA at 24 VDC (CP1L-M60/-M40/-M30
@@-A)
200 mA at 24 VDC (CP1L-L20/-L14/-L10
@@-A)
None
Insulation resistance
20 M
Ω min. (at 500 VDC) between the external AC terminals
and GR terminals
No insulation between primary and secondary for DC power
supply
Dielectric strength
2,300 VAC at 50/60 Hz for 1 min between the external AC and
GR terminals, leakage current: 5 mA max.
No insulation between primary and secondary for DC power
supply
Noise immunity
Conforms to IEC 61000-4-4. 2 kV (power supply line)
Vibration resistance
CP1L-L/M:
Conforms to JIS C60068-2-6. 10 to 57 Hz, 0.075-mm amplitude, 57 to 150 Hz, acceleration: 9.8 m/s2 in X, Y, and Z directions for
80 minutes each. Sweep time: 8 minutes
× 10 sweeps = total time of 80 minutes)
CP1L-EL/EM:
5 to 8.4 Hz, 3.5 mm amplitude, 8.4 to 150 Hz, acceleration: 9.8 m/s2 in X, Y, and Z directions for 100 minutes each (time coefficient
of 10 minutes
× coefficient factor of 10 = total time of 100 minutes)
Shock resistance
Conforms to JIS C60068-2-27. 147 m/s2 three times each in X, Y, and Z directions
Ambient operating tempera-
ture
0 to 55
°C
Ambient humidity
10% to 90% (with no condensation)
Ambient operating environ-
ment
No corrosive gas
Ambient storage temperature
−20 to 75°C (Excluding battery.)
Power holding time
10 ms min.
2 ms min.
CP1L.fm
6 ページ
2012年3月27日 火曜日 午後4時39分


Similar Part No. - CP1L-EM30D

ManufacturerPart #DatasheetDescription
logo
Analog Devices
CP1-023-ND AD-CP1-023-ND Datasheet
1Mb / 75P
   ADSP-BF506F EZ-KIT Lite짰 Evaluation System Manual
Revision 1.0 December2009
logo
Nais(Matsushita Electri...
CP1-12 NAIS-CP1-12 Datasheet
215Kb / 3P
   ULTRA-MINIATURE, LOW PROFILE AUTOMOTIVE RELAY
CP1-12V NAIS-CP1-12V Datasheet
215Kb / 3P
   ULTRA-MINIATURE, LOW PROFILE AUTOMOTIVE RELAY
CP1-12V-X NAIS-CP1-12V-X Datasheet
215Kb / 3P
   ULTRA-MINIATURE, LOW PROFILE AUTOMOTIVE RELAY
CP1-12V-Z NAIS-CP1-12V-Z Datasheet
215Kb / 3P
   ULTRA-MINIATURE, LOW PROFILE AUTOMOTIVE RELAY
More results

Similar Description - CP1L-EM30D

ManufacturerPart #DatasheetDescription
logo
WIZnet Co., Ltd
W5100S WIZNET-W5100S Datasheet
2Mb / 110P
   embedded Ethernet controller
logo
List of Unclassifed Man...
ADM9511 ETC-ADM9511 Datasheet
832Kb / 125P
   LAN/Modem Controller with Embedded Fast Ethernet PHY
EPC-2020 ETC2-EPC-2020 Datasheet
645Kb / 3P
   Programmable Embedded Controller with Intel짰 Atom??D525 Platform
750-880 ETC2-750-880 Datasheet
112Kb / 2P
   PLC - ETHERNET Programmable Fieldbus Controller
logo
Cypress Semiconductor
CY7C67300 CYPRESS-CY7C67300 Datasheet
668Kb / 119P
   EZ-Host Programmable Embedded USB Host/Peripheral Controller
logo
Beckhoff Automation Gmb...
CX8190 BECKHOFF-CX8190 Datasheet
140Kb / 3P
   Embedded PC with different Ethernet protocols
logo
Axiomtek Co., Ltd.
ICO200 AXIOMTEK-ICO200 Datasheet
195Kb / 1P
   Embedded Field Controller with AMD
logo
List of Unclassifed Man...
RCM3200 ETC1-RCM3200 Datasheet
2Mb / 96P
   C-Programmable Module with Ethernet
RCM3000 ETC1-RCM3000 Datasheet
2Mb / 128P
   C-Programmable Module with Ethernet
IT8510E ETC2-IT8510E Datasheet
2Mb / 284P
   Embedded Controller
5/6/2005
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com