Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

CKCM25X7R1H472M Datasheet(PDF) 10 Page - SAMWHA ELECTRIC

Part # CKCM25X7R1H472M
Description  CKC Series Commercial Grade 2 in 1 Array
Download  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SAMWHA [SAMWHA ELECTRIC]
Direct Link  http://www.samwha.com
Logo SAMWHA - SAMWHA ELECTRIC

CKCM25X7R1H472M Datasheet(HTML) 10 Page - SAMWHA ELECTRIC

Back Button CKCM25X7R1H472M Datasheet HTML 2Page - SAMWHA ELECTRIC CKCM25X7R1H472M Datasheet HTML 3Page - SAMWHA ELECTRIC CKCM25X7R1H472M Datasheet HTML 4Page - SAMWHA ELECTRIC CKCM25X7R1H472M Datasheet HTML 5Page - SAMWHA ELECTRIC CKCM25X7R1H472M Datasheet HTML 6Page - SAMWHA ELECTRIC CKCM25X7R1H472M Datasheet HTML 7Page - SAMWHA ELECTRIC CKCM25X7R1H472M Datasheet HTML 8Page - SAMWHA ELECTRIC CKCM25X7R1H472M Datasheet HTML 9Page - SAMWHA ELECTRIC CKCM25X7R1H472M Datasheet HTML 10Page - SAMWHA ELECTRIC  
Zoom Inzoom in Zoom Outzoom out
 10 / 10 page
background image
Mouser Electronics
Authorized Distributor
Click to View Pricing, Inventory, Delivery & Lifecycle Information:
TDK:
CKCM25X5R1A223M CKCL22C0G1H330K CKCM25C0G1H330K CKCL22C0G1H150K CKCL22C0G1H151K
CKCL22C0G1H680K CKCL22C0G1H220K CKCL22C0G1H221K CKCM25X7R1H102M CKCM25X7R1E472M
CKCL22X7R1H222M CKCM25C0G1H100F CKCM25C0G1H101K CKCL22X7R1H103M CKCM25X5R0J104M
CKCM25X5R0J474M CKCM25X5R1A473M CKCM25X5R0J105M CKCL22X7R1E223M CKCL22C0G1H101K
CKCL22X5R0J105M CKCL22C0G1H331K CKCL22X7R1C104M CKCL22C0G1H100F CKCL22X5R0J474M
CKCM25C0G1H470K CKCM25X7R1H222M CKCL22X7R1H102M CKCL22X7R1H472M CKCM25C0G1H220K
CKCM25X5R0J224M CKCM25C0G1H680K CKCM25C0G1H150K CKCL22C0G1H471K CKCL22C0G1H470K
CKCL22X5R1A224M CKCM25X7R1C103M CKCL22X7R1E473M CKCL22X5R0J225M CKCL22X5R1A474M
CKCL22X5R1C224M CKCL22X7R1E104M CKCL22X7R1H223M CKCL22X7R1H473M CKCM25X5R1C223M
CKCM25X7R1E103M CKCM25X7R1H472M CKCM25X5R0J474M080AA CKCL22C0G1H680K100AA
CKCM25X7R1H222M060AA CKCL22X7R1H102M085AA CKCL22X5R0J225M085AA CKCL22X5R1A474M085AA
CKCM25X7R1H472M060AA CKCM25X7R1H102M060AA CKCM25X5R0J104M060AA CKCM25X5R1C223M060AA
CKCM25C0G1H470K060AA CKCL22X7R1H472M085AA CKCL22X7R1H473M085AA CKCL22C0G1H330K100AA
CKCL22X7R1H103M085AA CKCM25X5R1A473M060AA CKCL22X7R1H222M085AA CKCL22C0G1H151K100AA
CKCL22C0G1H100F085AA CKCL22X5R0J105M085AA CKCL22X5R1C224M085AA CKCL22X7R1E104M085AA
CKCL22X7R1H223M085AA CKCL22C0G1H220K085AA CKCM25C0G1H100F060AA CKCM25X5R0J224M060AA
CKCM25C0G1H680K060AA CKCL22C0G1H331K100AA CKCL22C0G1H471K085AA CKCM25C0G1H220K060AA
CKCL22C0G1H470K085AA CKCM25C0G1H101K060AA CKCM25C0G1H330K060AA CKCL22C0G1H150K100AA
CKCL22C0G1H221K085AA CKCM25X5R0J105M080AA CKCL22C0G1H101K085AA CKCM25X7R1E103M060AA
CKCM25C0G1H150K060AA


Similar Part No. - CKCM25X7R1H472M

ManufacturerPart #DatasheetDescription
logo
TDK Electronics
CKCM25X7R1H472M060AA TDK-CKCM25X7R1H472M060AA Datasheet
211Kb / 1P
   Multilayer Ceramic Chip Capacitors
CKCM25X7R1H472M060AK TDK-CKCM25X7R1H472M060AK Datasheet
211Kb / 1P
   Multilayer Ceramic Chip Capacitors
CKCM25X7R1H472M060AL TDK-CKCM25X7R1H472M060AL Datasheet
211Kb / 1P
   Multilayer Ceramic Chip Capacitors
More results

Similar Description - CKCM25X7R1H472M

ManufacturerPart #DatasheetDescription
logo
TDK Electronics
CKCA43X5R0J105M100AA TDK-CKCA43X5R0J105M100AA Datasheet
1Mb / 8P
   CKC Series Commercial Grade 4 in 1 Array
VLP8040T-100M TDK-VLP8040T-100M Datasheet
366Kb / 3P
   Commercial Grade
logo
Kemet Corporation
CA064X104K4RACTU KEMET-CA064X104K4RACTU Datasheet
2Mb / 20P
   Capacitor Array, X7R Dielectric, 10 - 200 VDC (Commercial & Automotive Grade)
CA064C104K4GACTU KEMET-CA064C104K4GACTU Datasheet
3Mb / 17P
   Capacitor Array, C0G Dielectric, 10 - 200 VDC (Commercial & Automotive Grade)
logo
Ohmite Mfg. Co.
TVW OHMITE-TVW Datasheet
116Kb / 1P
   Economical Commercial Grade
logo
Gilway Technical Lamp
HT-456 GILWAY-HT-456 Datasheet
108Kb / 2P
   Commercial Grade Lampholders
logo
TDK Electronics
CKG57NX7S1C107M500JH TDK-CKG57NX7S1C107M500JH Datasheet
1Mb / 10P
   CKG Series Commercial Grade MEGACAP Type
logo
Kemet Corporation
HVZ0E107NF-LT KEMET-HVZ0E107NF-LT Datasheet
63Kb / 1P
   Supercapacitors, Snap-In, Commercial Grade, HVZ, 100 F, 30%, 2.7 V, 2 Pin, 10mm
HVZ0E207NF-LT KEMET-HVZ0E207NF-LT Datasheet
63Kb / 1P
   Supercapacitors, Snap-In, Commercial Grade, HVZ, 200 F, 30%, 2.7 V, 2 Pin, 10mm
logo
Electronic devices inc.
1W005 EDI-1W005 Datasheet
116Kb / 1P
   EDI Single-1 to 12 Amperes Commercial Grade Bridges
More results


Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com