Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

CKCM25X7R1C103M Datasheet(PDF) 3 Page - SAMWHA ELECTRIC

Part # CKCM25X7R1C103M
Description  CKC Series Commercial Grade 2 in 1 Array
Download  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SAMWHA [SAMWHA ELECTRIC]
Direct Link  http://www.samwha.com
Logo SAMWHA - SAMWHA ELECTRIC

CKCM25X7R1C103M Datasheet(HTML) 3 Page - SAMWHA ELECTRIC

  CKCM25X7R1C103M Datasheet HTML 1Page - SAMWHA ELECTRIC CKCM25X7R1C103M Datasheet HTML 2Page - SAMWHA ELECTRIC CKCM25X7R1C103M Datasheet HTML 3Page - SAMWHA ELECTRIC CKCM25X7R1C103M Datasheet HTML 4Page - SAMWHA ELECTRIC CKCM25X7R1C103M Datasheet HTML 5Page - SAMWHA ELECTRIC CKCM25X7R1C103M Datasheet HTML 6Page - SAMWHA ELECTRIC CKCM25X7R1C103M Datasheet HTML 7Page - SAMWHA ELECTRIC CKCM25X7R1C103M Datasheet HTML 8Page - SAMWHA ELECTRIC CKCM25X7R1C103M Datasheet HTML 9Page - SAMWHA ELECTRIC Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 10 page
background image
• All specifications are subject to change without notice.
CKC Series
2in1 Array
Type: CKCN27 [EIA CC0302], CKCM25 [EIA CC0504],
CKCL22 [EIA CC0805]
• Cellular telephone interface
• Interface cable circuit
• PC and peripherals
• CPU bus line
• High frequency circuit
• Noise bypass circuit
L
Body Length
W Body Width
T
Body Height
C Terminal Width
P
Terminal Spacing
Series Name
Dimensions L x W (mm)
Temperature Characteristics
Rated Voltage (DC)
Nominal Capacitance (pF)
Capacitance Tolerance
Packaging Style
Nominal Thickness
Code
Length
Width
N27
0.90 ± 0.05
0.60 ± 0.05
M25
1.37 ± 0.15
1.00 ± 0.15
L22
2.00 ± 0.15
1.25 ± 0.15
Code
Voltage (DC)
0J
6.3V
1A
10V
1C
16V
Code
Tolerance
F
± 1pF
K
± 10%
M
± 20%
Code
Style
A
178” Reel, 4mm Pitch
B
178” Reel, 2mm Pitch
Temperature
Characteristics
Temperature
Range
C0G
0±30 ppm/°C
-55 to +125°C
CH
0±60 ppm/°C
-25 to +85°C
JB
±10%
-25 to +85°C
X5R
±15%
-55 to +85°C
X7R
±15%
-55 to +125°C
X8R
±15%
-55 to +150°C
CKC • L22 • X5R • 0J • 225 • M • 085 • A • K
Code
Thickness
045
0.45 mm
060
0.60 mm
080
0.80 mm
085
0.85 mm
100
1.00 mm
Special Reserved Code
Code
Description
A, B, C
TDK Internal Code
K
Soft Termination
Shape &
Dimensions
Features
Applications
PC Board
Pattern
Dimensions in mm
CKCL22
CKCM25
Code
Voltage (DC)
1E
25V
1H
50V
2A
100V
• Multiple capacitors are fitted in a single product, contributing to
reduced installation costs.
• The electrostatic capacity range and shape are designed to meet the
demands of the cellular phone market.
• Unique electrode construction reduces crosstalk.
• Also available in soft termination.
The capacitance is expressed in three digit codes and in units of pico
Farads (pF). The first and second digits identify the first and second
significant figures of the capacitance. The third digit identifies the
multiplier. R designates a decimal point.
Ex. 0R2 = 0.2pF; 103 = 10,000pF; 105 = 1,000,000pF = 1, 00nF = 1μF
Catalog Number
Construction
Temperature Coefficient or
Capacitance Change
Page 2
MULTILAYER CERAMIC CHIP CAPACITORS
004-01 / 20140112 / mlcc_commercial_2array_en


Similar Part No. - CKCM25X7R1C103M

ManufacturerPart #DatasheetDescription
logo
TDK Electronics
CKCM25X7R1E103M060AA TDK-CKCM25X7R1E103M060AA Datasheet
211Kb / 1P
   Multilayer Ceramic Chip Capacitors
CKCM25X7R1E103M060AK TDK-CKCM25X7R1E103M060AK Datasheet
211Kb / 1P
   Multilayer Ceramic Chip Capacitors
CKCM25X7R1E103M060AL TDK-CKCM25X7R1E103M060AL Datasheet
211Kb / 1P
   Multilayer Ceramic Chip Capacitors
CKCM25X7R1H102M060AA TDK-CKCM25X7R1H102M060AA Datasheet
211Kb / 1P
   Multilayer Ceramic Chip Capacitors
CKCM25X7R1H102M060AK TDK-CKCM25X7R1H102M060AK Datasheet
211Kb / 1P
   Multilayer Ceramic Chip Capacitors
More results

Similar Description - CKCM25X7R1C103M

ManufacturerPart #DatasheetDescription
logo
TDK Electronics
CKCA43X5R0J105M100AA TDK-CKCA43X5R0J105M100AA Datasheet
1Mb / 8P
   CKC Series Commercial Grade 4 in 1 Array
VLP8040T-100M TDK-VLP8040T-100M Datasheet
366Kb / 3P
   Commercial Grade
logo
Kemet Corporation
CA064X104K4RACTU KEMET-CA064X104K4RACTU Datasheet
2Mb / 20P
   Capacitor Array, X7R Dielectric, 10 - 200 VDC (Commercial & Automotive Grade)
CA064C104K4GACTU KEMET-CA064C104K4GACTU Datasheet
3Mb / 17P
   Capacitor Array, C0G Dielectric, 10 - 200 VDC (Commercial & Automotive Grade)
logo
Ohmite Mfg. Co.
TVW OHMITE-TVW Datasheet
116Kb / 1P
   Economical Commercial Grade
logo
Gilway Technical Lamp
HT-456 GILWAY-HT-456 Datasheet
108Kb / 2P
   Commercial Grade Lampholders
logo
TDK Electronics
CKG57NX7S1C107M500JH TDK-CKG57NX7S1C107M500JH Datasheet
1Mb / 10P
   CKG Series Commercial Grade MEGACAP Type
logo
Kemet Corporation
HVZ0E107NF-LT KEMET-HVZ0E107NF-LT Datasheet
63Kb / 1P
   Supercapacitors, Snap-In, Commercial Grade, HVZ, 100 F, 30%, 2.7 V, 2 Pin, 10mm
HVZ0E207NF-LT KEMET-HVZ0E207NF-LT Datasheet
63Kb / 1P
   Supercapacitors, Snap-In, Commercial Grade, HVZ, 200 F, 30%, 2.7 V, 2 Pin, 10mm
logo
Electronic devices inc.
1W005 EDI-1W005 Datasheet
116Kb / 1P
   EDI Single-1 to 12 Amperes Commercial Grade Bridges
More results


Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com