Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

CLC034MA-NOPB Datasheet(PDF) 2 Page - Texas Instruments

Part # CLC034MA-NOPB
Description  CLC034 SMPTE 292M / 259M Adaptive Cable Equalizer
Download  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

CLC034MA-NOPB Datasheet(HTML) 2 Page - Texas Instruments

  CLC034MA-NOPB Datasheet HTML 1Page - Texas Instruments CLC034MA-NOPB Datasheet HTML 2Page - Texas Instruments CLC034MA-NOPB Datasheet HTML 3Page - Texas Instruments CLC034MA-NOPB Datasheet HTML 4Page - Texas Instruments CLC034MA-NOPB Datasheet HTML 5Page - Texas Instruments CLC034MA-NOPB Datasheet HTML 6Page - Texas Instruments CLC034MA-NOPB Datasheet HTML 7Page - Texas Instruments CLC034MA-NOPB Datasheet HTML 8Page - Texas Instruments CLC034MA-NOPB Datasheet HTML 9Page - Texas Instruments  
Zoom Inzoom in Zoom Outzoom out
 2 / 9 page
background image
OBSOLETE
CLC034
SNLS174E – FEBRUARY 2005 – REVISED APRIL 2013
www.ti.com
These devices have limited built-in ESD protection. The leads should be shorted together or the device placed in conductive foam
during storage or handling to prevent electrostatic damage to the MOS gates.
ABSOLUTE MAXIMUM RATINGS
(1)
Supply Voltage
−0.5V to 3.6V
Input Voltage (all inputs)
−0.3V to VCC+0.3V
Storage Temperature Range
−65°C to +150°C
Junction Temperature
+150°C
Lead Temperature (Soldering 4 Sec)
+260°C
Package Thermal Resistance
θJA 16-pin SOIC
+115°C/W
θJC 16-pin SOIC
+105°C/W
ESD Rating (HBM)
8kV
ESD Rating (MM)
250V
(1)
"Absolute Maximum Ratings" are those parameter values beyond which the life and operation of the device cannot be guaranteed. The
stating herein of these maximums shall not be construed to imply that the device can or should be operated at or beyond these values.
The table of "Electrical Characteristics" specifies acceptable device operating conditions.
RECOMMENDED OPERATING CONDITIONS
Supply Voltage (VCC – VEE)
3.3V ±5%
Input Coupling Capacitance
1.0 µF
AEC Capacitor (Connected between AEC+ and AEC-)
1.0 µF
Operating Free Air Temperature (TA)
0°C to +85°C
DC ELECTRICAL CHARACTERISTICs
Over Supply Voltage and Operating Temperature ranges, unless otherwise specified
(1) (2).
Symbol Parameter
Conditions
Reference
Min
Typ
Max
Units
VCMIN
Input Common Mode Voltage
SDI, SDI
1.9
V
VSDI
Input Voltage Swing
At CLC034 input, 1.485 Gbps, TA=
+25°C to +85°C, CD/MUTE may
720
800
880
mVP−P
be used, (3)(4)
At CLC034 input, 270 Mbps, TA=
+25°C to +85°C, CD/MUTE may
720
800
830
mVP−P
be used, (3) (4)(5)
At CLC034 input, 143 to 1485
Mbps, CD/MUTE tied to GND
720
800
950
mVP−P
(MUTE disabled), (3)(4)(5)
VCMOUT Output Common Mode Voltage
SDO, SDO
VCC
V
VSDO/2
VSDO
Output Voltage Swing
50
Ω load, differential
750
mVP-P
CLI DC Voltage
0m cable
CLI
2.5
V
no signal
1.2
V
MUTEREF DC Voltage (floating)
MUTEREF
1.3
V
MUTEREF Range
0.7
V
(1)
Current flow into device pins is defined as positive. Current flow out of device pins is defined as negative. All voltages are stated
referenced to VEE = 0 Volts.
(2)
Typical values are stated for VCC = +3.3V and TA = +25°C.
(3)
Specification is ensured by characterization.
(4)
The maximum input voltage swing assumes a nonstressing, DC-balance signal; specifically, the SMPTE-recommended color bar test
signal. Pathological or other stressing signals may not be used. This specification is for 0m cable only.
(5)
The CLC034 is fully compatible with the 800mVP-P ±10% SMPTE 259M generator specification when CD/MUTE is tied to GND (MUTE is
disabled). For 143 Mpbs input, CD/MUTE should always be tied to GND.
2
Submit Documentation Feedback
Copyright © 2005–2013, Texas Instruments Incorporated
Product Folder Links: CLC034


Similar Part No. - CLC034MA-NOPB

ManufacturerPart #DatasheetDescription
logo
National Semiconductor ...
CLC034MA NSC-CLC034MA Datasheet
461Kb / 6P
   SMPTE 292M / 259M Adaptive Cable Equalizer
More results

Similar Description - CLC034MA-NOPB

ManufacturerPart #DatasheetDescription
logo
National Semiconductor ...
LMH0034 NSC-LMH0034_07 Datasheet
267Kb / 8P
   SMPTE 292M / 259M Adaptive Cable Equalizer
CLC034 NSC-CLC034 Datasheet
461Kb / 6P
   SMPTE 292M / 259M Adaptive Cable Equalizer
logo
Texas Instruments
LMH0034 TI1-LMH0034_14 Datasheet
705Kb / 15P
[Old version datasheet]   SMPTE 292M / 259M Adaptive Cable Equalizer
logo
National Semiconductor ...
LMH0044 NSC-LMH0044_07 Datasheet
224Kb / 8P
   SMPTE 292M / 259M Adaptive Cable Equalizer
logo
Texas Instruments
LMH0044 TI1-LMH0044 Datasheet
742Kb / 14P
[Old version datasheet]   SMPTE 292M / 259M Adaptive Cable Equalizer
logo
National Semiconductor ...
LMH0044 NSC-LMH0044 Datasheet
506Kb / 7P
   SMPTE 292M / 259M Adaptive Cable Equalizer
LMH0044 NSC-LMH0044_09 Datasheet
254Kb / 8P
   SMPTE 292M / 259M Adaptive Cable Equalizer
logo
Texas Instruments
LMH0044 TI1-LMH0044_14 Datasheet
743Kb / 15P
[Old version datasheet]   SMPTE 292M / 259M Adaptive Cable Equalizer
logo
National Semiconductor ...
LMH0044 NSC-LMH0044_08 Datasheet
226Kb / 8P
   SMPTE 292M / 259M Adaptive Cable Equalizer
LMH0034 NSC-LMH0034_09 Datasheet
296Kb / 8P
   SMPTE 292M / 259M Adaptive Cable Equalizer
More results


Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com