Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

CKCM25C0G1H470K Datasheet(PDF) 1 Page - SAMWHA ELECTRIC

Part # CKCM25C0G1H470K
Description  CKC Series Commercial Grade 2 in 1 Array
Download  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SAMWHA [SAMWHA ELECTRIC]
Direct Link  http://www.samwha.com
Logo SAMWHA - SAMWHA ELECTRIC

CKCM25C0G1H470K Datasheet(HTML) 1 Page - SAMWHA ELECTRIC

  CKCM25C0G1H470K Datasheet HTML 1Page - SAMWHA ELECTRIC CKCM25C0G1H470K Datasheet HTML 2Page - SAMWHA ELECTRIC CKCM25C0G1H470K Datasheet HTML 3Page - SAMWHA ELECTRIC CKCM25C0G1H470K Datasheet HTML 4Page - SAMWHA ELECTRIC CKCM25C0G1H470K Datasheet HTML 5Page - SAMWHA ELECTRIC CKCM25C0G1H470K Datasheet HTML 6Page - SAMWHA ELECTRIC CKCM25C0G1H470K Datasheet HTML 7Page - SAMWHA ELECTRIC CKCM25C0G1H470K Datasheet HTML 8Page - SAMWHA ELECTRIC CKCM25C0G1H470K Datasheet HTML 9Page - SAMWHA ELECTRIC Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 10 page
background image
CKC Series
Commercial Grade
2 in 1 Array
Type:
CKCN27 [EIA CC0302]
CKCM25 [EIA CC0504]
CKCL22 [EIA CC0805]
lssue date:
Jan 2014
004-01 / 20140112 / mlcc_commercial_2array_en
MULTILAYER CERAMIC CHIP CAPACITORS


Similar Part No. - CKCM25C0G1H470K

ManufacturerPart #DatasheetDescription
logo
TDK Electronics
CKCM25C0G1H470K060AA TDK-CKCM25C0G1H470K060AA Datasheet
182Kb / 1P
   Multilayer Ceramic Chip Capacitors
CKCM25C0G1H470K060AK TDK-CKCM25C0G1H470K060AK Datasheet
182Kb / 1P
   Multilayer Ceramic Chip Capacitors
CKCM25C0G1H470K060AL TDK-CKCM25C0G1H470K060AL Datasheet
182Kb / 1P
   Multilayer Ceramic Chip Capacitors
More results

Similar Description - CKCM25C0G1H470K

ManufacturerPart #DatasheetDescription
logo
TDK Electronics
CKCA43X5R0J105M100AA TDK-CKCA43X5R0J105M100AA Datasheet
1Mb / 8P
   CKC Series Commercial Grade 4 in 1 Array
VLP8040T-100M TDK-VLP8040T-100M Datasheet
366Kb / 3P
   Commercial Grade
logo
Kemet Corporation
CA064X104K4RACTU KEMET-CA064X104K4RACTU Datasheet
2Mb / 20P
   Capacitor Array, X7R Dielectric, 10 - 200 VDC (Commercial & Automotive Grade)
CA064C104K4GACTU KEMET-CA064C104K4GACTU Datasheet
3Mb / 17P
   Capacitor Array, C0G Dielectric, 10 - 200 VDC (Commercial & Automotive Grade)
logo
Ohmite Mfg. Co.
TVW OHMITE-TVW Datasheet
116Kb / 1P
   Economical Commercial Grade
logo
Gilway Technical Lamp
HT-456 GILWAY-HT-456 Datasheet
108Kb / 2P
   Commercial Grade Lampholders
logo
TDK Electronics
CKG57NX7S1C107M500JH TDK-CKG57NX7S1C107M500JH Datasheet
1Mb / 10P
   CKG Series Commercial Grade MEGACAP Type
logo
Kemet Corporation
HVZ0E107NF-LT KEMET-HVZ0E107NF-LT Datasheet
63Kb / 1P
   Supercapacitors, Snap-In, Commercial Grade, HVZ, 100 F, 30%, 2.7 V, 2 Pin, 10mm
HVZ0E207NF-LT KEMET-HVZ0E207NF-LT Datasheet
63Kb / 1P
   Supercapacitors, Snap-In, Commercial Grade, HVZ, 200 F, 30%, 2.7 V, 2 Pin, 10mm
logo
Electronic devices inc.
1W005 EDI-1W005 Datasheet
116Kb / 1P
   EDI Single-1 to 12 Amperes Commercial Grade Bridges
More results


Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com