Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

CKCL22C0G1H680K Datasheet(PDF) 6 Page - SAMWHA ELECTRIC

Part # CKCL22C0G1H680K
Description  CKC Series Commercial Grade 2 in 1 Array
Download  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SAMWHA [SAMWHA ELECTRIC]
Direct Link  http://www.samwha.com
Logo SAMWHA - SAMWHA ELECTRIC

CKCL22C0G1H680K Datasheet(HTML) 6 Page - SAMWHA ELECTRIC

Back Button CKCL22C0G1H680K Datasheet HTML 2Page - SAMWHA ELECTRIC CKCL22C0G1H680K Datasheet HTML 3Page - SAMWHA ELECTRIC CKCL22C0G1H680K Datasheet HTML 4Page - SAMWHA ELECTRIC CKCL22C0G1H680K Datasheet HTML 5Page - SAMWHA ELECTRIC CKCL22C0G1H680K Datasheet HTML 6Page - SAMWHA ELECTRIC CKCL22C0G1H680K Datasheet HTML 7Page - SAMWHA ELECTRIC CKCL22C0G1H680K Datasheet HTML 8Page - SAMWHA ELECTRIC CKCL22C0G1H680K Datasheet HTML 9Page - SAMWHA ELECTRIC CKCL22C0G1H680K Datasheet HTML 10Page - SAMWHA ELECTRIC  
Zoom Inzoom in Zoom Outzoom out
 6 / 10 page
background image
• All specifications are subject to change without notice.
Capacitance
Size
Thickness
(mm)
Capacitance
Tolerance
CatalogNumber
Rated Voltage Edc: 100V
Rated Voltage Edc: 50V
10 pF
1310
0.60 ± 0.10
± 1pF
CKCM25C0G2A100F060AK CKCM25C0G1H100F060AK
0.66 max.
± 1pF
CKCM25C0G1H100F060AA
2012
0.85 ± 0.15
± 1%
CKCL22C0G1H100F085AA
CKCL22C0G2A100F085AK CKCL22C0G1H100F085AK
15 pF
1310
0.60 ± 0.10
± 10%
CKCM25C0G2A150K060AK CKCM25C0G1H150K060AK
0.66 max.
± 10%
CKCM25C0G1H150K060AA
2012
1.00 max.
± 10%
CKCL22C0G1H150K100AA
22 pF
1310
0.60 ± 0.10
± 10%
CKCM25C0G2A220K060AK CKCM25C0G1H220K060AK
0.66 max.
± 10%
CKCM25C0G1H220K060AA
2012
0.85 ± 0.15
± 10%
CKCL22C0G1H220K085AA
CKCL22C0G2A220K085AK CKCL22C0G1H220K085AK
33 pF
1310
0.60 ± 0.10
± 10%
CKCM25C0G2A330K060AK CKCM25C0G1H330K060AK
0.66 max.
± 10%
CKCM25C0G1H330K060AA
2012
1.00 max.
± 10%
CKCL22C0G1H330K100AA
47 pF
1310
0.60 ± 0.10
± 10%
CKCM25C0G2A470K060AK CKCM25C0G1H470K060AK
0.66 max.
± 10%
CKCM25C0G1H470K060AA
2012
0.85 ± 0.15
± 10%
CKCL22C0G1H470K085AA
CKCL22C0G2A470K085AK CKCL22C0G1H470K085AK
68 pF
1310
0.60 ± 0.10
± 10%
CKCM25C0G2A680K060AK CKCM25C0G1H680K060AK
0.66 max.
± 10%
CKCM25C0G1H680K060AA
2012
1.00 max.
± 10%
CKCL22C0G1H680K100AA
100 pF
1310
0.60 ± 0.10
± 10%
CKCM25C0G2A101K060AK CKCM25C0G1H101K060AK
0.66 max.
± 10%
CKCM25C0G1H101K060AA
2012
0.85 ± 0.15
± 10%
CKCL22C0G1H101K085AA
CKCL22C0G2A101K085AK CKCL22C0G1H101K085AK
150 pF
2012
1.00 max.
± 10%
CKCL22C0G1H151K100AA
220 pF
2012
0.85 ± 0.15
± 10%
CKCL22C0G1H221K085AA
CKCL22C0G2A221K085AK CKCL22C0G1H221K085AK
330 pF
2012
1.00 max.
± 10%
CKCL22C0G1H331K100AA
470 pF
2012
0.85 ± 0.15
± 10%
CKCL22C0G1H471K085AA
CKCL22C0G2A471K085AK CKCL22C0G1H471K085AK
Capacitance
Size
Thickness
(mm)
Capacitance
Tolerance
CatalogNumber
Rated Voltage Edc: 100V
Rated Voltage Edc: 50V
10 pF
1310
0.66 max.
± 1pF
CKCM25CH1H100F060AA
2012
1.00 max.
± 1pF
CKCL22CH1H100F100AA
15 pF
1310
0.66 max.
± 10%
CKCM25CH1H150K060AA
2012
1.00 max.
± 10%
CKCL22CH1H150K100AA
22 pF
1310
0.66 max.
± 10%
CKCM25CH1H220K060AA
2012
1.00 max.
± 10%
CKCL22CH1H220K100AA
33 pF
1310
0.66 max.
± 10%
CKCM25CH1H330K060AA
2012
1.00 max.
± 10%
CKCL22CH1H330K100AA
47 pF
1310
0.66 max.
± 10%
CKCM25CH1H470K060AA
2012
1.00 max.
± 10%
CKCL22CH1H470K100AA
68 pF
1310
0.66 max.
± 10%
CKCM25CH1H680K060AA
2012
1.00 max.
± 10%
CKCL22CH1H680K100AA
100 pF
1310
0.66 max.
± 10%
CKCM25CH1H101K060AA
2012
1.00 max.
± 10%
CKCL22CH1H101K100AA
150 pF
2012
1.00 max.
± 10%
CKCL22CH1H151K100AA
220 pF
2012
1.00 max.
± 10%
CKCL22CH1H221K100AA
330 pF
2012
1.00 max.
± 10%
CKCL22CH1H331K100AA
470 pF
2012
1.00 max.
± 10%
CKCL22CH1H471K100AA
Class 1 (Temperature Compensating)
TemperatureCharacteristics:C0G(-55to+125ºC,0±30ppm/ºC)
Class 1 (Temperature Compensating)
TemperatureCharacteristics:CH(-25to+85ºC,0±60ppm/ºC)
Page 5
004-01 / 20140112 / mlcc_commercial_2array_en
Capacitance
Range Table
MULTILAYER CERAMIC CHIP CAPACITORS


Similar Part No. - CKCL22C0G1H680K

ManufacturerPart #DatasheetDescription
logo
TDK Electronics
CKCL22C0G1H680K085AA TDK-CKCL22C0G1H680K085AA Datasheet
183Kb / 1P
   Multilayer Ceramic Chip Capacitors
More results

Similar Description - CKCL22C0G1H680K

ManufacturerPart #DatasheetDescription
logo
TDK Electronics
CKCA43X5R0J105M100AA TDK-CKCA43X5R0J105M100AA Datasheet
1Mb / 8P
   CKC Series Commercial Grade 4 in 1 Array
VLP8040T-100M TDK-VLP8040T-100M Datasheet
366Kb / 3P
   Commercial Grade
logo
Kemet Corporation
CA064X104K4RACTU KEMET-CA064X104K4RACTU Datasheet
2Mb / 20P
   Capacitor Array, X7R Dielectric, 10 - 200 VDC (Commercial & Automotive Grade)
CA064C104K4GACTU KEMET-CA064C104K4GACTU Datasheet
3Mb / 17P
   Capacitor Array, C0G Dielectric, 10 - 200 VDC (Commercial & Automotive Grade)
logo
Ohmite Mfg. Co.
TVW OHMITE-TVW Datasheet
116Kb / 1P
   Economical Commercial Grade
logo
Gilway Technical Lamp
HT-456 GILWAY-HT-456 Datasheet
108Kb / 2P
   Commercial Grade Lampholders
logo
TDK Electronics
CKG57NX7S1C107M500JH TDK-CKG57NX7S1C107M500JH Datasheet
1Mb / 10P
   CKG Series Commercial Grade MEGACAP Type
logo
Kemet Corporation
HVZ0E107NF-LT KEMET-HVZ0E107NF-LT Datasheet
63Kb / 1P
   Supercapacitors, Snap-In, Commercial Grade, HVZ, 100 F, 30%, 2.7 V, 2 Pin, 10mm
HVZ0E207NF-LT KEMET-HVZ0E207NF-LT Datasheet
63Kb / 1P
   Supercapacitors, Snap-In, Commercial Grade, HVZ, 200 F, 30%, 2.7 V, 2 Pin, 10mm
logo
Electronic devices inc.
1W005 EDI-1W005 Datasheet
116Kb / 1P
   EDI Single-1 to 12 Amperes Commercial Grade Bridges
More results


Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com