Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

CDR06 Datasheet(PDF) 2 Page - AVX Corporation

Part # CDR06
Description  MIL-PRF-55681/Chips Part Number Example CDR01 thru CDR06
Download  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AVX [AVX Corporation]
Direct Link  http://www.avx.com
Logo AVX - AVX Corporation

CDR06 Datasheet(HTML) 2 Page - AVX Corporation

  CDR06 Datasheet HTML 1Page - AVX Corporation CDR06 Datasheet HTML 2Page - AVX Corporation  
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image
80
MIL-PRF-55681/Chips
Military Part Number Identification
CDR01 thru CDR06
CDR01 thru CDR06 to MIL-PRF-55681
Military
Rated temperature WVDC
Type
Capacitance
Capacitance
and voltage-
Designation
in pF
tolerance
temperature limits
AVX Style 0805/CDR01
CDR01BP100B---
10
J,K
BP
100
CDR01BP120B---
12
J
BP
100
CDR01BP150B---
15
J,K
BP
100
CDR01BP180B---
18
J
BP
100
CDR01BP220B---
22
J,K
BP
100
CDR01BP270B---
27
J
BP
100
CDR01BP330B---
33
J,K
BP
100
CDR01BP390B---
39
J
BP
100
CDR01BP470B---
47
J,K
BP
100
CDR01BP560B---
56
J
BP
100
CDR01BP680B---
68
J,K
BP
100
CDR01BP820B---
82
J
BP
100
CDR01BP101B---
100
J,K
BP
100
CDR01B--121B---
120
J,K
BP,BX
100
CDR01B--151B---
150
J,K
BP,BX
100
CDR01B--181B---
180
J,K
BP,BX
100
CDR01BX221B---
220
K,M
BX
100
CDR01BX271B---
270
K
BX
100
CDR01BX331B---
330
K,M
BX
100
CDR01BX391B---
390
K
BX
100
CDR01BX471B---
470
K,M
BX
100
CDR01BX561B---
560
K
BX
100
CDR01BX681B---
680
K,M
BX
100
CDR01BX821B---
820
K
BX
100
CDR01BX102B---
1000
K,M
BX
100
CDR01BX122B---
1200
K
BX
100
CDR01BX152B---
1500
K,M
BX
100
CDR01BX182B---
1800
K
BX
100
CDR01BX222B---
2200
K,M
BX
100
CDR01BX272B---
2700
K
BX
100
CDR01BX332B---
3300
K,M
BX
100
CDR01BX392A---
3900
K
BX
50
CDR01BX472A---
4700
K,M
BX
50
AVX Style 1805/CDR02
CDR02BP221B---
220
J,K
BP
100
CDR02BP271B---
270
J
BP
100
CDR02BX392B---
3900
K
BX
100
CDR02BX472B---
4700
K,M
BX
100
CDR02BX562B---
5600
K
BX
100
CDR02BX682B---
6800
K,M
BX
100
CDR02BX822B---
8200
K
BX
100
CDR02BX103B---
10,000
K,M
BX
100
CDR02BX123A---
12,000
K
BX
50
CDR02BX153A---
15,000
K,M
BX
50
CDR02BX183A---
18,000
K
BX
50
CDR02BX223A---
22,000
K,M
BX
50
Add appropriate failure rate
Add appropriate termination finish
Capacitance Tolerance
Military
Rated temperature WVDC
Type
Capacitance
Capacitance
and voltage-
Designation
in pF
tolerance
temperature limits
AVX Style 1808/CDR03
CDR03BP331B---
330
J,K
BP
100
CDR03BP391B---
390
J
BP
100
CDR03BP471B---
470
J,K
BP
100
CDR03BP561B---
560
J
BP
100
CDR03BP681B---
680
J,K
BP
100
CDR03BP821B--
820
J
BP
100
CDR03BP102B---
1000
J,K
BP
100
CDR03BX123B--
12,000
K
BX
100
CDR03BX153B---
15,000
K,M
BX
100
CDR03BX183B---
18,000
K
BX
100
CDR03BX223B---
22,000
K,M
BX
100
CDR03BX273B---
27,000
K
BX
100
CDR03BX333B---
33,000
K,M
BX
100
CDR03BX393A---
39,000
K
BX
50
CDR03BX473A---
47,000
K,M
BX
50
CDR03BX563A---
56,000
K
BX
50
CDR03BX683A---
68,000
K,M
BX
50
AVX Style 1812/CDR04
CDR04BP122B---
1200
J
BP
100
CDR04BP152B---
1500
J,K
BP
100
CDR04BP182B---
1800
J
BP
100
CDR04BP222B---
2200
J,K
BP
100
CDR04BP272B---
2700
J
BP
100
CDR04BP332B---
3300
J,K
BP
100
CDR04BX393B---
39,000
K
BX
100
CDR04BX473B---
47,000
K,M
BX
100
CDR04BX563B---
56,000
K
BX
100
CDR04BX823A---
82,000
K
BX
50
CDR04BX104A---
100,000
K,M
BX
50
CDR04BX124A---
120,000
K
BX
50
CDR04BX154A---
150,000
K,M
BX
50
CDR04BX184A---
180,000
K
BX
50
AVX Style 1825/CDR05
CDR05BP392B---
3900
J,K
BP
100
CDR05BP472B---
4700
J,K
BP
100
CDR05BP562B---
5600
J,K
BP
100
CDR05BX683B---
68,000
K,M
BX
100
CDR05BX823B---
82,000
K
BX
100
CDR05BX104B---
100,000
K,M
BX
100
CDR05BX124B---
120,000
K
BX
100
CDR05BX154B---
150,000
K,M
BX
100
CDR05BX224A---
220,000
K,M
BX
50
CDR05BX274A---
270,000
K
BX
50
CDR05BX334A---
330,000
K,M
BX
50
AVX Style 2225/CDR06
CDR06BP682B---
6800
J,K
BP
100
CDR06BP822B---
8200
J,K
BP
100
CDR06BP103B---
10,000
J,K
BP
100
CDR06BX394A---
390,000
K
BX
50
CDR06BX474A---
470,000
K,M
BX
50
Add appropriate failure rate
Add appropriate termination finish
Capacitance Tolerance


Similar Part No. - CDR06

ManufacturerPart #DatasheetDescription
logo
Kemet Corporation
CDR06 KEMET-CDR06 Datasheet
1Mb / 10P
   CERAMIC CHIP/MIL-PRF-55681
logo
TT Electronics.
CDR06 TTELEC-CDR06 Datasheet
322Kb / 3P
   Robust terminations
CDR06 TTELEC-CDR06 Datasheet
346Kb / 3P
   Capacitor Discharge Resistors
logo
Huber+Suhner, Inc.
CDR0647UBKPDL0STA HUBERSUHNER-CDR0647UBKPDL0STA Datasheet
354Kb / 2P
   CDR 600, 47U, pe)orated vented doors le*, standard, black
CDR0647UGYPDL0STA HUBERSUHNER-CDR0647UGYPDL0STA Datasheet
409Kb / 3P
   CDR 600, 47U, pe)orated vented doors le*, standard, grey
More results

Similar Description - CDR06

ManufacturerPart #DatasheetDescription
logo
AVX Corporation
CDR31BP471BFWP AVX-CDR31BP471BFWP Datasheet
51Kb / 4P
   MIL-PRF-55681/Chips Part Number Example CDR31 thru CDR35
CDR31BX102BKUR AVX-CDR31BX102BKUR Datasheet
51Kb / 4P
   MIL-PRF-55681/Chips
CDR01-06 AVX-CDR01-06 Datasheet
46Kb / 2P
   MIL-PRF-55681/Chips
CDR31-35 AVX-CDR31-35 Datasheet
60Kb / 4P
   MIL-PRF-55681/Chips
logo
Kyocera Kinseki Corpota...
CDR31 KSS-CDR31 Datasheet
281Kb / 4P
   MIL-PRF-55681/Chips
logo
Kemet Corporation
CDR33BX104AKSR KEMET-CDR33BX104AKSR Datasheet
1Mb / 10P
   CERAMIC CHIP/MIL-PRF-55681
CDR33BX104AKSS KEMET-CDR33BX104AKSS Datasheet
1Mb / 10P
   CERAMIC CHIP/MIL-PRF-55681
CDR01BP101ABSM KEMET-CDR01BP101ABSM Datasheet
975Kb / 10P
   CERAMIC CHIP/MIL-PRF-55681
logo
AVX Corporation
M123A11BXB104KS AVX-M123A11BXB104KS Datasheet
143Kb / 5P
   MIL-PRF-123/Chips
M123 AVX-M123 Datasheet
143Kb / 5P
   MIL-PRF-123/Chips
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com