Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

BD9161FVM-LB Datasheet(PDF) 3 Page - Rohm

Part # BD9161FVM-LB
Description  2.5V to 4.5V, Input 0.6A Integrated FET 1ch Synchronous Buck Converter
Download  23 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ROHM [Rohm]
Direct Link  http://www.rohm.com
Logo ROHM - Rohm

BD9161FVM-LB Datasheet(HTML) 3 Page - Rohm

  BD9161FVM-LB Datasheet HTML 1Page - Rohm BD9161FVM-LB Datasheet HTML 2Page - Rohm BD9161FVM-LB Datasheet HTML 3Page - Rohm BD9161FVM-LB Datasheet HTML 4Page - Rohm BD9161FVM-LB Datasheet HTML 5Page - Rohm BD9161FVM-LB Datasheet HTML 6Page - Rohm BD9161FVM-LB Datasheet HTML 7Page - Rohm BD9161FVM-LB Datasheet HTML 8Page - Rohm BD9161FVM-LB Datasheet HTML 9Page - Rohm Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 23 page
background image
3/20
TSZ02201-0J4J0AJ00580-1-2
© 2013 ROHM Co., Ltd. All rights reserved.
21.Feb.2014 Rev.002
www.rohm.com
TSZ22111
• 15 • 001
BD9161FVM-LB
Description of Block
BD9161FVM-LB is a synchronous rectifying step-down switching regulator that achieves faster transient response by
employing current mode PWM control system.
It utilizes switching operation in PWM (Pulse Width Modulation) mode for
heavier load, while it utilizes SLLM
TM (Simple Light Load Mode) operation for lighter load to improve efficiency.
○Current mode PWM control
Synthesizes a PWM control signal with a inductor current feedback loop added to the voltage feedback.
・PWM (Pulse Width Modulation) control
The oscillation frequency for PWM is 1 MHz.
SET signal form OSC turns ON a P-channel MOS FET (while a
N-channel MOS FET is turned OFF), and an inductor current IL increases.
The current comparator (Current Comp)
receives two signals, a current feedback control signal (SENSE: Voltage converted from IL) and a voltage feedback
control signal (FB), and issues a RESET signal if both input signals are identical to each other, and turns OFF the
P-channel MOS FET (while a N-channel MOS FET is turned ON) for the rest of the fixed period.
The PWM control
repeats this operation.
Offers fast transient response with current mode control system.
Voltage drop due to sudden change in load was reduced by about 50%.
Figure 4. Comparison of transient response
・SLLM
TM (Simple Light Load Mode) control
When the control mode is shifted from PWM for heavier load to the one for lighter load or vise versa, the switching
pulse is designed to turn OFF with the device held operated in normal PWM control loop, which allows linear operation
without voltage drop or deterioration in transient response during the mode switching from light load to heavy load or
vise versa.
Although the PWM control loop continues to operate with a SET signal from OSC and a RESET signal from Current
Comp, it is so designed that the RESET signal is held issued if shifted to the light load mode, with which the switching
is tuned OFF and the switching pulses are thinned out under control.
Activating the switching intermittently reduces
the switching dissipation and improves the efficiency.
Conventional product (VOUT of which is 2.5 volts)
BD9161FVM-LB (Load response IO=250mA→500mA)
VOUT
IOUT
98mV
VOUT
IOUT
40mV
Figure 5. Efficiency
0.001
0.01
0.1
1
0
50
100
PWM
SLLM
TM
①inprovement by SLLM
TM system
②improvement by synchronous rectifier
Output current IO[A]


Similar Part No. - BD9161FVM-LB

ManufacturerPart #DatasheetDescription
logo
Rohm
BD9161FVM ROHM-BD9161FVM Datasheet
405Kb / 15P
   Output 1.5A or Less High-efficiency Step-down Switching Regulator with Built-in Power MOSFET
BD9161FVM ROHM-BD9161FVM Datasheet
922Kb / 19P
   2.5V to 4.5V, 0.6A 1ch Synchronous Buck Converter Integrated FET
BD9161FVM ROHM-BD9161FVM_12 Datasheet
922Kb / 19P
   2.5V to 4.5V, 0.6A 1ch Synchronous Buck Converter Integrated FET
More results

Similar Description - BD9161FVM-LB

ManufacturerPart #DatasheetDescription
logo
Rohm
BD9161FVM ROHM-BD9161FVM_12 Datasheet
922Kb / 19P
   2.5V to 4.5V, 0.6A 1ch Synchronous Buck Converter Integrated FET
BD9141MUV ROHM-BD9141MUV_12 Datasheet
1Mb / 21P
   4.5V to 13.2V, 2A 1ch Synchronous Buck Converter integrated FET
BD8961NV ROHM-BD8961NV_12 Datasheet
842Kb / 18P
   4.5V to 5.5V, 2.0A 1ch Synchronous Buck Converter Integrated FET
BD9134MUV ROHM-BD9134MUV_12 Datasheet
1,011Kb / 21P
   4.5V to 5.5V, 3.0A 1ch Synchronous Buck Converter Integrated FET
BD8967FVM ROHM-BD8967FVM_12 Datasheet
920Kb / 20P
   4.5V to 5.5V, 0.8A 1ch Synchronous Buck Converter integrated FET
BD9122GUL-E2 ROHM-BD9122GUL-E2 Datasheet
955Kb / 19P
   2.5V to 5.5V, 0.3A 1ch Synchronous Buck Converter integrated FET
BD9122GUL ROHM-BD9122GUL_12 Datasheet
889Kb / 19P
   2.5V to 5.5V, 0.3A 1ch Synchronous Buck Converter integrated FET
BD9102FVM ROHM-BD9102FVM_12 Datasheet
1Mb / 29P
   4.0V(or 4.5V) to 5.5V, 0.8A 1ch Synchronous Buck Converter Integrated FET
BD9D321EFJ ROHM-BD9D321EFJ Datasheet
1Mb / 28P
   4.5V to 18V Input, 3.0A Integrated MOSFET 1ch Synchronous Buck DC/DC Converter
BD9D323QWZ ROHM-BD9D323QWZ Datasheet
2Mb / 40P
   4.5V to 18V Input, 3.0A Integrated MOSFET 1ch Synchronous Buck DC/DC Converter
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com