Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

BD9161FVM-LB Datasheet(PDF) 2 Page - Rohm

Part # BD9161FVM-LB
Description  2.5V to 4.5V, Input 0.6A Integrated FET 1ch Synchronous Buck Converter
Download  23 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ROHM [Rohm]
Direct Link  http://www.rohm.com
Logo ROHM - Rohm

BD9161FVM-LB Datasheet(HTML) 2 Page - Rohm

  BD9161FVM-LB Datasheet HTML 1Page - Rohm BD9161FVM-LB Datasheet HTML 2Page - Rohm BD9161FVM-LB Datasheet HTML 3Page - Rohm BD9161FVM-LB Datasheet HTML 4Page - Rohm BD9161FVM-LB Datasheet HTML 5Page - Rohm BD9161FVM-LB Datasheet HTML 6Page - Rohm BD9161FVM-LB Datasheet HTML 7Page - Rohm BD9161FVM-LB Datasheet HTML 8Page - Rohm BD9161FVM-LB Datasheet HTML 9Page - Rohm Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 23 page
background image
2/20
TSZ02201-0J4J0AJ00580-1-2
© 2013 ROHM Co., Ltd. All rights reserved.
21.Feb.2014 Rev.002
www.rohm.com
TSZ22111
• 15 • 001
BD9161FVM-LB
Pin Configuration
Figure 2. Pin Configuration
Pin Description
Pin No.
Pin Name
Function
1
ADJ
Output voltage Feedback pin (Adjustable)
2
ITH
GmAmp output pin/Connected phase compensation capacitor
3
EN
Enable pin (Active High)
4
GND
Ground
5
PGND
Nch FET source pin
6
SW
Pch/Nch FET drain output pin
7
PVCC
Pch FET source pin
8
VCC
VCC power supply input pin
Block Diagram
Figure 3. Block Diagram
(TOP
VIEW)
VREF
OSC
UVLO
TSD
Current
Sense/
Protect
Driver
Logic
+
Soft
Start
8
7
6
5
4
2
1
3
R Q
S
EN
VCC
PVCC
3.3V
Input
SW
Output
PGND
GND
ITH
ADJ
VCC
SLOPE
Current
Comp.
Gm Amp.
CLK
SCP
Enable


Similar Part No. - BD9161FVM-LB

ManufacturerPart #DatasheetDescription
logo
Rohm
BD9161FVM ROHM-BD9161FVM Datasheet
405Kb / 15P
   Output 1.5A or Less High-efficiency Step-down Switching Regulator with Built-in Power MOSFET
BD9161FVM ROHM-BD9161FVM Datasheet
922Kb / 19P
   2.5V to 4.5V, 0.6A 1ch Synchronous Buck Converter Integrated FET
BD9161FVM ROHM-BD9161FVM_12 Datasheet
922Kb / 19P
   2.5V to 4.5V, 0.6A 1ch Synchronous Buck Converter Integrated FET
More results

Similar Description - BD9161FVM-LB

ManufacturerPart #DatasheetDescription
logo
Rohm
BD9161FVM ROHM-BD9161FVM_12 Datasheet
922Kb / 19P
   2.5V to 4.5V, 0.6A 1ch Synchronous Buck Converter Integrated FET
BD9141MUV ROHM-BD9141MUV_12 Datasheet
1Mb / 21P
   4.5V to 13.2V, 2A 1ch Synchronous Buck Converter integrated FET
BD8961NV ROHM-BD8961NV_12 Datasheet
842Kb / 18P
   4.5V to 5.5V, 2.0A 1ch Synchronous Buck Converter Integrated FET
BD9134MUV ROHM-BD9134MUV_12 Datasheet
1,011Kb / 21P
   4.5V to 5.5V, 3.0A 1ch Synchronous Buck Converter Integrated FET
BD8967FVM ROHM-BD8967FVM_12 Datasheet
920Kb / 20P
   4.5V to 5.5V, 0.8A 1ch Synchronous Buck Converter integrated FET
BD9122GUL-E2 ROHM-BD9122GUL-E2 Datasheet
955Kb / 19P
   2.5V to 5.5V, 0.3A 1ch Synchronous Buck Converter integrated FET
BD9122GUL ROHM-BD9122GUL_12 Datasheet
889Kb / 19P
   2.5V to 5.5V, 0.3A 1ch Synchronous Buck Converter integrated FET
BD9102FVM ROHM-BD9102FVM_12 Datasheet
1Mb / 29P
   4.0V(or 4.5V) to 5.5V, 0.8A 1ch Synchronous Buck Converter Integrated FET
BD9D321EFJ ROHM-BD9D321EFJ Datasheet
1Mb / 28P
   4.5V to 18V Input, 3.0A Integrated MOSFET 1ch Synchronous Buck DC/DC Converter
BD9D323QWZ ROHM-BD9D323QWZ Datasheet
2Mb / 40P
   4.5V to 18V Input, 3.0A Integrated MOSFET 1ch Synchronous Buck DC/DC Converter
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com