Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

CC0603 Datasheet(PDF) 9 Page - YAGEO Corporation

Part # CC0603
Description  SURFACE-MOUNT CERAMIC MULTILAYER CAPACITORS Mid-voltage: NP0 X7R (Pb Free & RoHS compliant)
Download  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  YAGEO [YAGEO Corporation]
Direct Link  http://www.yageo.com
Logo YAGEO - YAGEO Corporation

CC0603 Datasheet(HTML) 9 Page - YAGEO Corporation

Back Button CC0603 Datasheet HTML 5Page - YAGEO Corporation CC0603 Datasheet HTML 6Page - YAGEO Corporation CC0603 Datasheet HTML 7Page - YAGEO Corporation CC0603 Datasheet HTML 8Page - YAGEO Corporation CC0603 Datasheet HTML 9Page - YAGEO Corporation CC0603 Datasheet HTML 10Page - YAGEO Corporation CC0603 Datasheet HTML 11Page - YAGEO Corporation CC0603 Datasheet HTML 12Page - YAGEO Corporation CC0603 Datasheet HTML 13Page - YAGEO Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 16 page
background image
www.yageo.com
Sep 08, 2005 V.0
Mid-voltage
Surface-Mount Ceramic Multilayer Capacitors
9
16
NP0
/X7R 100 V to 500 V
Product specification
Table 6 For X7R 200/250 V sizes from 0805 to 1812
CAPACITANCE RANGE & THICKNESS FOR X7R 200/250 V
CAPACITANCE
200/250 V
(pF)
0805
1206
1210
1808
1812
100
150
220
330
470
680
1,000
0.85 ±0.10
1,500
2,200
3,300
0.85 ±0.10
4,700
6,800
10,000
1.25 ±0.20
15,000
0.8 ±0.10
0.85 ±0.10
22,000
1.25 ±0.20
33,000
1.15±0.15
1.15±0.15
1.25 ±0.20
47,000
68,000
1.25 ±0.20
100,000
1.25 ±0.20
1.15±0.15
150,000
220,000
1.6 ±0.20
330,000
2.0 ±0.20
470,000
680,000
1,000,000
NOTE
1. Values in shaded cells indicate thickness class in mm.


Similar Part No. - CC0603

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
CC0603 ETC1-CC0603 Datasheet
214Kb / 8P
   MULTILAYER CERAMIC CAPACITORS
CC0603 ETC2-CC0603 Datasheet
448Kb / 7P
   CAPACITORS
logo
TDK Electronics
CC0603 TDK-CC0603 Datasheet
1Mb / 8P
   MULTILAYER CERAMIC CHIP CAPACITORS
CC0603 TDK-CC0603 Datasheet
1Mb / 55P
   MULTILAYER CERAMIC CHIP CAPACITORS
logo
Silicon Laboratories
CC0603 SILABS-CC0603 Datasheet
671Kb / 38P
   Low-power sleep mode On-hook transmission Loop or ground start operation Smooth polarity reversal
More results

Similar Description - CC0603

ManufacturerPart #DatasheetDescription
logo
Silicon Laboratories
SI596 SILABS-SI596 Datasheet
328Kb / 12P
   Pb-free/RoHS-compliant
logo
ECS, Inc.
ECS-2018-500-BN ECS-ECS-2018-500-BN Datasheet
629Kb / 2P
   Pb Free/RoHS Compliant
logo
COSMO Electronics Corp...
KT1000 COSMO-KT1000 Datasheet
196Kb / 8P
   Pb free and RoHS compliant
KT1010 COSMO-KT1010 Datasheet
196Kb / 8P
   Pb free and RoHS compliant
KT1600 COSMO-KT1600 Datasheet
196Kb / 8P
   Pb free and RoHS compliant
logo
M/A-COM Technology Solu...
MAFL-011057 MA-COM-MAFL-011057 Datasheet
223Kb / 6P
   RoHS Compliant and Pb free
logo
Abracon Corporation
ALFB-01 ABRACON-ALFB-01 Datasheet
535Kb / 1P
   RoHS compliant and Pb free
10.30.13
logo
COSMO Electronics Corp...
KT1200 COSMO-KT1200 Datasheet
159Kb / 8P
   Pb free and RoHS compliant
KTLP160J COSMO-KTLP160J_13 Datasheet
129Kb / 6P
   Pb free and RoHS compliant
KTLP161J COSMO-KTLP161J_13 Datasheet
130Kb / 6P
   Pb free and RoHS compliant
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com