Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

STR-Y6763 Datasheet(PDF) 6 Page - Sanken electric

Part # STR-Y6763
Description  Off-Line Quasi-Resonant Switching Regulators
Download  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SANKEN [Sanken electric]
Direct Link  http://www.sanken-ele.co.jp/en
Logo SANKEN - Sanken electric

STR-Y6763 Datasheet(HTML) 6 Page - Sanken electric

Back Button STR-Y6763 Datasheet HTML 2Page - Sanken electric STR-Y6763 Datasheet HTML 3Page - Sanken electric STR-Y6763 Datasheet HTML 4Page - Sanken electric STR-Y6763 Datasheet HTML 5Page - Sanken electric STR-Y6763 Datasheet HTML 6Page - Sanken electric STR-Y6763 Datasheet HTML 7Page - Sanken electric STR-Y6763 Datasheet HTML 8Page - Sanken electric STR-Y6763 Datasheet HTML 9Page - Sanken electric STR-Y6763 Datasheet HTML 10Page - Sanken electric Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 13 page
background image
Off-Line Quasi-Resonant Switching Regulators
STR-Y6763,
STR-Y6765, and
STR-Y6766
Electrical Characteristics of MOSFET Unless specifically noted, TA = 25°C and VCC = 20 V
Characteristic
Symbol
Test Conditions
Pins
Min.
Typ.
Max.
Unit
Voltage Between Drain and Source
VDSS
1 – 2
800
V
Drain Leakage Current
IDSS
1 – 2
300
μA
On-Resistance
RDS(on)
STR-Y6763
1 – 2
3.5
Ω
STR-Y6765
1 – 2
2.2
Ω
STR-Y6766
1 – 2
1.7
Ω
Switching Time
tf
STR-Y6763
1 – 2
250
ns
STR-Y6765
300
ns
STR-Y6766
300
ns
Thermal Resistance
Rθch-F
STR-Y6763 Between a channel
of the MOSFET
and the internal
leadframe
1 – 2
2.8
3.2
°C/W
STR-Y6765
2.3
2.6
°C/W
STR-Y6766
1.9
2.2
°C/W
Electrical Characteristics of Control Part (MIC) (Continued) Unless specifically noted, TA = 25°C and VCC = 20 V
Characteristic
Symbol
Test Conditions
Pins
Min.
Typ.
Max.
Unit
BD Pin Source Current
IBD(O)
6 – 4
−250
−83
−30
μA
OLP Bias Current
IFB(OLP)
5 – 4
−15
−10
−5
μA
OLP Threshold Voltage
VFB(OLP)
5 – 4
5.50
5.96
6.40
V
OVP Threshold Voltage
VCC(OVP)
3 – 4
28.5
31.5
34.0
V
FB Pin Maximum Voltage in Feedback
Operation
VFB(MAX)
5 – 4
3.70
4.05
4.40
V
Thermal Shut Down Temperature
TJ(TSD)
135
°C
Note: The polarity value for current specifies a sink as "+ ," and a source as “−,” referencing the IC.
1
The relation of VCC(BIAS) > VCC(OFF) is maintained.
2
The relation of VBD(TH1) > VBD(TH2) is maintained in each product.
2
The latch circuit means a circuit operated OVP, OLP, OCP (latch-off), or TSD.
STR-Y6763-DS
6
SANKEN ELECTRIC CO., LTD.


Similar Part No. - STR-Y6763

ManufacturerPart #DatasheetDescription
logo
Sanken electric
STR-Y6763 SANKEN-STR-Y6763 Datasheet
189Kb / 2P
   Power IC for Quasi-Resonant Mode Switching Power Supplies with Low Standby Power
STR-Y6763 SANKEN-STR-Y6763 Datasheet
1Mb / 34P
   Quasi-Resonant Controllers with Integrated Power MOSFET
STR-Y6763A SANKEN-STR-Y6763A Datasheet
1Mb / 34P
   Quasi-Resonant Controllers with Integrated Power MOSFET
More results

Similar Description - STR-Y6763

ManufacturerPart #DatasheetDescription
logo
Sanken electric
STR-X6729 SANKEN-STR-X6729 Datasheet
300Kb / 9P
   Off-Line Quasi-Resonant Switching Regulators
logo
Allegro MicroSystems
STR-X6729 ALLEGRO-STR-X6729 Datasheet
386Kb / 11P
   Off-Line Quasi-Resonant Switching Regulators
STR-X6768N_V ALLEGRO-STR-X6768N_V Datasheet
445Kb / 9P
   Off-Line Quasi-Resonant Switching Regulators
STR-X6759N ALLEGRO-STR-X6759N Datasheet
520Kb / 11P
   Off-Line Quasi-Resonant Switching Regulators
STR-X6768N ALLEGRO-STR-X6768N Datasheet
531Kb / 11P
   Off-Line Quasi-Resonant Switching Regulators
STR-X6769 ALLEGRO-STR-X6769 Datasheet
494Kb / 11P
   Off-Line Quasi-Resonant Switching Regulators
STR-X6757_V ALLEGRO-STR-X6757_V Datasheet
444Kb / 9P
   Off-Line Quasi-Resonant Switching Regulators
STR-X6769_V ALLEGRO-STR-X6769_V Datasheet
408Kb / 9P
   Off-Line Quasi-Resonant Switching Regulators
STR-X6737 ALLEGRO-STR-X6737 Datasheet
555Kb / 11P
   Off-Line Quasi-Resonant Switching Regulators
STR-X6759N_V ALLEGRO-STR-X6759N_V Datasheet
434Kb / 9P
   Off-Line Quasi-Resonant Switching Regulators
logo
Sanken electric
STR-Y6753 SANKEN-STR-Y6753 Datasheet
292Kb / 11P
   Off-Line Quasi-Resonant Switching Regulators
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com