Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

STR-V153 Datasheet(PDF) 2 Page - Sanken electric

Part # STR-V153
Description  Low Profile and Creeping distance of 4mm Package
Download  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SANKEN [Sanken electric]
Direct Link  http://www.sanken-ele.co.jp/en
Logo SANKEN - Sanken electric

STR-V153 Datasheet(HTML) 2 Page - Sanken electric

  STR-V153 Datasheet HTML 1Page - Sanken electric STR-V153 Datasheet HTML 2Page - Sanken electric STR-V153 Datasheet HTML 3Page - Sanken electric STR-V153 Datasheet HTML 4Page - Sanken electric STR-V153 Datasheet HTML 5Page - Sanken electric STR-V153 Datasheet HTML 6Page - Sanken electric STR-V153 Datasheet HTML 7Page - Sanken electric STR-V153 Datasheet HTML 8Page - Sanken electric STR-V153 Datasheet HTML 9Page - Sanken electric Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 10 page
background image
Low Profile and Creeping distance of 4mm Package
650V, 2.0Ω, tOFF= 11.5µs PRC Off-Line Switching Regulator
STR-V153
SANKEN ELECTRIC CO.,LTD.
Mar/28/2012
2
2
Absolute Maximum Ratings
(1)
Valid at Ta=25°C unless otherwise specified
Characteristic
Pins
Symbol
Rating
Unit
Notes
Drain Current
(2)
1−3
IDPEAK
5.0
A
Single pulse
Maximum Switching Current
1−3
IDMAX
5.0
A
V3-5=1.28V
Ta= −20 to +125°C
Avalanche Energy
(3)
1−3
EAS
130
mJ
Single pulse
VDD=99V, L=20mH
IL=3.35A
S/OCP Pin Voltage
3−5
VS/OCP
−0.5 to 6
V
Supply Voltage for Control Circuit
4−5
VCC
35
V
FB /OLP Pin Voltage
6−5
VFB/OLP
−0.5 to 10
V
Startup Pin Voltage
8−5
VSTARTUP
−0.3 to 600
V
Power Dissipation in MOSFET
(4)
1−3
PD1
11.4
W
With infinite heat sink
1.6
W
Without heat sink
Power Dissipation in Control Circuit
(5)
4−5
PD2
0.15
W
Specified by VCC×ICC
Internal Frame Temperature
in Operation
TF
−20 to +125
°C
Recommended internal
frame temperature
TF= 115°C (Max)
Operating Ambient Temperature
TOP
−20 to +125
°C
Storage Temperature
Tstg
−40 to +125
°C
Channel Temperature
Tch
+150
°C
(1)Current characteristics are defined based on IC as sink (+), or source (−)
(2)Refer to MOSFET Safe Operating Area Curve
(3)Refer to MOSFET Avalanche Energy Derating Coefficient Curve
(4)Refer to MOSFET Temperature versus Power Dissipation Curve1
(5)Refer to MOSFET Temperature versus Power Dissipation Curve2


Similar Part No. - STR-V153

ManufacturerPart #DatasheetDescription
logo
Sanken electric
STR-V152 SANKEN-STR-V152 Datasheet
890Kb / 10P
   Low Profile and Creeping distance of 4mm Package
More results

Similar Description - STR-V153

ManufacturerPart #DatasheetDescription
logo
Sanken electric
STR-V152 SANKEN-STR-V152 Datasheet
890Kb / 10P
   Low Profile and Creeping distance of 4mm Package
STR-V653 SANKEN-STR-V653 Datasheet
335Kb / 10P
   Low height and Creeping distance of 4mm or longer
logo
Shenzhen Luguang Electr...
MBF8 LUGUANG-MBF8 Datasheet
526Kb / 2P
   Low profile package
logo
Shanghai Semitech Semic...
4.0SMDJ SEMITECH-4.0SMDJ Datasheet
490Kb / 5P
   Low profile package
10KP SEMITECH-10KP Datasheet
483Kb / 4P
   Low profile package
SMCJ440CA SEMITECH-SMCJ440CA Datasheet
245Kb / 6P
   Low profile package
MMF SEMITECH-MMF Datasheet
497Kb / 5P
   Low profile package
logo
Shenzhen Luguang Electr...
BYG10D LUGUANG-BYG10D Datasheet
1Mb / 4P
   Low profile package
logo
Central Semiconductor C...
PBCBRLD1_1509 CENTRAL-PBCBRLD1_1509 Datasheet
1Mb / 2P
   Low profile package
logo
Shenzhen Luguang Electr...
MBF6 LUGUANG-MBF6 Datasheet
526Kb / 2P
   Low profile package
More results


Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com