Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

PIC32MX170F256D Datasheet(PDF) 4 Page - Microchip Technology

Part # PIC32MX170F256D
Description  32-bit Microcontrollers (up to 256 KB Flash and 64 KB SRAM) with Audio and Graphics Interfaces, USB, and Advanced Analog
Download  330 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

PIC32MX170F256D Datasheet(HTML) 4 Page - Microchip Technology

  PIC32MX170F256D Datasheet HTML 1Page - Microchip Technology PIC32MX170F256D Datasheet HTML 2Page - Microchip Technology PIC32MX170F256D Datasheet HTML 3Page - Microchip Technology PIC32MX170F256D Datasheet HTML 4Page - Microchip Technology PIC32MX170F256D Datasheet HTML 5Page - Microchip Technology PIC32MX170F256D Datasheet HTML 6Page - Microchip Technology PIC32MX170F256D Datasheet HTML 7Page - Microchip Technology PIC32MX170F256D Datasheet HTML 8Page - Microchip Technology PIC32MX170F256D Datasheet HTML 9Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 330 page
background image
PIC32MX1XX/2XX
DS60001168F-page 4
© 2011-2014 Microchip Technology Inc.
Pin Diagrams
Note
1:
The RPn pins can be used by remappable peripherals. See Table 1 for the available peripherals and Section 11.3 “Peripheral
Pin Select”
for restrictions.
2:
Every I/O port pin (RAx-RCx) can be used as a change notification pin (CNAx-CNCx). See Section 11.0 “I/O Ports” for more
information.
VREF+/CVREF+/AN0/C3INC/RPA0/CTED1/RA0
VREF-/CVREF-/AN1/RPA1/CTED2/RA1
AN9/C3INA/RPB15/SCK2/CTED6/PMCS1/RB15
PGED1/AN2/C1IND/C2INB/C3IND/RPB0/RB0
CVREFOUT/AN10/C3INB/RPB14/SCK1/CTED5/PMWR/RB14
PGEC1/AN3/C1INC/C2INA/RPB1/CTED12/RB1
AN11/RPB13/CTPLS/PMRD/RB13
AN4/C1INB/C2IND/RPB2/SDA2/CTED13/RB2
AN12/PMD0/RB12
PGEC2/TMS/RPB11/PMD1/RB11
VSS
PGED2/RPB10/CTED11/PMD2/RB10
OSC1/CLKI/RPA2/RA2
OSC2/CLKO/RPA3/PMA0/RA3
VSS
SOSCI/RPB4/RB4
TDO/RPB9/SDA1/CTED4/PMD3/RB9
SOSCO/RPA4/T1CK/CTED9/PMA1/RA4
TCK/RPB8/SCL1/CTED10/PMD4/RB8
VDD
TDI/RPB7/CTED3/PMD5/INT0/RB7
PGEC3/RPB6/PMD6/RB6
AVDD
AVSS
AN5/C1INA/C2INC/RTCC/RPB3/SCL2/RB3
28-Pin SOIC, SPDIP, SSOP(1,2)
= Pins are up to 5V tolerant
MCLR
VCAP
PGED3/RPB5/PMD7/RB5
MCLR
128
AVDD
PGED3/VREF+/CVREF+/AN0/C3INC/RPA0/CTED1/PMD7/RA0
227
AVSS
PGEC3/VREF-/CVREF-/AN1/RPA1/CTED2/PMD6/RA1
3
26
AN9/C3INA/RPB15/SCK2/CTED6/PMCS1/RB15
PGED1/AN2/C1IND/C2INB/C3IND/RPB0/PMD0/RB0
4
25
CVREFOUT/AN10/C3INB/RPB14/VBUSON/SCK1/CTED5/RB14
PGEC1/AN3/C1INC/C2INA/RPB1/CTED12/PMD1/RB1
5
24
AN11/RPB13/CTPLS/PMRD/RB13
AN4/C1INB/C2IND/RPB2/SDA2/CTED13/PMD2/RB2
6
23
VUSB3V3
AN5/C1INA/C2INC/RTCC/RPB3/SCL2/PMWR/RB3
7
22
PGEC2/RPB11/D-/RB11
VSS
8
21
PGED2/RPB10/D+/CTED11/RB10
OSC1/CLKI/RPA2/RA2
9
20
VCAP
OSC2/CLKO/RPA3/PMA0/RA3
10
19
VSS
SOSCI/RPB4/RB4
11
18
TDO/RPB9/SDA1/CTED4/PMD3/RB9
SOSCO/RPA4/T1CK/CTED9/PMA1/RA4
12
17
TCK/RPB8/SCL1/CTED10/PMD4/RB8
VDD
13
16
TDI/RPB7/CTED3/PMD5/INT0/RB7
TMS/RPB5/USBID/RB5
14
15
VBUS
PIC32MX210F016B
PIC32MX220F032B
128
227
326
425
524
623
722
821
920
10
19
11
18
12
17
13
16
14
15
PIC32MX110F016B
PIC32MX120F032B
PIC32MX130F064B
PIC32MX150F128B
PIC32MX230F064B
PIC32MX250F128B
PIC32MX170F256B
PIC32MX270F256B


Similar Part No. - PIC32MX170F256D

ManufacturerPart #DatasheetDescription
logo
Microchip Technology
PIC32MX110F016B MICROCHIP-PIC32MX110F016B Datasheet
6Mb / 320P
   32-bit Microcontrollers (up to 128 KB Flash and 32 KB SRAM) with Audio and Graphics Interfaces, USB, and Advanced Analog
2011-2012
PIC32MX110F016B MICROCHIP-PIC32MX110F016B Datasheet
6Mb / 328P
   32-bit Microcontrollers (up to 128 KB Flash and 32 KB SRAM) with Audio and Graphics Interfaces, USB, and Advanced Analog
11/29/11
PIC32MX110F016B MICROCHIP-PIC32MX110F016B Datasheet
6Mb / 320P
   32-bit Microcontrollers (up to 128 KB Flash and 32 KB SRAM) with Audio and Graphics Interfaces, USB, and Advanced Analog
11/29/11
PIC32MX110F016C MICROCHIP-PIC32MX110F016C Datasheet
6Mb / 320P
   32-bit Microcontrollers (up to 128 KB Flash and 32 KB SRAM) with Audio and Graphics Interfaces, USB, and Advanced Analog
2011-2012
PIC32MX110F016C MICROCHIP-PIC32MX110F016C Datasheet
6Mb / 328P
   32-bit Microcontrollers (up to 128 KB Flash and 32 KB SRAM) with Audio and Graphics Interfaces, USB, and Advanced Analog
11/29/11
More results

Similar Description - PIC32MX170F256D

ManufacturerPart #DatasheetDescription
logo
Microchip Technology
PIC32MX1XX MICROCHIP-PIC32MX1XX Datasheet
6Mb / 320P
   32-bit Microcontrollers (up to 128 KB Flash and 32 KB SRAM) with Audio and Graphics Interfaces, USB, and Advanced Analog
2011-2012
PIC32MX150F128B-I MICROCHIP-PIC32MX150F128B-I Datasheet
6Mb / 320P
   32-bit Microcontrollers (up to 128 KB Flash and 32 KB SRAM) with Audio and Graphics Interfaces, USB, and Advanced Analog
11/29/11
PIC32MX120F032B-I-SS MICROCHIP-PIC32MX120F032B-I-SS Datasheet
6Mb / 328P
   32-bit Microcontrollers (up to 128 KB Flash and 32 KB SRAM) with Audio and Graphics Interfaces, USB, and Advanced Analog
11/29/11
PIC32MX1XX MICROCHIP-PIC32MX1XX_12 Datasheet
6Mb / 328P
   32-bit Microcontrollers (up to 128 KB Flash and 32 KB SRAM) with Audio and Graphics Interfaces, USB, and Advanced Analog
11/29/11
PIC32MX330 MICROCHIP-PIC32MX330 Datasheet
12Mb / 344P
   32-bit Microcontrollers (up to 512 KB Flash and 128 KB SRAM) with Audio/Graphics/Touch (HMI), USB, and Advanced Analog
11/29/12 2012-2013
PIC24HJXXXGPX06A MICROCHIP-PIC24HJXXXGPX06A_12 Datasheet
5Mb / 326P
   16-bit Microcontrollers (up to 256 KB Flash and 16 KB SRAM) with Advanced Analog
11/29/11
PIC24HJ32GP202 MICROCHIP-PIC24HJ32GP202_12 Datasheet
4Mb / 290P
   16-bit Microcontrollers (up to 32 KB Flash and 2 KB SRAM) with Advanced Analog
11/29/11
PIC32MX5XX MICROCHIP-PIC32MX5XX_13 Datasheet
8Mb / 448P
   32-bit Microcontrollers (up to 512 KB Flash and 128 KB SRAM) with Graphics Interface, USB, CAN, and Ethernet
11/29/12 2009-2013
PIC24FJ16MC101 MICROCHIP-PIC24FJ16MC101_12 Datasheet
5Mb / 350P
   16-bit Microcontrollers (up to 32 KB Flash and 2 KB SRAM)
11/29/11
DSPIC33EPXXXGP50X MICROCHIP-DSPIC33EPXXXGP50X Datasheet
9Mb / 504P
   16-bit Microcontrollers and Digital Signal Controllers (up to 256 KB Flash and 32 KB SRAM) with High-Speed PWM, Op amps, and Advanced Analog
2011
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com