Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

STR-A6063HD Datasheet(PDF) 6 Page - Sanken electric

Part # STR-A6063HD
Description  PWM Off-Line Switching Regulator ICs
Download  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SANKEN [Sanken electric]
Direct Link  http://www.sanken-ele.co.jp/en
Logo SANKEN - Sanken electric

STR-A6063HD Datasheet(HTML) 6 Page - Sanken electric

Back Button STR-A6063HD Datasheet HTML 2Page - Sanken electric STR-A6063HD Datasheet HTML 3Page - Sanken electric STR-A6063HD Datasheet HTML 4Page - Sanken electric STR-A6063HD Datasheet HTML 5Page - Sanken electric STR-A6063HD Datasheet HTML 6Page - Sanken electric STR-A6063HD Datasheet HTML 7Page - Sanken electric STR-A6063HD Datasheet HTML 8Page - Sanken electric STR-A6063HD Datasheet HTML 9Page - Sanken electric STR-A6063HD Datasheet HTML 10Page - Sanken electric Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 13 page
background image
6
SANKEN ELECTRIC CO., LTD.
STR-A6000HD-DS
PWM Off-Line Switching Regulator ICs
STR-A6000HD
Series
January 8, 2013
Time (s)
10
1
0.1
0.01
10-6
10-5
10-4
10-3
10-2
10-1
Transient Thermal Resistance Curve
Ambient Temperature, TA (°C)
1.6
1.4
1.2
1.0
0.8
0.6
0.4
0.2
0
0
20406080
120
100
160
140
MOSFET Temperature versus Power Dissipation Curve
PD1 = 1.35 W
Channel Temperature, Tch (°C)
100
80
60
40
20
0
25
50
75
125
100
150
MOSFET Avalanche Energy Derating Coefficient Curve
Drain-to-Source Voltage, VDS (V)
10
1
0.1
0.01 1
10
100
1000
MOSFET Safe Operating Area Curve
Drain current limited
by on-resistance
TA = 25°C
Single Pulse
To use this graph, apply the S.O.A
temperature derating coefficient
taken from the graph at the left
1 ms
0.1 ms
Channel Temperature, Tch (°C)
100
80
60
40
20
0
0
25
50
75
100
125
150
S. O. A. Temperature Derating Coefficient Curve
Characteristic Performance
STR-A6062HD


Similar Part No. - STR-A6063HD

ManufacturerPart #DatasheetDescription
logo
Sanken electric
STR-A6063HD SANKEN-STR-A6063HD Datasheet
787Kb / 28P
   Off-Line PWM Controllers with Integrated Power MOSFET
More results

Similar Description - STR-A6063HD

ManufacturerPart #DatasheetDescription
logo
Sanken electric
STR-A607XM SANKEN-STR-A607XM Datasheet
278Kb / 13P
   PWM Off-Line Switching Regulator ICs
logo
Allegro MicroSystems
STR3A151D ALLEGRO-STR3A151D Datasheet
265Kb / 14P
   PWM Off-Line Switching Regulator ICs
STR-A6000M ALLEGRO-STR-A6000M Datasheet
277Kb / 13P
   PWM Off-Line Switching Regulator ICs
logo
Sanken electric
STR-A606XH SANKEN-STR-A606XH Datasheet
279Kb / 13P
   PWM Off-Line Switching Regulator ICs
STR3A151D SANKEN-STR3A151D Datasheet
265Kb / 14P
   PWM Off-Line Switching Regulator ICs
STR3A161HD SANKEN-STR3A161HD Datasheet
255Kb / 12P
   PWM Off-Line Switching Regulator ICs
logo
Allegro MicroSystems
STR3A161HD ALLEGRO-STR3A161HD Datasheet
254Kb / 12P
   PWM Off-Line Switching Regulator ICs
logo
Sanken electric
STR3A151 SANKEN-STR3A151 Datasheet
265Kb / 14P
   PWM Off-Line Switching Regulator ICs
logo
Allegro MicroSystems
STR3A151 ALLEGRO-STR3A151 Datasheet
264Kb / 14P
   PWM Off-Line Switching Regulator ICs
logo
Sanken electric
STR-A605XM SANKEN-STR-A605XM Datasheet
278Kb / 13P
   PWM Off-Line Switching Regulator ICs
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com