Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

AT24C08AN-10SU-1.8 Datasheet(PDF) 1 Page - ATMEL Corporation

Part # AT24C08AN-10SU-1.8
Description  Write Protect Pin for Hardware Data Protection
Download  21 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ATMEL [ATMEL Corporation]
Direct Link  http://www.atmel.com
Logo ATMEL - ATMEL Corporation

AT24C08AN-10SU-1.8 Datasheet(HTML) 1 Page - ATMEL Corporation

  AT24C08AN-10SU-1.8 Datasheet HTML 1Page - ATMEL Corporation AT24C08AN-10SU-1.8 Datasheet HTML 2Page - ATMEL Corporation AT24C08AN-10SU-1.8 Datasheet HTML 3Page - ATMEL Corporation AT24C08AN-10SU-1.8 Datasheet HTML 4Page - ATMEL Corporation AT24C08AN-10SU-1.8 Datasheet HTML 5Page - ATMEL Corporation AT24C08AN-10SU-1.8 Datasheet HTML 6Page - ATMEL Corporation AT24C08AN-10SU-1.8 Datasheet HTML 7Page - ATMEL Corporation AT24C08AN-10SU-1.8 Datasheet HTML 8Page - ATMEL Corporation AT24C08AN-10SU-1.8 Datasheet HTML 9Page - ATMEL Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 21 page
background image
1
Features
Write Protect Pin for Hardware Data Protection
– Utilizes Different Array Protection Compared to the AT24C02/04/08/16
Low-voltage and Standard-voltage Operation
– 2.7 (V
CC = 2.7V to 5.5V)
– 1.8 (VCC = 1.8V to 5.5V)
Internally Organized 256 x 8 (2K), 512 x 8 (4K), 1024 x 8 (8K) or 2048 x 8 (16K)
2-wire Serial Interface
Schmitt Trigger, Filtered Inputs for Noise Suppression
Bi-directional Data Transfer Protocol
100 kHz (1.8V) and 400 kHz (2.5V, 2.7V, 5V) Clock Rate
8-byte Page (2K), 16-byte Page (4K, 8K, 16K) Write Modes
Partial Page Writes are Allowed
Self-timed Write Cycle (5 ms Max)
High Reliability
– Endurance: One Million Write Cycles
– Data Retention: 100 Years
Automotive Grade, Extended Temperature and Lead-Free/Halogen-Free
Devices Available
8-lead PDIP, 8-lead JEDEC SOIC, 8-lead MAP and 8-lead TSSOP Packages
Description
The AT24C02A/04A/08A/16A provides 2048/4096/8192/16384 bits of serial electri-
cally erasable and programmable read only memory (EEPROM) organized as
256/512/1024/2048 words of 8 bits each. The device is optimized for use in many
industrial and commercial applications where low power and low voltage operation are
essential. The AT24C02A/04A/08A/16A is available in space saving 8-lead PDIP,
8-lead JEDEC SOIC, 8-lead MAP and 8-lead TSSOP packages and is accessed via a
2-wire serial interface. In addition, the entire family is available in 2.7V (2.7V to 5.5V)
and 1.8V (1.8V to 5.5V) versions.
2-wire Serial
EEPROM
2K (256 x 8)
4K (512 x 8)
8K (1024 x 8)
16K (2048 x 8)
AT24C02A
AT24C04A
AT24C08A
AT24C16A
Rev. 0976L–SEEPR–1/04
Pin Configurations
Pin Name
Function
A0 - A2
Address Inputs
SDA
Serial Data
SCL
Serial Clock Input
WP
Write Protect
NC
No-connect
8-lead PDIP
1
2
3
4
8
7
6
5
A0
A1
A2
GND
VCC
WP
SCL
SDA
8-lead SOIC
1
2
3
4
8
7
6
5
A0
A1
A2
GND
VCC
WP
SCL
SDA
8-lead TSSOP
1
2
3
4
8
7
6
5
A0
A1
A2
GND
VCC
WP
SCL
SDA
8-lead MAP
Bottom View
1
2
3
4
8
7
6
5
VCC
WP
SCL
SDA
A0
A1
A2
GND


Similar Part No. - AT24C08AN-10SU-1.8

ManufacturerPart #DatasheetDescription
logo
ATMEL Corporation
AT24C08AN-10SU-1.8 ATMEL-AT24C08AN-10SU-1.8 Datasheet
260Kb / 24P
   2-Wire Serial EEPROM
AT24C08AN-10SU-1.8 ATMEL-AT24C08AN-10SU-1.8 Datasheet
617Kb / 26P
   Two-wire Serial EEPROM
More results

Similar Description - AT24C08AN-10SU-1.8

ManufacturerPart #DatasheetDescription
logo
ATMEL Corporation
AT24HC04B ATMEL-AT24HC04B_14 Datasheet
706Kb / 18P
   Write Protect Pin for Hardware Data Protection
AT24C02A ATMEL-AT24C02A_14 Datasheet
563Kb / 16P
   Write Protect Pin for Hardware Data Protection
AT24C16A ATMEL-AT24C16A_14 Datasheet
257Kb / 20P
   Write Protect Pin for Hardware Data Protection
AT24C32A ATMEL-AT24C32A_14 Datasheet
228Kb / 18P
   Write Protect Pin for Hardware Data Protection
AT24C128 ATMEL-AT24C128_14 Datasheet
149Kb / 17P
   Write Protect Pin for Hardware and Software Data Protection
AT24C256 ATMEL-AT24C256_14 Datasheet
149Kb / 17P
   Write Protect Pin for Hardware and Software Data Protection
AT34C02B ATMEL-AT34C02B_14 Datasheet
478Kb / 21P
   Hardware Write Protection for the Entire Array
AT34C02C ATMEL-AT34C02C_14 Datasheet
412Kb / 18P
   Hardware Write Protection for the Entire Array
logo
Micross Components
AS28C010 MICROSS-AS28C010 Datasheet
307Kb / 15P
   Hardware Data Protection
logo
ATMEL Corporation
AT28BV64B ATMEL-AT28BV64B_14 Datasheet
398Kb / 17P
   Hardware and Software Data Protection
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com