Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

AT24C08AN-10SI-1.8 Datasheet(PDF) 9 Page - ATMEL Corporation

Part # AT24C08AN-10SI-1.8
Description  Write Protect Pin for Hardware Data Protection
Download  21 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ATMEL [ATMEL Corporation]
Direct Link  http://www.atmel.com
Logo ATMEL - ATMEL Corporation

AT24C08AN-10SI-1.8 Datasheet(HTML) 9 Page - ATMEL Corporation

Back Button AT24C08AN-10SI-1.8 Datasheet HTML 5Page - ATMEL Corporation AT24C08AN-10SI-1.8 Datasheet HTML 6Page - ATMEL Corporation AT24C08AN-10SI-1.8 Datasheet HTML 7Page - ATMEL Corporation AT24C08AN-10SI-1.8 Datasheet HTML 8Page - ATMEL Corporation AT24C08AN-10SI-1.8 Datasheet HTML 9Page - ATMEL Corporation AT24C08AN-10SI-1.8 Datasheet HTML 10Page - ATMEL Corporation AT24C08AN-10SI-1.8 Datasheet HTML 11Page - ATMEL Corporation AT24C08AN-10SI-1.8 Datasheet HTML 12Page - ATMEL Corporation AT24C08AN-10SI-1.8 Datasheet HTML 13Page - ATMEL Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 21 page
background image
9
AT24C02A/04A/08A/16A
0976L–SEEPR–1/04
Device Addressing
The 2K, 4K and 8K EEPROM devices all require an 8 bit device address word following
a start condition to enable the chip for a read or write operation (refer to Figure 1).
The device address word consists of a mandatory one, zero sequence for the first four
most significant bits as shown. This is common to all the EEPROM devices.
The next 3 bits are the A2, A1 and A0 device address bits for the 2K EEPROM. These
3 bits must compare to their corresponding hard-wired input pins.
The 4K EEPROM only uses the A2 and A1 device address bits with the third bit being a
memory page address bit. The two device address bits must compare to their corre-
sponding hard-wired input pins. The A0 pin is no-connect.
The 8K EEPROM only uses the A2 device address bit with the next 2 bits being for
memory page addressing. The A2 bit must compare to its corresponding hard-wired
input pin. The A1 and A0 pins are no-connect.
The 16K EEPROM does not use the device address pins, which limits the number of
devices on a single bus to one. The A0, A1 and A2 pins are no-connects.
The eighth bit of the device address is the read/write operation select bit. A read opera-
tion is initiated if this bit is high and a write operation is initiated if this bit is low.
Upon a compare of the device address, the EEPROM will output a zero. If a compare is
not made, the chip will return to a standby state.
Write Operations
BYTE WRITE: A write operation requires an 8 bit data word address following the
device address word and acknowledgement. Upon receipt of this address, the EEPROM
will again respond with a zero and then clock in the first 8 bit data word. Following
receipt of the 8 bit data word, the EEPROM will output a zero and the addressing
device, such as a microcontroller, must terminate the write sequence with a stop condi-
tion. At this time the EEPROM enters an internally-timed write cycle, tWR, to the
nonvolatile memory. All inputs are disabled during this write cycle and the EEPROM will
not respond until the write is complete (refer to Figure 2).
PAGE WRITE: The 2K EEPROM is capable of an 8-byte page write, and the 4K, 8K and
16K devices are capable of 16-byte page writes.
A page write is initiated the same as a byte write, but the microcontroller does not send
a stop condition after the first data word is clocked in. Instead, after the EEPROM
acknowledges receipt of the first data word, the microcontroller can transmit up to seven
(2K) or fifteen (4K, 8K, 16K) more data words. The EEPROM will respond with a zero
after each data word received. The microcontroller must terminate the page write
sequence with a stop condition (refer to Figure 3).
The data word address lower three (2K) or four (4K, 8K, 16K) bits are internally incre-
mented following the receipt of each data word. The higher data word address bits are
not incremented, retaining the memory page row location. When the word address,
internally generated, reaches the page boundary, the following byte is placed at the
beginning of the same page. If more than eight (2K) or sixteen (4K, 8K, 16K) data words
are transmitted to the EEPROM, the data word address will “roll over” and previous data
will be overwritten.
ACKNOWLEDGE POLLING: Once the internally-timed write cycle has started and the
EEPROM inputs are disabled, acknowledge polling can be initiated. This involves send-
ing a start condition followed by the device address word. The read/write bit is
representative of the operation desired. Only if the internal write cycle has completed
will the EEPROM respond with a zero allowing the read or write sequence to continue.


Similar Part No. - AT24C08AN-10SI-1.8

ManufacturerPart #DatasheetDescription
logo
ATMEL Corporation
AT24C08AN-10SI-1.8 ATMEL-AT24C08AN-10SI-1.8 Datasheet
260Kb / 24P
   2-Wire Serial EEPROM
AT24C08AN-10SI-1.8 ATMEL-AT24C08AN-10SI-1.8 Datasheet
182Kb / 13P
   2-Wire Serial EEPROM
More results

Similar Description - AT24C08AN-10SI-1.8

ManufacturerPart #DatasheetDescription
logo
ATMEL Corporation
AT24HC04B ATMEL-AT24HC04B_14 Datasheet
706Kb / 18P
   Write Protect Pin for Hardware Data Protection
AT24C02A ATMEL-AT24C02A_14 Datasheet
563Kb / 16P
   Write Protect Pin for Hardware Data Protection
AT24C16A ATMEL-AT24C16A_14 Datasheet
257Kb / 20P
   Write Protect Pin for Hardware Data Protection
AT24C32A ATMEL-AT24C32A_14 Datasheet
228Kb / 18P
   Write Protect Pin for Hardware Data Protection
AT24C128 ATMEL-AT24C128_14 Datasheet
149Kb / 17P
   Write Protect Pin for Hardware and Software Data Protection
AT24C256 ATMEL-AT24C256_14 Datasheet
149Kb / 17P
   Write Protect Pin for Hardware and Software Data Protection
AT34C02B ATMEL-AT34C02B_14 Datasheet
478Kb / 21P
   Hardware Write Protection for the Entire Array
AT34C02C ATMEL-AT34C02C_14 Datasheet
412Kb / 18P
   Hardware Write Protection for the Entire Array
logo
Micross Components
AS28C010 MICROSS-AS28C010 Datasheet
307Kb / 15P
   Hardware Data Protection
logo
ATMEL Corporation
AT28BV64B ATMEL-AT28BV64B_14 Datasheet
398Kb / 17P
   Hardware and Software Data Protection
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com