Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

PIC24FJ48GA002 Datasheet(PDF) 2 Page - Microchip Technology

Part # PIC24FJ48GA002
Description  PIC24FJXXXGA0XX Flash Programming Specification
Download  52 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

PIC24FJ48GA002 Datasheet(HTML) 2 Page - Microchip Technology

  PIC24FJ48GA002 Datasheet HTML 1Page - Microchip Technology PIC24FJ48GA002 Datasheet HTML 2Page - Microchip Technology PIC24FJ48GA002 Datasheet HTML 3Page - Microchip Technology PIC24FJ48GA002 Datasheet HTML 4Page - Microchip Technology PIC24FJ48GA002 Datasheet HTML 5Page - Microchip Technology PIC24FJ48GA002 Datasheet HTML 6Page - Microchip Technology PIC24FJ48GA002 Datasheet HTML 7Page - Microchip Technology PIC24FJ48GA002 Datasheet HTML 8Page - Microchip Technology PIC24FJ48GA002 Datasheet HTML 9Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 52 page
background image
PIC24FJXXXGA0XX
DS39768D-page 2
© 2008 Microchip Technology Inc.
The regulator provides power to the core from the other
VDD pins. A low-ESR capacitor (such as tantalum) must
be connected to the VDDCORE pin (Figure 2-2 and
Figure 2-3). This helps to maintain the stability of the
regulator. The specifications for core voltage and capac-
itance are listed in Section 7.0 “AC/DC Characteristics
and Timing Requirements”.
FIGURE 2-2:
CONNECTIONS FOR THE
ON-CHIP REGULATOR
(64/80/100-PIN DEVICES)
FIGURE 2-3:
CONNECTIONS FOR THE
ON-CHIP REGULATOR
(28/44-PIN DEVICES)
VDD
ENVREG
VDDCORE/VCAP
VSS
PIC24FJXXXGA0XX
CEFC
3.3V
Regulator Enabled (ENVREG tied to VDD):
(10
μF typ)
Note 1: These are typical operating voltages. Refer
to Section 7.0 “AC/DC Characteristics and
Timing Requirements” for the full operating
ranges of VDD and VDDCORE.
VDD
ENVREG
VDDCORE/VCAP
VSS
PIC24FJXXXGA0XX
3.3V(1)
2.5V(1)
Regulator Disabled (ENVREG tied to ground):
VDD
ENVREG
VDDCORE/VCAP
VSS
PIC24FJXXXGA0XX
2.5V(1)
Regulator Disabled (VDD tied to VDDCORE):
VDD
DISVREG
VDDCORE/VCAP
VSS
PIC24FJXXXGA0XX
3.3V(1)
2.5V(1)
Regulator Disabled (DISVREG tied to VDD):
VDD
DISVREG
VDDCORE/VCAP
VSS
PIC24FJXXXGA0XX
2.5V(1)
Regulator Disabled (VDD tied to VDDCORE):
VDD
DISVREG
VDDCORE/VCAP
VSS
PIC24FJXXXGA0XX
CEFC
3.3V
(10
μF typ)
Regulator Enabled (DISVREG tied to VSS):
Note 1: These are typical operating voltages. Refer
to Section 7.0 “AC/DC Characteristics and
Timing Requirements” for the full operating
ranges of VDD and VDDCORE.


Similar Part No. - PIC24FJ48GA002

ManufacturerPart #DatasheetDescription
logo
Microchip Technology
PIC24FJ48GA002 MICROCHIP-PIC24FJ48GA002 Datasheet
2Mb / 278P
   28/44-Pin General Purpose, 16-Bit Flash Microcontrollers
11/29/11 2010-2013
PIC24FJ48GA002 MICROCHIP-PIC24FJ48GA002 Datasheet
216Kb / 24P
   PIC24FJ64GA004 Family Silicon Errata and Data Sheet Clarification
11/29/12
PIC24FJ48GA002 MICROCHIP-PIC24FJ48GA002 Datasheet
681Kb / 52P
   PIC24FJXXXGA0XX Flash Programming Specification
01/02/08
PIC24FJ48GA002 MICROCHIP-PIC24FJ48GA002 Datasheet
681Kb / 52P
   PIC24FJXXXGA0XX Flash Programming Specification
01/02/08
PIC24FJ48GA002 MICROCHIP-PIC24FJ48GA002 Datasheet
782Kb / 78P
   Debug Header Specification
2006-2012
More results

Similar Description - PIC24FJ48GA002

ManufacturerPart #DatasheetDescription
logo
Microchip Technology
PIC24FJ16GA004-EPT MICROCHIP-PIC24FJ16GA004-EPT Datasheet
681Kb / 52P
   PIC24FJXXXGA0XX Flash Programming Specification
01/02/08
PIC24FJ16GA002-ISS MICROCHIP-PIC24FJ16GA002-ISS Datasheet
681Kb / 52P
   PIC24FJXXXGA0XX Flash Programming Specification
01/02/08
DSPIC33F MICROCHIP-DSPIC33F Datasheet
988Kb / 80P
   Flash Programming Specification
2007
PIC18LF2XK22 MICROCHIP-PIC18LF2XK22 Datasheet
545Kb / 42P
   Flash Memory Programming Specification
01/05/10 2010
PIC16F72 MICROCHIP-PIC16F72_1 Datasheet
151Kb / 14P
   FLASH Memory Programming Specification
2002
PIC32MX795F512L-80IPT MICROCHIP-PIC32MX795F512L-80IPT Datasheet
1Mb / 68P
   PIC32 Flash Programming Specification
2007-2013
PIC18FXXK80 MICROCHIP-PIC18FXXK80 Datasheet
376Kb / 52P
   Flash Microcontroller Programming Specification
08/04/10 2011
PIC18F26J50-ISO MICROCHIP-PIC18F26J50-ISO Datasheet
619Kb / 32P
   Flash Microcontroller Programming Specification
03/26/09
PIC16F87 MICROCHIP-PIC16F87_1 Datasheet
402Kb / 24P
   Flash Memory Programming Specification
2002 - 2003
PIC18LF2X MICROCHIP-PIC18LF2X Datasheet
593Kb / 44P
   Flash Memory Programming Specification
11/29/11 2012
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com