Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

AT49F008AT-70CC Datasheet(PDF) 9 Page - ATMEL Corporation

Part # AT49F008AT-70CC
Description  8-megabit (1M x 8/512K x 16) Flash Memory
Download  17 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ATMEL [ATMEL Corporation]
Direct Link  http://www.atmel.com
Logo ATMEL - ATMEL Corporation

AT49F008AT-70CC Datasheet(HTML) 9 Page - ATMEL Corporation

Back Button AT49F008AT-70CC Datasheet HTML 5Page - ATMEL Corporation AT49F008AT-70CC Datasheet HTML 6Page - ATMEL Corporation AT49F008AT-70CC Datasheet HTML 7Page - ATMEL Corporation AT49F008AT-70CC Datasheet HTML 8Page - ATMEL Corporation AT49F008AT-70CC Datasheet HTML 9Page - ATMEL Corporation AT49F008AT-70CC Datasheet HTML 10Page - ATMEL Corporation AT49F008AT-70CC Datasheet HTML 11Page - ATMEL Corporation AT49F008AT-70CC Datasheet HTML 12Page - ATMEL Corporation AT49F008AT-70CC Datasheet HTML 13Page - ATMEL Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 17 page
background image
AT49F008A(T)/8192A(T)
9
AC Read Waveforms(1)(2)(3)(4)
Notes:
1.
CE may be delayed up to tACC - tCE after the address transition without impact on tACC.
2.
OE may be delayed up to t
CE - tOE after the falling edge of CE without impact on tCE or by tACC - tOE after an address change
without impact on t
ACC.
3.
tDF is specified from OE or CE whichever occurs first (CL = 5 pF).
4.
This parameter is characterized and is not 100% tested.
AC Read Characteristics
Symbol
Parameter
AT49F008A(T)/8192A(T)-70
AT49F008A(T)/8192A(T)-90
AT49F008A(T)/8192A(T)-120
Units
Min
Max
Min
Max
Min
Max
t
ACC
Address to
Output Delay
70
90
120
ns
t
CE
(1)
CE to Output Delay
70
90
120
ns
tOE
(2)
OE to Output Delay
0
30
0
40
0
50
ns
t
DF
(3)(4)
CE or OE to Output Float
0
25
0
25
0
30
ns
tOH
Output Hold from OE,
CE or Address,
whichever occurred first
00
0
ns
t
RO
RESET to Output Delay
800
800
800
ns
OE
RESET
CE
t
CE
t
OE
t
RO
t
ACC
t
DF
t
OH
ADDRESS
HIGH Z
OUTPUT
OUTPUT
ADDRESS VALID
VALID
Input Test Waveforms and Measurement Level
t
R, tF < 5 ns
3.0V
0.0V
Output Test Load
5.0V
Note:
1. This parameter is characterized and is not 100% tested.
Pin Capacitance
f = 1 MHz, T = 25
°C(1)
Typ
Max
Units
Conditions
CIN
46
pF
VIN = 0V
C
OUT
812
pF
V
OUT = 0V


Similar Part No. - AT49F008AT-70CC

ManufacturerPart #DatasheetDescription
logo
ATMEL Corporation
AT49F008AT ATMEL-AT49F008AT Datasheet
170Kb / 18P
   8-megabit (1M x 8/512K x 16) Flash Memory
More results

Similar Description - AT49F008AT-70CC

ManufacturerPart #DatasheetDescription
logo
ATMEL Corporation
AT49F008A ATMEL-AT49F008A Datasheet
170Kb / 18P
   8-megabit (1M x 8/512K x 16) Flash Memory
AT49BV008A ATMEL-AT49BV008A Datasheet
246Kb / 16P
   8-Megabit 1M x 8/ 512K x 16 CMOS Flash Memory
AT49BV8192A-11TI ATMEL-AT49BV8192A-11TI Datasheet
335Kb / 16P
   8-megabit (1M x 8/512K x 6) Flash memory
AT49F8011 ATMEL-AT49F8011 Datasheet
231Kb / 20P
   8-megabit (512K x 16/ 1M x 8) 5-volt Only Flash Memory
AT49BV802D ATMEL-AT49BV802D Datasheet
434Kb / 31P
   8-megabit (512K x 16/ 1M x 8) 3-volt Only Flash Memory
AT49BV8011 ATMEL-AT49BV8011 Datasheet
306Kb / 18P
   8-megabit (512K x 16/1M x 8) 3-volt Only Flash Memory
AT49BV802A ATMEL-AT49BV802A Datasheet
253Kb / 29P
   8-megabit (512K x 16/ 1M x 8) 3-volt Only Flash Memory
AT49BV8192 ATMEL-AT49BV8192 Datasheet
148Kb / 13P
   8-Megabit 512K x 16 CMOS Flash Memory
logo
Eon Silicon Solution In...
EN29LV800C EON-EN29LV800C Datasheet
1Mb / 40P
   8 Megabit (1024K x 8-bit / 512K x 16-bit) Flash Memory
logo
ATMEL Corporation
AT49BV040B ATMEL-AT49BV040B Datasheet
355Kb / 21P
   4-megabit (512K x 8) Flash Memory
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com